Part Number Hot Search : 
1N5233B SY88927V 4S1064 4017N ZB4BP5 70400 S100R 7P1002
Product Description
Full Text Search
 

To Download BC636-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc636-16 bc638 bc640 pnp epitaxial silicon transistors features through hole package capable of 830mwatts of power dissipation maximum ratings symbol rating value unit v ceo collector-emitter voltage bc636 -45 v bc63 8 - 60 v bc6 40 - 100 v v cbo collector-base voltage bc636 -45 v bc638 -60 v bc640 -80 v v ebo emitter-base voltage -5.0 v i c collector current -1.0 a i b base current -100 ma t j junction temperature -65 to +150 t stg storage temperature -65 to +150 electrical characteristics @ 25 c unless otherwise specified symbol parameter min typ max unit off characteristics v (br)ceo collector-emitter breakdown voltage (i c = - 1madc,i b =0) bc636 - 45 --- --- vdc bc638 -60 vdc bc640 -80 vdc i cbo collector cutoff current (v cb =-30vdc, i e =0) --- --- -0.1 adc i ebo emitter cutoff current (v eb =-5.0vdc, i c =0) --- --- -0.1 adc h fe(1) dc current gain (v ce =-2vdc, i c =-5madc) 40 --- --- h fe(2) dc current gain (v ce = - 2 vdc, i c = - 150 madc) bc636 - 10 63 160 bc636 - 16,bc638 ,bc640 100 250 h fe(3) dc current gain (v ce =-2vdc, i c =-500madc) 25 v ce(sat) collector-emitter saturation voltage (i c =-500madc,i b =-50madc) --- --- -0.5 vdc v be(on) base-emitter voltage (i c =-500madc, v ce =-2vdc) --- --- -1.0 vdc f t transition frequency (v ce =-5.0vdc, i c =-50madc, f=100mhz) 100 --- --- mhz BC636-10 to-92 dimensions inches mm dim min max min max note a .170 .190 4.33 4.83 b .170 .190 4.30 4.83 c .550 .590 13.97 14.97 d .010 .020 0.36 0.56 e .130 .160 3.30 3.96 g .010 .104 2.44 2.64 a e b c d g  
omponents 20736 marilla street chatsworth    !"# $
% !"# mcc tm micro commercial components revision: 1 2011 /01/01 www. mccsemi .com 1 of 2 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 e c b
mcc revision: 1 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 2 3 part number-bp bulk: 100kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-ap ammo packing: 2kpcs/ammo box


▲Up To Search▲   

 
Price & Availability of BC636-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X