Part Number Hot Search : 
ISL6124 S6698FD KDS190 06010 TSOP2 D2040 G4BC40K A5950
Product Description
Full Text Search
 

To Download APT10030L2VFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance technical information maximum ratings all ratings: t c = 25c unless otherwise specified. unit volts amps volts watts w/c c amps mj unit volts amps ohms a na volts min typ max 1000 33 0.300 250 1000 100 24 APT10030L2VFR 1000 33 132 30 40 830 6.67 -55 to 150 300 33 50 3200 APT10030L2VFR 1000v 33a 0.300 w characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 5ma) symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com power mos v ? usa 405 s.w. columbia street bend, oregon 97702 -1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 g d s 050-5994 rev- 9-2001 to-264 max fredfet power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. ? to-264 max package ? faster switching ? lower leakage ? 100% avalanche tested ? fast recovery body diode
advance technical information apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 dynamic characteristics APT10030L2VFR 050-5994 rev- 9-2001 to-264 max tm (l2) package outline 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 0.76 (.030) 1.30 (.051) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bsc 2-plcs. 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 5.88mh, r g = 25 w , peak i l = 33a 2 pulse test: pulse width < 380 s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. source-drain diode ratings and characteristics characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d [cont.]) peak diode recovery dv / dt 5 reverse recovery time (i s = -i d [cont.], di / dt = 100a/s) reverse recovery charge (i s = -i d [cont.], di / dt = 100a/s) peak recovery current (i s = -i d [cont.], di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 0.6 w min typ max 10600 1010 520 600 41 275 19 25 90 12 unit pf nc ns min typ max 33 132 1.3 5 t j = 25c 310 t j = 125c 625 t j = 25c 2.0 t j = 125c 6.0 t j = 25c 15 t j = 125c 26 thermal characteristics symbol r q jc r q ja min typ max 0.15 40 unit c/w characteristic junction to case junction to ambient


▲Up To Search▲   

 
Price & Availability of APT10030L2VFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X