Part Number Hot Search : 
MA4P150 HRDR1 100BG PIC16F87 B6552 ACS20D DP368 ITM1602A
Product Description
Full Text Search
 

To Download 87833-1621 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0878331621 status: active overview: milligrid description: 2.00mm (.079") pitch milli-grid? header, right angle, shrouded, lead-free, 16 circuits, 0.76m (30") gold (au) plating, without pcb locator, with locking windows, center polarization slot, tube documents: 3d model product specification ps-87831-027 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 87833 application wire-to-board comments contact molex for application in automotive industry overview milligrid product name milli-grid? physical breakaway no circuits (loaded) 16 circuits (maximum) 16 color - resin black durability (mating cycles max) 100 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin nylon number of rows 2 orientation right angle pc tail length (in) 0.085 in pc tail length (mm) 2.16 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.88 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87833 series mates with 50394 wire-to-board terminals. 51110 wire-to-board crimp housing. 87568 wire- to-board idt housings. 79107 board-to- board top entry through hole receptacle. 79108 board-to-board ffc/fpc top entry through hole receptacle. l
polarized to mating part side slots (2) polarized to pcb no shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 11 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers product specification ps-87831-027 sales drawing sd-87833-010 this document was generated on 05/25/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 87833-1621

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X