this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0511110310 status: active description: 2.50mm (.098") pitch wire-to-wire and wire-to-board receptacle housing, without retainer, 3 circuits documents: 3d model product specification ps-51111-002 (pdf) drawing (pdf) product specification ps-51111-003 (pdf) product specification ps-51111-001 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 51111 product name n/a physical circuits (maximum) 3 color - resin natural flammability 94v-0 gender female glow-wire compliant no material - resin polyester number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm stackable no temperature range - operating -40c to +105c material info reference - drawing numbers product specification ps-51111-001, ps-51111-002, ps-51111-003, rps-51111-001, rps-51111-004, rps-51111-005, rps-51111-006, rps-51112-003 sales drawing sd-51111-**10 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51111 series mates with 51112 , 51112wr , 53561 , 53730 use with 50397 this document was generated on 04/16/2010 please check www.molex.com for latest part information
|