Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download 5015912011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 5015912011 status: active overview: slimstack_mm016_pitch description: 0.40mm (.016") pitch slimstack? board-to-board receptacle, smt, dual row, vertical stacking, 0.90mm (.035") stacking height, with solder tabs, 20 circuits documents: 3d model product specification ps-501591-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-501591-002 (pdf) general product family pcb receptacles series 501591 application board-to-board overview slimstack_mm016_pitch product name slimstack? physical circuits (loaded) 20 color - resin black durability (mating cycles max) 20 glow-wire compliant no lock to mating part yes mated height (in) 0.035 in mated height (mm) 0.90 mm material - metal phosphor bronze material - plating mating gold number of rows 2 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.016 in pitch - mating interface (mm) 0.40 mm polarized to mating part no polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 0.3a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers packaging specification spk-501591-001 product specification ps-501591-002, ps-501591-003, rps-501591-007, rps-501591-010, rps-501591-011, rps-501591-012, rps-501591-013, rps-501591-014, rps-501591-015, rps-501591-016, rps-501591-017, rps-501591-019, rps-501591-020 sales drawing sd-501591-005, sd-501591-006 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 501591 series mates with 501594 pcb header
this document was generated on 05/24/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 5015912011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X