Part Number Hot Search : 
324DNSP 677AS MB15E07 0ETTTS 8HC908AZ DVC75 PC1313HA SMCJ3
Product Description
Full Text Search
 

To Download 50133-8000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0501338000 status: active overview: picoblade description: 1.25mm (.049") pitch picoblade? crimp terminal, male, 28-32 awg, reel documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51021-009 (pdf) general product family crimp terminals series 50133 crimp quality equipment yes overview picoblade product name picoblade? physical gender male material - metal phosphor bronze material - plating mating tin material - plating termination tin packaging type reel plating min: mating (in) 35 plating min: mating (m) 0.90 plating min: termination (in) 36 plating min: termination (m) 0.90 termination interface: style crimp or compression wire insulation diameter 0.50-1.00mm (.020-.039") wire size awg 28, 30, 32 wire size mm2 n/a electrical current - maximum per contact 0.8a, 1a voltage - maximum 125v material info reference - drawing numbers product specification ps-51021-009, rps-51021-033 sales drawing sd-50133-8*00 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 50133 series mates with 50058 crimp terminal, 50079 crimp terminal use with 51047 crimp housing application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hand crimp tool for 1.25mm (.049") pitch picoblade? crimp terminals, 26-32 awg 0638190400 fineadjust? applicator for 1.25mm (.049") pitch 0639004200
board in, wire-to- board and wire-to- wire terminal, 26-32 awg t2 terminator tooling die 0639104200 extraction tool 0011030043 japan description product # extraction tool 0570726000 applicator for m211a bench press, 26-32 awg, for 50125 and 50133 crimp terminal 0571383000 side-feed applicator for full-auto machine 0571383200 this document was generated on 05/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 50133-8000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X