Part Number Hot Search : 
WFF12N60 BC858 TIP150 67600973 1N493 1500A 10400 ATTIN
Product Description
Full Text Search
 

To Download 2SCR523EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/2 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2010.09 - rev.a general purpose transistor(50v,0.1a) 2scr523m / 2scr523e b / 2scr523ub ? structure ? dimensions (unit : mm) npn silicon epitaxial planar transistor ? features 1) complements the 2sar523m / 2sar523eb / 2sar523ub. ? applications switch, led driver ? packaging specifications packaging type code taping basic ordering unit (pieces) t2l 8000 taping tl 3000 taping tl 3000 2scr523m 2SCR523EB 2scr523ub package vmt3 emt3f umt3f type ? absolute maximum ratings (ta=25 ? c) ? inner circuit symbol limits unit v cbo 50 v 50 v v v ceo v ebo 5 ma 200 i c i cp ma 100 t j 150 c t stg ? 55 to + 150 c p d 200 150 mw mw ? 1 ? 2 collector-base voltage collector-emitter voltage emitter-base voltage collector current junction temperature range of storage temperature power dissipation ? 1 pw=1ms single pulse ? 2 each terminal mounted on a recommended land parameter 2scr523m,2SCR523EB 2scr523ub ? electrical characteristics (ta=25 ? c) parameter symbol min. typ. max. unit conditions bv ceo bv cbo bv ebo i cbo i ebo v ce(sat) f t cob 50 50 5 ? ? ? ? ? ? ? ? ? ? 350 0.10 1.6 ? ? ? 0.1 0.1 0.30 ? ? v v v a a v mhz pf i c = 50 a i c = 1ma i e = 50 a v cb = 50v v eb = 5v i c = 50ma, i b = 5ma h fe 120 ? 560 ? v ce = 10v, i e =? 10ma, f = 100mhz v ce = 6v, i c = 1ma v cb = 10v, i e = 0a, f = 1mhz output capacitance transition frequency collector-emitter saturation voltage emitter cut-off current collector cut-off current emitter-base breakdown voltage collector-emitter breakdown voltage collector-base breakdown voltage dc current gain vmt3 emt3f (1) (2) (3) umt3f 2.0 0.32 0.65 0.65 1.3 2.1 1.25 0.425 0.425 (1) (2) (3) 0.9 0.53 0.53 0.13 abbreviated symbol : nb abbreviated symbol : nb abbreviated symbol : nb (1) (3) (2) (1) base (2) emitter (3) collector
2/2 www.rohm.com c 2009 rohm co., ltd. all rights reserved. 2010.09 - rev.a data sheet 2scr523m / 2SCR523EB / 2scr523ub ? electrical characteristics curves 0.01 0.1 1 10 100 0 0.6 0.8 0.4 0.2 1 0.01 0.1 1 1 10 100 0.01 0.1 1 1 10 100 0 10 20 30 40 50 012345 i b =350ua i b =300ua i b =250ua i b =200ua i b =150ua i b =100ua i b =50ua i b =0a i b =500ua i b =450ua i b =400ua 10 100 1000 0.1 1 10 100 ? ? ? ?? ?? ? ? ? cob cib ? ? ? ?? ? ? ? ? collector current : i c (ma) base to emitter voltage : v be (v) collector current : i c (ma) collector to emitter voltage : v ce (v) collector current : i c (ma) dc curent gain : h fe transition frequency :f t (mhz) emitter current : i e (ma) collector saturation voltage : v ce (sat) (v) collector current : i c (ma) collector current : i c (ma) collector saturation voltage : v ce (sat) (v) collector to base voltage : v cb (v) emitter to base voltage : v eb (v) cob (pf) cib (pf) ta=25 c f=1mhz i e =0 i c =0 i c /i b = 20/1 i c /i b = 10/1 ta=125 c 25 c - 55 c v ce = 10v ta=25 c i c /i b = 10/1 ta=125 c 25 c - 55 c ta=25 c ta=25 c v ce =2v ta=125 c 25 c - 55 c v ce =5v
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of 2SCR523EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X