Part Number Hot Search : 
VND7N VCH162 AOU417 D27512 54AC153 MS4024F OPI110 NTS0104
Product Description
Full Text Search
 

To Download 2SC3886A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3886A d escription with to-3p(h)is package high voltage ,high speed applications horizontal deflection output for high resolution display high speed switching regulator output applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 8 a i cm collector current-peak 15 a i b base current 4 a p c collector power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(h)is) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3886A characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;i b =0 600 v v cesat collector-emitter saturation voltage i c =6a ;i b =1.5a 5.0 v v besat base-emitter saturation voltage i c =6a ;i b =1.5a 1.5 v i cbo collector cut-off current v cb =1500v; i e =0 1.0 ma i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe dc current gain i c =1a ; v ce =5v 8 15 f t transition frequency i c =0.1a ; v ce =10v 1 3 mhz c ob collector output capacitance i e =0 ; v cb =10v;f=1mhz 210 pf t s storage time 2.5 s t f fall time resistive load i cp =6a ;i b1 =-i b2 =1.2a r l =33.3 @ 0.15 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC3886A package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SC3886A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X