Part Number Hot Search : 
AON6812L IRF7706 78M12CDT CT851ST1 16374A 74HCT164 78M12CDT 62783
Product Description
Full Text Search
 

To Download 2SB1230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SB1230 description ? with to-3pn package ? wide area of safe operation ? complement to type 2sd1840 ? low collector saturation voltage applications ? motor drivers,relay drivers,converters and other general high-current switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(tc=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -110 v v ceo collector-emitter voltage open base -100 v v ebo emitter-base voltage open collector -6 v i c collector current -15 a i cm collector current -peak -25 a i b base current -5 a t a =25 ?? 3.0 p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
jmnic product specification 2 silicon pnp power transistors 2SB1230 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-5ma;r be = ?t -100 v v (br)cbo collector-base breakdown voltage i c =-1ma; i e =0 -110 v v (br)ebo emitter-base breakdown voltage i e =-1ma; i c =0 -6 v v cesat collector-emitter saturation voltage i c =-6a; i b =-0.6a -0.8 v v be sat base-emitter saturation voltage i c =-6a; i b =-0.6a -1.5 v i cbo collector cut-off current v cb =-100v; i e =0 -100 | a i ebo emitter cut-off current v eb =-5v; i c =0 -100 | a h fe-1 dc current gain i c =-1.5a ; v ce =-2v 50 140 h fe-2 dc current gain i c =-6a ; v ce =-2v 20 ? h fe-1 classifications p q 50-100 70-140
jmnic product specification 3 silicon pnp power transistors 2SB1230 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SB1230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X