Part Number Hot Search : 
12V28 S5225M 81007 LI630A 5KE110A VT8225 003LF 003LF
Product Description
Full Text Search
 

To Download 0559321510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0559321510 status: active overview: microclasp description: 2.00mm (.079") pitch microclasp? wire-to-board header, single row, vertical, 15 circuits, with pcb locator documents: 3d model product specification ps-51382-004 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 55932 application wire-to-board overview microclasp product name microclasp? physical breakaway no circuits (loaded) 15 circuits (maximum) 15 color - resin natural durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.126 in pc tail length (mm) 3.20 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -25c to +85c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers packaging specification spk-55932-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 55932 series mates with 51382 microclasp? wire-to-board receptacle housing
product specification ps-51382-004, rps-51382-006, rps-51382-007, rps-51382-008, rps-51382-009, rps-51382-010, rps-51382-011, rps-51382-012, rps-51382-013, rps-51382-014 sales drawing sd-55932-002 this document was generated on 05/25/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0559321510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X