Part Number Hot Search : 
MM1674 PI5V331 T302022 SDS20WM 107M00 TEA6101T PI5V331 EL5133
Product Description
Full Text Search
 

To Download PLC-45-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model plc-45-12 plc-45-15 plc-45-20 plc-45-24 plc-45-27 p lc-45-36 PLC-45-48 dc voltage rated current current range rated power output line regulation load regulation setup time voltage range note.4 frequency range power factor (typ.) efficiency (typ.) ac current (typ.) input inrush current (max.) leakage current working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over current short circuit over voltage over temperature 12v 15v 20v 24v 27v 36v 48v 3.8a 3a 2.3a 1.9a 1.7a 1.25a 0.95a 0 ~ 3.8a 0 ~ 3a 0 ~ 2.3a 0 ~ 1.9a 0 ~ 1.7a 0 ~ 1.25a 0 ~ 0.95a 45.6w 45w 46w 45.6w 45.9w 45w 45.6w 2vp-p 2.4vp-p 1.8vp-p 2.7vp-p 2.7vp-p 3.6vp-p 4.6vp-p 10% 3.0% 5.0% 1500ms / 230vac 3000ms / 115vac at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz pf>0.92/115vac, pf>0.9/230vac at full load (please refer to "power fa ctor characteristic" curve) 83.5% 85% 86.5% 86.5% 86.5% 87.5% 87.5% 13.8 ~ 16v 17.5 ~ 21v 22.8 ~ 25v 28 ~ 32v 31 ~ 35v 41 ~ 46v 54 ~ 60v 0.55a/115vac 0.25a/230vac 40a/230vac <0.75ma / 240vac protection type : constant current limiting, recovers automatical ly after fault condition is removed hiccup mode, recovers automatically after fault condition is remove d. -30 ~ +50 (refer to "derating curve") 20 ~ 95% rh non-condensing -40 ~ +80 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 2g 12min./1cycle, period for 72min. each along x, y, z axes 515khrs min. mil-hdbk-217f (25 ) 181.5*62*35mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltage. please check the static ch aracteristics for more details. 5. output voltage can be adjusted through the svr1 on the pcb ; limit of output con stant current level can be adjusted through the svr2 on the pcb. 6. constant current operation region is within 75% ~100% rated output vol tage. this is the suitable operation region for led related application s, but please reconfirm special electrical requirements for some specific syste m design. 7. the power supply is considered as a component that will be operated in combi nation with final equipment. since emc performance will be affected by th e complete installation, the final equipment manufacturers must re- qualify emc directive on the complete installation again. 8. direct connecting to leds is suggested, but is not suitable for using addi tional drivers. 0.41kg; 30pcs/13.3kg/0.67cuft 45w single output led power supply universal ac input / full rangeadjustable output voltage and current level protections: short circuit / over current / over voltage / over temperature cooling by free air convection built-in constant current limiting circuit fully isolated plastic case with terminal block style of i/o built-in active pfc function, comply with en61000-3-2 class c ( 75% load) ul1310 class 2 power unit ass lps 100% full load burn-in testhigh reliability suitable for led lighting and moving sign applications compliance to worldwide safety regulations for lighting 2 years warranty p features : p l c - 4 5 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc protection 95 10 (tsw1) detect on heatsink of power transistor protection type : shut down o/p voltage, recovers automatically after t emperature goes down file name:plc-45-spec 2011-07-28 safety standards withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-fg:1.88kvac o/p-fg:0.5kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh compliance to en55022 (cispr22) class b, en55015, en61000-3-2 class c ( 75% load) ; en61000-3-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024,en61547, li ght industry level, criteria a ul1310 class 2, can/csa c22.2 no. 223-m91(except for 48v) tuv en61347-1, en61347-2-13, ; j61347-1, j61347-2-13 approved 95 ~ 110% protection type : shut down o/p voltage, re-power on to recover ( for 48v only) ( except for 48v ) f m m 110 lps selv 11.25 ~15v 15 ~ 20v 18 ~24v 20.25 ~27v 27 ~ 36v 36 ~ 48v 9 ~ 12v constant current region note.6 voltage adj. range note.5 current adj. range note.5 11.5 ~ 13v 2.85 ~ 3.914a 14.5 ~ 16.2v 2.25 ~ 3.1a 19.5 ~ 22v 1.725 ~ 2.37a 24 ~ 26v 1.425 ~1.957a 25 ~ 30v 1.275 ~ 1.75a 32.5 ~ 39v 0.938 ~ 1.288a 43.6 ~ 51.8v 0.713 ~ 0.979a emc immunity emc emission
mechanical specification file name:plc-45-spec 2011-07-28 case no.991a unit:mm derating curve static characteristics ambient temperature ( ) load (%) -30 -25 -5 0 15 30 40 50 60 20 40 60 80 100 input voltage (v) 60hz 90 100 125 135 145 155 165 175 180 200 230 264 100 90 80 70 60 50 40 load (%) (horizontal) fosc : 90khz(115vac) 120khz(230vac) detection pwm & pfc circuit o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o.v.p. & o.c.p. 50 12 3 terminal pin no. assignment (tb1) : switchlab mb310-75003 terminal pin no. assignment (tb2) : switchlab mb310-75002 pin no. pin no. 1 1 23 2 assignment assignment ac/n fg -v ac/l +v 12 t case: max. case temperature. 90.75 t case 31 45w single output led power supply p l c - 4 5 s e r i e s block diagram 2-r2.5 2-r9.0 6.3 16.3 35 62 2.3 16.6 181.5 6.3
48 50 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 82 84 86 88 90 92 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 230v 115v 0 .7 8 0 .8 0 0 .8 2 0 .8 4 0 .8 6 0 .8 8 0 .9 0 0 .9 2 0 .9 4 0 .9 6 0 .9 8 1 .0 0 5 0 % 6 0 % 7 0 % 8 0 % 9 0 % 1 0 0 % 2 3 0 v 1 1 5 v power factor characteristic efficiency vs load (48v model) plc-45 series possess superior working efficiency that up to 87.5% can be r eached in field applications. constant current mode pf load efficiency (%) load driving methods of led module (45w) this led power supply is suggested to work in constant current mode area (cc) t o drive the leds. typical led power supply i-v curve vo(%) 100 75 50 100 (max.) io (%) constant current area hiccup protection file name:plc-45-spec 2011-07-28 45w single output led power supply p l c - 4 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of PLC-45-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X