Part Number Hot Search : 
DM204 74AHC594 150TEA APL3205A DC4R44 PT22002 IN5224B H05N60F
Product Description
Full Text Search
 

To Download OP224S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a.2 07/06 page 1 of 3 hi-reliability gaaias in frared emitting diode op223, op224 (tx, txv) op224 (s) description: each op223 (tx, txv) and op224 (s, tx, txv) device is an 890 nm high reliability gallium aluminum arsenide infrared emitting diode that is mounted in a miniature he rmetically sealed ?pill? type pac kage which can be directly mounted to pcboards. the gallium aluminum arsenide f eature provides twice the radiated output of gallium arsenide at the same forward current. after electrical testing by manufacturing, devices ar e processed to optek?s 100 percent screening program, which is patterned after mil-prf-19500. with a wavelength centered at 890 nm, the op223 (tx, txv) and op224 (s, tx, txv). tx and txv devices are processed to optek?s military screening program patterned after mil-prf-19500. s devices are processed to optek?s mili tary screening program patterned after mil-std-883 . please refer to application bulletins 208 and 210 for additi onal design information and re liability (degradation) data. contact your local representative or optek for more information. features: ? processed to optek?s military screening program, patterned after mil-prf-19500 ? miniature hermetically sealed ?pill? package ? twice the power output of gaas at same drive current ? ?s? level screening available ? mechanically and spectrally matched to op600 phototransistors part number led peak wavelength output power/ minute total beam angle lead length op223tx 890 nm 1.00 mw/cm 2 24 n/a op223txv 1.50 mw/cm 2 OP224S op224tx op224txv applications: ? non-contact reflecti ve object sensor ? assembly line automation ? machine automation ? machine safety ? end of travel sensor ? door sensor pin # led sensor 1 anode collector 2 cathode emitter 1 2 inches [millimeters] dimensions are in:
optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a.2 07/06 page 2 of 3 hi-reliability gaaias in frared emitting diode op223, op224 (tx, txv) op224 (s) absolute maximum ratings (t a = 25 c unless otherwise noted) storage temperature range -65 o c to +150 o c operating temperature range -55 o c to +125 o c lead soldering temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron] (1) 260 c reverse voltage 2.0 v continuous forward current 100 ma power dissipation (2) 100 mw notes: 1. no clean or low solids. rma flux is recommended. durati on can be extended to 10 seconds maximum when flow soldering. 2. derate linearly 1.00 mw/ c above 25 c. electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter min typ max units test conditions input diode e e (apt) radiant power output op223 (tx, txv) op224 (s, tx, txv) 1.00 1.50 - - - - mw i f = 50 ma i f = 50 ma v f forward voltage 0.80 - 1.80 v i f = 50 ma i r reverse current - - 100 a v r = 2.0 v p wavelength at peak emission - 890 - nm i f = 50 ma b spectral bandwidth between half power points - 80 - nm i f = 50 ma ? p / ? t spectral shift with temperature - 0.18 - nm/c i f = constant hp emission angle at half power points - 18 - degree i f = 50 ma
optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a.2 07/06 page 3 of 3 hi-reliability gaaias in frared emitting diode op223, op224 (tx, txv) op224 (s) op223 (tx, txv), op224 (s, tx, txv) 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 0 102030405060708090100 forward current (ma) typical forward voltage (v) -60 c -40 c -20 c 0 c 20 c 40 c 60 c 80 c 100 c 120c forward voltage vs forward current vs temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 102030405060708090100 forward current i f (ma) normalized optical power -60 c -40 c -20 c 0 c 20 c 40 c 60 c 80 c 100 c 120 c normalized at 50 ma and 20 c optical power vs i f vs temperature 0 1 2 3 4 5 6 0.2 '' 0.4 '' 0.6 '' 0.8 '' 1.0 '' 1.2 '' 1.4 '' 1.6 '' 1.8 '' 2.0 '' distance (inches) normalized output power 10 ma 20 ma 30 ma 40 ma 50 ma 60 ma 70 ma 80 ma 90 ma 100 ma normalized at 1" and 50 m a forward current distance vs output power vs forward current 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -20 -15 -10 -5 0 5 10 15 20 angular displacement (degrees) relative radiant intensity forward voltage vs relative radiant intensity vs angular displacement


▲Up To Search▲   

 
Price & Availability of OP224S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X