Part Number Hot Search : 
BAT54 TS1620A 2SK3298 CLM2810 AT5802 CENB1100 AT250 1N925
Product Description
Full Text Search
 

To Download MC33204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 


 low voltage railtorail operational amplifiers order this document by mc33201/d p suffix plastic package case 626 (quad, top view) 8 1 d suffix plastic package case 751 (so8) 8 1 p suffix plastic package case 646 14 1 d suffix plastic package case 751a (so14) 14 1 output 1 inputs 1 v ee v cc output 2 inputs 2 1 2 6 7 8 5 3 2 1 4 output 1 inputs 1 v cc output 4 inputs 4 1 12 13 14 11 3 2 1 4 10 5 9 6 output 2 8 7 inputs 2 2 4 3 v ee inputs 3 output 3 (dual, top view) 6 7 8 5 3 2 1 4 nc inputs v ee nc v cc nc output (single, top view) dtb suffix plastic package case 948g (tssop14) 14 1 1 motorola analog ic device data       the mc33201/2/4 family of operational amplifiers provide railtorail operation on both the input and output. the inputs can be driven as high as 200 mv beyond the supply rails without phase reversal on the outputs, and the output can swing within 50 mv of each rail. this railtorail operation enables the user to make full use of the supply voltage range available. it is designed to work at very low supply voltages ( 0.9 v) yet can operate with a supply of up to +12 v and ground. output current boosting techniques provide a high output current capability while keeping the drain current of the amplifier to a minimum. also, the combination of low noise and distortion with a high slew rate and drive capability make this an ideal amplifier for audio applications. ? low voltage, single supply operation (+1.8 v and ground to +12 v and ground) ? input voltage range includes both supply rails ? output voltage swings within 50 mv of both rails ? no phase reversal on the output for overdriven input signals ? high output current (i sc = 80 ma, typ) ? low supply current (i d = 0.9 ma, typ) ? 600 w output drive capability ? extended operating temperature ranges (40 to +105 c and 55 to +125 c) ? typical gain bandwidth product = 2.2 mhz ? offered in new tssop package including standard soic and dip packages ordering information operational amplifier function device operating temperature range package si l mc33201d t a = 40 to +105 c so8 single mc33201p t a = 40 to + 105 c plastic dip single mc33201vd t a = 55 to so8 mc33201vp a +125 c plastic dip dl mc33202d t a = 40 to +105 c so8 dual mc33202p t a = 40 to + 105 c plastic dip dual mc33202vd t a = 55 to so8 mc33202vp a +125 c plastic dip qd MC33204d t40 105 c so14 qd MC33204dtb t a = 40 to +105 c tssop14 quad MC33204p plastic dip quad MC33204vd t a =55 to so14 MC33204vdtb t a = 55 to +125 c tssop14 MC33204vp +125 c plastic dip ? motorola, inc. 1996 rev 2 ( datasheet : )
mc33201 mc33202 MC33204 2 motorola analog ic device data dc electrical characteristics (t a = 25 c) characteristic v cc = 2.0 v v cc = 3.3 v v cc = 5.0 v unit input offset voltage v io (max) mc33201 mc33202 MC33204 8.0 10 12 8.0 10 12 6.0 8.0 10 mv output voltage swing v oh (r l = 10 k w ) v ol (r l = 10 k w ) 1.9 0.10 3.15 0.15 4.85 0.15 v min v max power supply current per amplifier (i d ) 1.125 1.125 1.125 ma specifications at v cc = 3.3 v are guaranteed by the 2.0 v and 5.0 v tests. v ee = gnd. maximum ratings rating symbol value unit supply voltage (v cc to v ee ) v s +13 v input differential voltage range v idr (note 1) v common mode input voltage range (note 2) v cm v cc + 0.5 v to v ee 0.5 v v output short circuit duration t s (note 3) sec maximum junction temperature t j +150 c storage temperature t stg 65 to +150 c maximum power dissipation p d (note 3) mw notes: 1. the differential input voltage of each amplifier is limited by two internal parallel backtoback diodes. for additional differential input voltage range, use current limiting resistors in series with the input pins. 2. the input common mode voltage range is limited by internal diodes connected from the inputs to both supply rails. therefore, the voltage on either input must not exceed either supply rail by more than 500 mv. 3. power dissipation must be considered to ensure maximum junction temperature (t j ) is not exceeded. (see figure 2) dc electrical characteristics (v cc = + 5.0 v, v ee = ground, t a = 25 c, unless otherwise noted.) characteristic figure symbol min typ max unit input offset voltage (v cm 0 v to 0.5 v, v cm 1.0 v to 5.0 v) mc33201: t a = + 25 c mc33201: t a = 40 to +105 c mc33201: t a = 55 to +125 c mc33202: t a = + 25 c mc33202: t a = 40 to +105 c mc33202: t a = 55 to +125 c MC33204: t a = + 25 c MC33204: t a = 40 to +105 c MC33204: t a = 55 to +125 c 3 v io 6.0 9.0 13 8.0 11 14 10 13 17 mv input offset voltage temperature coefficient (r s = 50 w ) t a = 40 to +105 c t a = 55 to +125 c 4 d v io / d t 2.0 2.0 m v/ c input bias current (v cm = 0 v to 0.5 v, v cm = 1.0 v to 5.0 v) t a = + 25 c t a = 40 to +105 c t a = 55 to +125 c 5, 6 i ib 80 100 200 250 500 na input offset current (v cm = 0 v to 0.5 v, v cm = 1.0 v to 5.0 v) t a = + 25 c t a = 40 to +105 c t a = 55 to +125 c i io 5.0 10 50 100 200 na common mode input voltage range v icr v ee v cc v
mc33201 mc33202 MC33204 3 motorola analog ic device data dc electrical characteristics (continued) (v cc = + 5.0 v, v ee = ground, t a = 25 c, unless otherwise noted.) characteristic unit max typ min symbol figure large signal voltage gain (v cc = + 5.0 v, v ee = 5.0 v) r l = 10 k w r l = 600 w 7 a vol 50 25 300 250 kv/v output voltage swing (v id = 0.2 v) r l = 10 k w r l = 10 k w r l = 600 w r l = 600 w 8, 9, 10 v oh v ol v oh v ol 4.85 4.75 4.95 0.05 4.85 0.15 0.15 0.25 v common mode rejection (v in = 0 v to 5.0 v) 11 cmr 60 90 db power supply rejection ratio v cc /v ee = 5.0 v/gnd to 3.0 v/gnd 12 psrr 500 25 m v/v output short circuit current (source and sink) 13, 14 i sc 50 80 ma power supply current per amplifier (v o = 0 v) t a = 40 to +105 c t a = 55 to +125 c 15 i d 0.9 0.9 1.125 1.125 ma ac electrical characteristics (v cc = + 5.0 v, v ee = ground, t a = 25 c, unless otherwise noted.) characteristic figure symbol min typ max unit slew rate (v s = 2.5 v, v o = 2.0 v to + 2.0 v, r l = 2.0 k w , a v = +1.0) 16, 26 sr 0.5 1.0 v/ m s gain bandwidth product (f = 100 khz) 17 gbw 2.2 mhz gain margin (r l = 600 w , c l = 0 pf) 20, 21, 22 a m 12 db phase margin (r l = 600 w , c l = 0 pf) 20, 21, 22  m 65 deg channel separation (f = 1.0 hz to 20 khz, a v = 100) 23 cs 90 db power bandwidth (v o = 4.0 v pp , r l = 600 w , thd 1 %) bw p 28 khz total harmonic distortion (r l = 600 w , v o = 1.0 v pp , a v = 1.0) f = 1.0 khz f = 10 khz 24 thd 0.002 0.008 % open loop output impedance (v o = 0 v, f = 2.0 mhz, a v = 10) z o 100 w differential input resistance (v cm = 0 v) r in 200 k w differential input capacitance (v cm = 0 v) c in 8.0 pf equivalent input noise voltage (r s = 100 w ) f = 10 hz f = 1.0 khz 25 e n 25 20 hz nv/ equivalent input noise current f = 10 hz f = 1.0 khz 25 i n 0.8 0.2 pa/ hz
mc33201 mc33202 MC33204 4 motorola analog ic device data v in v out figure 1. circuit schematic (each amplifier) v ee v cc v cc v cc v cc v in + v ee this device contains 70 active transistors (each amplifier).
mc33201 mc33202 MC33204 5 motorola analog ic device data 300 260 220 180 t a , ambient temperature ( c) 100 140 percentage of amplifiers (%) tc v io , input offset voltage temperature coefficient ( m v/ c) 50 30 0 40 10 20 a vol , open loop voltage gain (kv/v) figure 2. maximum power dissipation versus temperature figure 3. input offset voltage distribution percentage of amplifiers (%) 40 35 v io , input offset voltage (mv) 30 25 15 0 20 figure 4. input offset voltage temperature coefficient distribution 2500 2000 1000 500 0 t a , ambient temperature ( c) figure 5. input bias current versus temperature figure 6. input bias current versus common mode voltage figure 7. open loop voltage gain versus temperature 150 50 0 50 v cm , input common mode voltage (v) 1500 p d(max) , maximum power dissipation (mw) 200 160 120 80 t a , ambient temperature ( c) 0 i ib , input bias current (na) 40 5.0 10 v cc = + 5.0 v v ee = gnd v cm > 1.0 v v cm = 0 v to 0.5 v i ib , input bias current (na) 100 100 150 200 250 55 40 25 0 25 70 85 125 50 0 20 40 50 10 10 30 30 40 20 10 0 4.0 8.0 10 55 40 25 0 25 50 85 125 2.0 4.0 2.0 2.0 6.0 6.0 8.0 4.0 55 40 25 0 25 70 85 125 0 6.0 8.0 10 12 105 8 and 14 pin dip pkg so14 pkg so8 pkg 360 amplifiers tested from 3 (MC33204) wafer lots v cc = + 5.0 v v ee = gnd t a = 25 c dip package 360 amplifiers tested from 3 (MC33204) wafer lots v cc = + 5.0 v v ee = gnd t a = 25 c dip package v cc = + 5.0 v v ee = gnd r l = 600 w d v o = 0.5 v to 4.5 v v cc = 12 v v ee = gnd t a = 25 c tssop14 pkg
mc33201 mc33202 MC33204 6 motorola analog ic device data v o , output voltage (v ) pp v o , output voltage (v ) pp 40 20 100 80 60 v out , output voltage (v) 0 f, frequency (hz) 12 0 9.0 3.0 6.0 v cc = + 6.0 v v ee = 6.0 v r l = 600 w a v = +1.0 t a = 25 c figure 8. output voltage swing versus supply voltage figure 9. output saturation voltage versus load current v i l , load current (ma) v ee figure 10. output voltage versus frequency 12 10 6.0 2.0 0 v cc , v ee supply voltage (v) figure 11. common mode rejection versus frequency figure 12. power supply rejection versus frequency figure 13. output short circuit current versus output voltage 120 80 60 f, frequency (hz) 8.0 100 80 60 40 f, frequency (hz) 0 cmr, common mode rejection (db) 20 v cc = + 6.0 v v ee = 6.0 v t a = 55 to +125 c psr, power supply rejection (db) 100 40 20 0 v cc = + 6.0 v v ee = 6.0 v t a = 55 to +125 c v cc = + 6.0 v v ee = 6.0 v t a = 25 c 4.0 sat , output saturation voltage (v) t a = 25 c t a = 55 c psr+ psr i sc , output short circuit current (ma) source sink v cc = + 5.0 v v ee = 5.0 v t a = 125 c t a = 125 c t a = 55 c t a = 25 c 10 100 1.0 k 10 k 100 k 1.0 m 0 1.0 2.0 3.0 4.0 5.0 6.0 1.0 k 100 k 1.0 m 10 k 01520 1.0 2.0 10 5.0 10 100 1.0 k 10 k 100 k 1.0 m 3.0 4.0 5.0 6.0 r l = 600 w t a = 25 c v cc v cc 0.2 v v cc 0.4 v v ee + 0.4 v v ee + 0.2 v
mc33201 mc33202 MC33204 7 motorola analog ic device data , excess phase (degrees) v cc , v ee , supply voltage (v) i sc , output short circuit current (ma) sr, slew rate (v/ s) m t a , ambient temperature ( c) v cc = + 2.5 v v ee = 2.5 v v o = 2.0 v figure 14. output short circuit current versus temperature figure 15. supply current per amplifier versus supply voltage with no load i figure 16. slew rate versus temperature t a , ambient temperature ( c) figure 17. gain bandwidth product versus temperature figure 18. voltage gain and phase versus frequency figure 19. voltage gain and phase versus frequency f, frequency (hz) gbw, gain bandwidth product (mhz) a , open loop voltage gain (db) v cc = + 5.0 v v ee = gnd cc , supply current per amplifier (ma) t a = 125 c t a = 55 c source sink t a = 25 c +slew rate slew rate t a , ambient temperature ( c) v cc = + 2.5 v v ee = 2.5 v f = 100 khz vol , excess phase (degrees) f, frequency (hz)   70 50 30 10 10 30 2.0 0 1.5 0.5 1.0 2.0 1.6 0 150 125 75 25 0 70 50 30 100 4.0 3.0 2.0 0 1.0 10 10 30 50 1.2 0.8 0.4 1.0 2.0 3.0 4.0 5.0 6.0 10 k 100 k 1.0 m 10 m 55 40 25 25 70 125 0 85 105 0 55 40 25 25 70 125 0 85 105 55 40 25 25 70 125 0 85 105 10 k 100 k 1.0 m 10 m 240 40 80 120 160 200 40 80 120 160 200 240 a , open loop voltage gain (db) vol 1a phase, c l = 0 pf 1b gain, c l = 0 pf 2a phase, c l = 300 pf 2b gain, c l = 300 pf 1a phase, v s = 6.0 v 1b gain, v s = 6.0 v 2a phase, v s = 1.0 v 2b gain, v s = 1.0 v v s = 6.0 v t a = 25 c r l = 600 w c l = 0 pf t a = 25 c r l = 600 w 1 a 2 a 2 b 1 b 1 a 2 a 2 b 1 b
mc33201 mc33202 MC33204 8 motorola analog ic device data m , phase margin (degrees) i , input referred noise current (pa/ hz) n 50 40 30 e , equivalent input noise voltage (nv/ hz) 20 10 0 n r t , differential source resistance ( w ) c l , capacitive load (pf) 80 0 70 40 figure 20. gain and phase margin versus temperature figure 21. gain and phase margin versus differential source resistance 75 60 0 figure 22. gain and phase margin versus capacitive load 70 60 40 10 0 t a , ambient temperature ( c) figure 23. channel separation versus frequency figure 24. total harmonic distortion versus frequency figure 25. equivalent input noise voltage and current versus frequency 10 1.0 0.1 f, frequency (hz) 50 150 90 60 0 cs, channel separation (db) 30 thd, total harmonic distortion (%) 0.01 0.001 20 45 30 15 phase margin gain margin f, frequency (hz) f, frequency (hz) m , phase margin (degrees) 30 a m , gain margin (db) a m , gain margin (db) 60 10 20 30 50 a m , gain margin (db) a v = 10 120 a v = 100 a v = 10 a v = 1.0 a v = 100 m , phase margin (degrees)    100 1.0 k 10 k 100 k 10 100 1.0 k 100 k 55 40 25 25 70 125 0 85 105 10 10 100 1.0 k 100 1.0 k 10 k 10 100 10 k 100 k 10 k 1.0 k 5.0 4.0 3.0 2.0 1.0 0 70 60 40 10 0 50 20 30 75 60 0 45 30 15 16 0 14 8.0 12 2.0 4.0 6.0 10 v cc = + 6.0 v v ee = 6.0 v r l = 600 w c l = 100 pf v cc = + 6.0 v v ee = 6.0 v t a = 25 c phase margin phase margin gain margin v cc = + 6.0 v v ee = 6.0 v r l = 600 w a v = 100 t a = 25 c gain margin v cc = + 6.0 v v ee = 6.0 v v o = 8.0 v pp t a = 25 c v cc = + 5.0 v t a = 25 c v o = 2.0 v pp v ee = 5.0 v r l = 600 w v cc = + 6.0 v v ee = 6.0 v t a = 25 c noise voltage noise current a v = 1000
mc33201 mc33202 MC33204 9 motorola analog ic device data general information the mc33201/2/4 family of operational amplifiers are unique in their ability to swing railtorail on both the input and the output with a completely bipolar design. this offers low noise, high output current capability and a wide common mode input voltage range even with low supply voltages. operation is guaranteed over an extended temperature range and at supply voltages of 2.0 v, 3.3 v and 5.0 v and ground. since the common mode input voltage range extends from v cc to v ee , it can be operated with either single or split voltage supplies. the mc33201/2/4 are guaranteed not to latch or phase reverse over the entire common mode range, however, the inputs should not be allowed to exceed maximum ratings. circuit information railtorail performance is achieved at the input of the amplifiers by using parallel npnpnp differential input stages. when the inputs are within 800 mv of the negative rail, the pnp stage is on. when the inputs are more than 800 mv greater than v ee , the npn stage is on. this switching of input pairs will cause a reversal of input bias currents (see figure 6). also, slight differences in offset voltage may be noted between the npn and pnp pairs. crosscoupling techniques have been used to keep this change to a minimum. in addition to its railtorail performance, the output stage is current boosted to provide 80 ma of output current, enabling the op amp to drive 600 w loads. because of this high output current capability, care should be taken not to exceed the 150 c maximum junction temperature. o , output voltage (50 mv/div) v t, time (10 m s/div) figure 26. noninverting amplifier slew rate figure 27. small signal transient response t, time (5.0 m s/div) figure 28. large signal transient response v cc = + 6.0 v v ee = 6.0 v r l = 600 w c l = 100 pf t a = 25 c o , output voltage (2.0 mv/div) v cc = + 6.0 v v ee = 6.0 v r l = 600 w c l = 100 pf a v = 1.0 t a = 25 c v v cc = + 6.0 v v ee = 6.0 v r l = 600 w c l = 100 pf t a = 25 c t, time (10 m s/div) o , output voltage (2.0 v/div) v motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer.
mc33201 mc33202 MC33204 10 motorola analog ic device data outline dimensions p suffix plastic package case 62605 issue k d suffix plastic package case 75105 (so8) issue r notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m 10 10 n 0.76 1.01 0.030 0.040  seating plane 1 4 5 8 a 0.25 m cb ss 0.25 m b m h  c x 45  l dim min max millimeters a 1.35 1.75 a1 0.10 0.25 b 0.35 0.49 c 0.18 0.25 d 4.80 5.00 e 1.27 bsc e 3.80 4.00 h 5.80 6.20 h 0 7 l 0.40 1.25  0.25 0.50   notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. dimensions are in millimeters. 3. dimension d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include mold protrusion. allowable dambar protrusion shall be 0.127 total in excess of the b dimension at maximum material condition. d e h a b e b a1 c a 0.10 p suffix plastic package case 64606 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 17 14 8 b a f hg d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01 
mc33201 mc33202 MC33204 11 motorola analog ic device data outline dimensions d suffix plastic package case 751a03 (so14) issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  dtb suffix plastic package case 948g01 (tssop14) issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1 dimensioning and tolerancing per ansi y14.5m, 1982. 2 controlling dimension: millimeter. 3 dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4 dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5 dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6 terminal numbers are shown for reference only. 7 dimension a and b are to be determined at datum plane w.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 mc33201/d   ?


▲Up To Search▲   

 
Price & Availability of MC33204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X