Part Number Hot Search : 
M5239 SF2185A 002M0 MA4E1338 TF841S 10N50 U2608B BUL310
Product Description
Full Text Search
 

To Download KTD2092 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 11. 28 1/2 semiconductor technical data KTD2092 epitaxial planar npn transistor revision no : 2 switching application. interface circuit and driver circuit application. features  high h fe : h fe =500  1500 (i c =0.5a).  low collector saturation :v ce(sat) =0.35v(max.) (i c =1a). maximum rating (ta=25 1 ) dim millimeters 1. base 2. collector 3. emitter to-220is 10.30 max 15.30 max 2.70 y 0.30 0.85 max x 3.20 y 0.20 3.00 y 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 y 0.50 3.90 max 1.20 1.30 2.54 4.50 y 0.20 6.80 2.60 y 0.20 10 ? j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 ^ 25 ^ 2.60 y 0.15 v u d a c electrical characteristics (ta=25 1 ) characteristic symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 7 v collector current dc i c 3 a pulse i cp 5 base current i b 1 a collector power dissipation ta=25 1 p c 2 w tc=25 1 25 junction temperature t j 150 1 storage temperature range t stg -55  150 1 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =80v, i e =0 - - 10  a emitter cut-off current i ebo v eb =7v, i c =0 - - 10  a collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 80 - - v dc current gain h fe (1) v ce =1v, i c =0.5a 500 - 1500 h fe (2) v ce =1v, i c =1a 150 - - collector-emitter saturation voltage v ce(sat) i c =1a, i b =0.01a - - 0.35 v base-emitter saturation voltage v be(sat) i c =1a, i b =0.01a - - 1.2 v collector-emitter forward voltage v ecf i e =3a, i b =0 - - 2.5 v transition frequency f t v ce =5v, i c =1a - 140 - mhz collector output capacitance c ob v ce =10v, i e =0, f=1mhz - 30 - pf switching time turn-on time t on i b1 30? b1 i 0 cc v =30v i b2 i b2 20 sec i =-i =10ma b1 b2 output duty cycle < 1% input - 0.5 -  s storage time t stg - 5.0 - fall time t f - 0.7 - base collecto r emitter equivalent circuit
1996. 11. 28 2/2 KTD2092 revision no : 2 collector current i (a) 0 c 0 collector-emitter voltage v (v) ce ce c i - v v =1v common emitter 3k 1k 500 300 5 100 50 10 3 c fe dc current gain h fe 1 0.3 0.1 0.05 collector current i (a) c h - i tc=100 c tc=25 c tc=-55 c common emitter ta=25 c transient thermal resistance th 0.1 1 0.1 0.01 0.001 pulse width t (s) w r - t th w r ( c/w) curves should be applied in thermal limited area. common emitter(single nonrepetitive pulse) (1) no heat sink (2) infinite heat sink (tc=25 c) 10 100 1 10 100 1k (1) (2) single nonrepetive pulse tc=25 c curves must be derated linearly with increase in temperature i max.(pulsed) c c i max. (continuous) 100 s 1m s 1 0m s 10 0 ms dc operat ion tc=25 c v max. ceo 20 10 5 3 1 0.5 0.3 0.1 0.05 0.02 collector current i (a) c safe operating area 200 100 30 10 3 1 collector-emitter voltage v (v) ce ce v =1v v =2v ce ce v =5v tc=25 c common emitter 3k 1k 500 300 5 100 50 10 3 c fe dc current gain h fe 1 0.3 0.1 0.05 collector current i (a) c h - i tc=-55 c tc=25 c tc = 1 0 0 c v - i c collector current i (a) 0.05 0.1 0.3 1 collector-emitter saturation ce(sat) c 310 0.02 5 common emitter 246810121416 0.4 0.8 1.2 1.6 2.0 2.4 2.8 20 10 4 2 1.4 1 0.5 0 i =0.2ma b v =5v ce ce v =1v v =2v ce 0.05 0.1 0.3 0.5 1 3 i /i =100 c b ce voltage v (v) ce(sat)


▲Up To Search▲   

 
Price & Availability of KTD2092

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X