Part Number Hot Search : 
DDTA143 00266 4743A BZT03 89C52 633410 AT45DB02 SB340
Product Description
Full Text Search
 

To Download IRLB3034PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01/14/09 www.irf.com 1 hexfet   power mosfet s d g  97363 IRLB3034PBF gds gate drain source v dss 40v r ds ( on ) typ. 1.4m max. 1.7m i d ( silicon limited ) 343a i d ( packa g e limited ) 195a applications  dc motor drive  high efficiency synchronous rectification in smps  uninterruptible power supply  high speed power switching  hard switched and high frequency circuits benefits  optimized for logic level drive  very low r ds(on) at 4.5v v gs  superior r*q at 4.5v v gs  improved gate, avalanche and dynamic dv/dt ruggedness  fully characterized capacitance and avalanche soa  enhanced body diode dv/dt and di/dt capability  lead-free to-220ab IRLB3034PBF absolute maximum ratings symbol parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current p d @t c = 25c maximum power dissipation w linear derating factor w/c v gs gate-to-source voltage v dv/dt peak diode recovery  v/ns t j operating junction and t stg storage temperature range soldering temperature, for 10 seconds (1.6mm from case) mounting torque, 6-32 or m3 screw avalanche characteristics e as (thermally limited) sin g le pulse avalanche ener g y  mj i ar avalanche current a e ar repetitive avalanche ener g y mj thermal resistance symbol parameter typ. max. units r jc junction-to-case  ??? 0.4 r cs case-to-sink, flat, greased surface 0.5 ??? r ja junction-to-ambient ??? 62 see fig. 14, 15, 22a, 22b, a c c/w 255 375 4.6 20 2.5 10lbf  in (1.1n  m) -55 to + 175 300 max. 343  243  1372 195

2 www.irf.com s d g  pulse width 400s; duty cycle 2%.  c oss eff. (tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss .  c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while v ds is rising from 0 to 80% v dss .     
        calcuted continuous current based on maximum allowable junction temperature bond wire current limit is 195a. note that current limitation arising from heating of the device leds may occur with some lead mounting arrangements.  repetitive rating; pulse width limited by max. junction temperature.  limited by t jmax , starting t j = 25c, l = 0.013mh r g = 25 ? , i as = 195a, v gs =10v. part not recommended for use above this value .  i sd 195a, di/dt 841a/s, v dd v (br)dss , t j 175c. static @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. unit s v (br)dss drain-to-source breakdown volta g e 40 ??? ??? v ? v (br)dss / ? t j breakdown volta g e temp. coefficient ??? 0.04 ??? v/c ??? 1.4 1.7 ??? 1.6 2.0 v gs(th) gate threshold volta g e 1.0 ??? 2.5 v i dss drain-to-source leaka g e current ??? ??? 20 ??? ??? 250 i gss gate-to-source forward leaka g e ??? ??? 100 gate-to-source reverse leaka g e ??? ??? -100 r g(int) internal gate resistance ??? 2.1 ??? ? dynamic @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. unit s g fs forward transconductance 286 ??? ??? s q g total gate char g e ??? 108 162 q gs gate-to-source char g e ??? 29 ??? q gd gate-to-drain ("miller") char g e ??? 54 ??? q sync total gate char g e sync. (q g - q gd ) ??? 54 ??? t d(on) turn-on delay time ??? 65 ??? t r rise time ??? 827 ??? t d(off) turn-off delay time ??? 97 ??? t f fall time ??? 355 ??? c iss input capacitance ??? 10315 ??? c oss output capacitance ??? 1980 ??? c rss reverse transfer capacitance ??? 935 ??? c oss eff. (er) effective output capacitance (energy related)  ??? 2378 ??? c oss eff. (tr) effective output capacitance (time related)  ??? 2986 ??? diode characteristics symbol parameter min. typ. max. unit s i s continuous source current ??? ??? (body diode) i sm pulsed source current ??? ??? (body diode)  v sd diode forward volta g e ??? ??? 1.3 v t rr reverse recovery time ??? 39 ??? t j = 25c v r = 34v, ??? 41 ??? t j = 125c i f = 195a q rr reverse recovery char g e ??? 39 ??? t j = 25c di / dt = 100a / s  ??? 46 ??? t j = 125c i rrm reverse recovery current ??? 1.7 ??? a t j = 25c t on forward turn-on time intrinsic turn-on time is ne g li g ible (turn-on is dominated by ls+ld) v gs = 4.5v, i d = 172a  m ? i d = 195a r g = 2.1 ? v gs = 4.5v  v dd = 26v i d = 185a, v ds =0v, v gs = 4.5v conditions v ds = 10v, i d = 195a i d = 185a r ds(on) static drain-to-source on-resistance pf a 343  1372 nc a na nc ns v ds = v gs , i d = 250a v ds = 40v, v gs = 0v v ds = 40v, v gs = 0v, t j = 125c ns v gs = 0v, v ds = 0v to 32v  mosfet symbol t j = 25c, i s = 195a, v gs = 0v  integral reverse p-n junction diode. v gs = 20v conditions v gs = 0v, i d = 250a reference to 25c, i d = 5ma  v gs = 10v, i d = 195a  v gs = -20v showing the v ds = 20v conditions v gs = 4.5v  v gs = 0v v ds = 25v ? = 1.0mhz v gs = 0v, v ds = 0v to 32v

www.irf.com 3 fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 1 2 3 4 5 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 175c v ds = 25v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 195a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 20 40 60 80 100 120 140 q g , total gate charge (nc) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v v ds = 20v i d = 185a 0.1 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 100000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v 60s pulse width tj = 25c 2.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 8.0v 4.5v 3.5v 3.0v 2.7v bottom 2.5v 60s pulse width tj = 175c 2.5v

4 www.irf.com fig 8. maximum safe operating area fig 10. drain-to-source breakdown voltage fig 7. typical source-drain diode forward voltage fig 11. typical c oss stored energy fig 9. maximum drain current vs. case temperature fig 12. maximum avalanche energy vs. draincurrent 0.0 0.5 1.0 1.5 2.0 2.5 v sd , source-to-drain voltage (v) 1.0 10 100 1000 10000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 40 42 44 46 48 50 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 5ma 0 5 10 15 20 25 30 35 40 45 v ds, drain-to-source voltage (v) 0.0 0.5 1.0 1.5 2.0 2.5 e n e r g y ( j ) 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 200 400 600 800 1000 1200 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 38.9a 65.3a bottom 195a 25 50 75 100 125 150 175 t c , case temperature (c) 0 50 100 150 200 250 300 350 i d , d r a i n c u r r e n t ( a ) limited by package 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 10000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 175c single pulse 100sec 1msec 10msec dc limited by package

www.irf.com 5 fig 13. maximum effective transient thermal impedance, junction-to-case fig 14. typical avalanche current vs.pulsewidth fig 15. maximum avalanche energy vs. temperature notes on repetitive avalanche curves , figures 14, 15: (for further info, see an-1005 at www.irf.com) 1. avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 16a, 16b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15). t av = average time in avalanche. d = duty cycle in avalanche = t av f z thjc (d, t av ) = transient thermal resistance, see figures 13) p d (ave) = 1/2 ( 1.3bvi av ) =   t/ z thjc i av = 2  t/ [1.3bvz th ] e as (ar) = p d (ave) t av 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 50 100 150 200 250 300 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 195a 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.02477 0.000025 0.08004 0.000077 0.19057 0.001656 0.10481 0.008408 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 tav (sec) 1 10 100 1000 a v a l a n c h e c u r r e n t ( a ) 0.05 duty cycle = single pulse 0.10 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? j = 25c and tstart = 150c. 0.01 allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart =25c (single pulse)

6 www.irf.com  
      fig 16. threshold voltage vs. temperature  
 
     
      

 
    -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a i d = 1.0ma id = 1.0a 0 100 200 300 400 500 di f /dt (a/s) 0 100 200 300 400 q r r ( a ) i f = 78a v r = 34v t j = 25c t j = 125c 0 100 200 300 400 500 di f /dt (a/s) 0 100 200 300 400 q r r ( a ) i f = 117a v r = 34v t j = 25c t j = 125c 0 100 200 300 400 500 di f /dt (a/s) 0 2 4 6 8 10 12 14 i r r m ( a ) i f = 78a v r = 34v t j = 25c t j = 125c 0 100 200 300 400 500 di f /dt (a/s) 0 2 4 6 8 10 12 14 i r r m ( a ) i f = 117a v r = 34v t j = 25c t j = 125c

www.irf.com 7 fig 23a. switching time test circuit fig 23b. switching time waveforms fig 22b. unclamped inductive waveforms fig 22a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 24a. gate charge test circuit fig 24b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 21. 
      for n-channel hexfet   power mosfets 
 
  ?  
 
  ?   
  ?  

 
   
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period       + - + + + - - -        ?      ? 
 !
"#"" ?       $
 %% ? "#""&#  
     d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - v ds 90% 10% v gs t d(on) t r t d(off) t f   '( 1 )  $
  0.1 %          ! + -    

8 www.irf.com 

 
 

  
           
                           ! "" #$ %&&!'()* )#$! +&# #$ #$,#-% !& "!%, . /!!"      " "     0   
      
  to-220ab packages are not recommended for surface mount application. data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 01/09


▲Up To Search▲   

 
Price & Availability of IRLB3034PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X