Part Number Hot Search : 
SXX18 KM4170 A143Z GC562 LTC4223 80CPT015 AD8572 NJU7348
Product Description
Full Text Search
 

To Download HS-1450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com cmos HS-1450 series description the HS-1450 series of quartz crystal oscillators provide enable/disable 3-state cmos compatible signals for bus connected systems. supplying pin 1 of the HS-1450 units with a logic ?1" or open enables its pin 8 output. in the disabled mode, pin 8 presents a high impedance to the load. all units are designed to survive wave soldering operations without damage. features ? wide frequency range? 4.0mhz to 40.0mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253c for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? all metal, resistance weld, hermetically sealed package ? low jitter ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? low power consumption ? gold plated leads - solder dipped leads available upon request ? ttl compatible (hct) at specified supply voltage ? rohs compliant, lead free construction (unless solder dipped leads are supplied) electrical connection pin connection 1 enable input 7 grd & case 8 output 14 v dd dimensions are in inches and (mm) crystal clock oscillators data sheet 0012 t rev. f
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com HS-1450 series continued cmos operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 4.0mhz ----- 40.0mhz duty cycle ----- @ v dd /2 45/55% ----- 55/45% logic 0 v ol @ 600a ----- ----- 0.2v logic 1 v oh @ 600a v dd -0.2v ----- ----- rise & fall time tr,tf 10-90% ----- ----- 3 ns tpz ----- ----- ----- ----- 25 ns jitter, rms (2) ----- ----- ----- ----- 8 psec frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage v dd ----- 4.75v 5.0v 5.25v supply current i dd no load 0.0 ma ----- 30ma output current i o ----- 0.0 ma ----- 16.0 ma operating temperature t a ----- 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 158 mw lead temperature t l soldering, 10 sec. ----- ----- 300c load ---- ----- ----- ----- 15pf start-up time t s ----- ----- 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-833, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz soldering condition 300c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) jitter performance is frequency dependent. please contact factory for full characterization. rms jitter bandwidth of 12khz to 20mhz. test load: rev. f crystal clock oscillators hs - a 145x - freq package code tolerance/performance hs leaded 4 pin (14 pin) 0 100ppm 0-70c sm leaded 4 pin (14 pin) smd 1 50ppm 0-70c gull wing 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 0012t


▲Up To Search▲   

 
Price & Availability of HS-1450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X