|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
rev.6.00, jun.20.2005 page 1 of 7 HD74ALVC1G00 2-input nand gate rej03d0105?0600 rev.6.00 jun.20.2005 description the HD74ALVC1G00 has two?input nand gate in a 5 pin package. low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as renesas uni logic series. ? supplied on emboss taping for high-speed automatic mounting. ? supply voltage range : 1.2 to 3.6 v operating temperature range : ?40 to +85c ? all inputs v ih (max.) = 3.6 v (@v cc = 0 v to 3.6 v) all outputs v o (max.) = 3.6 v (@v cc = 0 v) ? output current 2 ma (@v cc = 1.2 v) 4 ma (@v cc = 1.4 v to 1.6 v) 6 ma (@v cc = 1.65 v to 1.95 v) 18 ma (@v cc = 2.3 v to 2.7 v) 24 ma (@v cc = 3.0 v to 3.6 v) ? ordering information part name package type package code (previous code) package abbreviation taping abbreviation (quantity) HD74ALVC1G00vse vson-5 pin pusn0005ka-a (tnp-5dv) vs e (3,000 pcs/reel) outline and article indication ? HD74ALVC1G00 marking = control code a 1 vson-5
HD74ALVC1G00 rev.6.00, jun.20.2005 page 2 of 7 function table inputs output a b y l l h l h h h l h h h l h : high level l : low level pin arrangement (top view) 5 4 v cc 1 2 3 in b in a gnd out y absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 4.6 v input voltage range * 1 v i ?0.5 to 4.6 v ?0.5 to v cc + 0.5 output : h or l output voltage range * 1, 2 v o ?0.5 to 4.6 v v cc : off input clamp current i ik ?50 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 100 ma maximum power dissipation at ta = 25c (in still air) * 3 p t 200 mw storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values, which mu st not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage rati ngs may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 4.6 v maximum. 3. the maximum package power dissipation was calc ulated using a junction temperature of 150c. HD74ALVC1G00 rev.6.00, jun.20.2005 page 3 of 7 recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.2 3.6 v input voltage range v i 0 3.6 v output voltage range v o 0 v cc v ? ?2 v cc = 1.2 v ? ?4 v cc = 1.4 v ? ?6 v cc = 1.65 v ? ?18 v cc = 2.3 v i oh ? ?24 v cc = 3.0 v ? 2 v cc = 1.2 v ? 4 v cc = 1.4 v ? 6 v cc = 1.65 v ? 18 v cc = 2.3 v output current i ol ? 24 ma v cc = 3.0 v 0 20 v cc = 1.2 to 2.7 v input transition rise or fall rate ? t / ? v 0 10 ns / v v cc = 3.30.3 v operating free-air temperature ta ?40 85 c note: unused or floating inputs must be held high or low. electrical characteristics ta = ?40 to 85c item symbol v cc (v) * min typ max unit test condition 1.2 v cc 0.75 ? ? 1.4 to 1.6 v cc 0.7 ? ? 1.65 to 1.95 v cc 0.7 ? ? 2.3 to 2.7 1.7 ? ? v ih 3.0 to 3.6 2.0 ? ? 1.2 ? ? v cc 0.25 1.4 to 1.6 ? ? v cc 0.3 1.65 to 1.95 ? ? v cc 0.3 2.3 to 2.7 ? ? 0.7 input voltage v il 3.0 to 3.6 ? ? 0.8 v min to max v cc ?0.2 ? ? i oh = ?100 a 1.2 0.9 ? ? i oh = ?2 ma 1.4 1.1 ? ? i oh = ?4 ma 1.65 1.2 ? ? i oh = ?6 ma 2.3 1.7 ? ? i oh = ?18 ma v oh 3.0 2.2 ? ? i oh = ?24 ma min to max ? ? 0.2 i ol = 100 a 1.2 ? ? 0.3 i ol = 2 ma 1.4 ? ? 0.3 i ol = 4 ma 1.65 ? ? 0.3 i ol = 6 ma 2.3 ? ? 0.55 i ol = 18 ma output voltage v ol 3.0 ? ? 0.55 v i ol = 24 ma input current i in 3.6 ? ? 5 a v in = 3.6 v or gnd quiescent supply current i cc 3.6 ? ? 10 a v in = v cc or gnd, i o = 0 output leakage current i off 0 ? ? 5 a v i or v o = 0 to 3.6 v input capacitance c in 3.3 ? 4.5 ? pf v in = v cc or gnd note: for conditions shown as min or max, use the appr opriate values under recommended operating conditions. HD74ALVC1G00 rev.6.00, jun.20.2005 page 4 of 7 switching characteristics v cc = 1.2 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl ? 7.5 ? ns c l = 15 pf a or b y v cc = 1.5 0.1 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 2.0 ? 7.0 ns c l = 15 pf a or b y v cc = 1.8 0.15 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.5 ? 5.0 ns c l = 30 pf a or b y v cc = 2.5 0.2 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 3.7 ns c l = 30 pf a or b y v cc = 3.3 0.3 v ta = ?40 to 85c item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 2.8 ns c l = 30 pf a or b y operating characteristics ta = 25c item symbol v cc (v) min typ max unit test conditions 1.5 ? 10.5 ? 1.8 ? 10.5 ? 2.5 ? 10.5 ? power dissipation capacitance c pd 3.3 ? 11.5 ? pf f = 10 mhz HD74ALVC1G00 rev.6.00, jun.20.2005 page 5 of 7 test circuit pulse generator out z = 50 ? c l r l input output v cc l note: c includes probe and jig capacitance. v = 1.8 0.15 v cc r 1.0 k ? 2.0 k ? 500 ? l c 30 pf 15 pf 30 pf l v = 2.5 0.2 v, 3.3 0.3 v cc v = 1.2 v, 1.5 0.1 v cc symbol HD74ALVC1G00 rev.6.00, jun.20.2005 page 6 of 7 waveforms input 90% 10% 10% v ih gnd v oh v ol t r v ref v ref t f 90% t phl t plh output v ref v ref v ref v ih v cc v cc t / t 2.0 ns 2.5 ns 2.5 ns rf 2.7 v 50% 50% 1.5 v v = 2.5 0.2 v cc v = 1.2 v, 1.5 0.1 v, 1.8 0.15 v cc v = 3.3 0.3 v cc symbol note: input waveform : prr = 10 mhz, duty cycle 50% HD74ALVC1G00 rev.6.00, jun.20.2005 page 7 of 7 package dimensions 1 e 1 3 54 d e b a h c l 1.0 0.1 0.1 () 0.1 () 0.3 0.2 0.15 1 a 1.3 1.1 1.55 1.6 1.55 0.12 1 e 1 d p 0.5 e e l x y 0.2 1.65 1.65 p-uson5-1.2x1.6-0.50 pusn0005ka-a 0.22 0.07 1 2 l c c z b a e d b h a mass[typ.] 0.6 1.2 1.6 reference symbol dimension in millimeters min nom max previous code jeita package code renesas code tnp-5d/tnp-5dv 0.002g keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is a lways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placeme nt of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies o r errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas techn ology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materi als. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lic ense from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is prohibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. unit2607 ruijing building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas technology korea co., ltd. kukje center bldg. 18th fl., 191, 2-ka, hangang-ro, yongsan-ku, seoul 140-702, korea tel: <82> 2-796-3115, fax: <82> 2-796-2145 renesas technology malaysia sdn. bhd. unit 906, block b, menara amcorp, amcorp trade centre, no.18, jalan persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: <603> 7955-9390, fax: <603> 7955-9510 renesas sales offices ? 200 5. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .3.0 |
Price & Availability of HD74ALVC1G00 |