Part Number Hot Search : 
SMD260 HC5526CP SL24T1G BYV285 CL3225 F5001 PM6344 R2100
Product Description
Full Text Search
 

To Download H21L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 isocom inc 720 e., park boulevard, suite 104, plano, tx 75074 usa tel: (972) 423-5521 fax: (972) 422-4549 3/10/97 db91085-aas/a2 iso - logic inverter schmitt trigger interrupter switch h21l1, H21L2 h22l1, h22l2 optical centre line 12.7 e 3.0 1 2 5 4 9.0 8.0 11.1 10.5 0.45 0.40 7.62 6.6 3.3 3.0 2.8 2.54 dimensions in mm 3 1 2 pin 5 g nd pin 3 v cc pin 4 v o optic al centre line 12.7 e 3.0 1 2 5 4 9.0 8.0 11.1 10.5 0.45 0.40 7.62 6.6 3.3 3.0 2.8 2.54 3 1 2 pin 3 v cc pin 4 v o 25.7 24.1 19.05 pin 5 g nd h22l1 h22l2 h21l1 H21L2 voltage regulator 4 out 3 v cc 5 g nd amp 1 2 description the h21l_ and h22l_ series of transmissive photointerrupters are single channel switches consisting of a gallium arsenide infrared emitting diode coupled to a high speed integrated circuit detector. the output incorporates a schmitt trigger which provides hysteresis for noise immunity and pulse shaping. the gap in the plastic housing provides a means of interrupting the signal with an opaque material, switching the output from an 'on' into an 'off' state. features l built in schmitt trigger circuit l open collector output l high sensitivity l 3mm gap between led and detector l 1mm aperture over led and detector applications l floppy disk drives, copiers, printers, facsimilies, vcr's, cassette tape recorders, automatic vending machines
db91085-aas/a2 parameter min typ max units test condition input forward voltage (v f ) 1.1 1.6 v i f = 20ma reverse voltage (v r )6vi r = 10 m a reverse current (i r )10 m av r = 3v detector operating voltage range v cc 415v low level supply current i ccl 1.6 5 ma v cc = 5v, i f = 20ma high level supply current i cch 1.0 5 ma v cc = 5v, i f = 0ma low level output voltage v ol 0.4 v v cc = 5v, i f = 30ma r l = 270 w high level output current i oh 100 m av cc = 15v, i f = 0ma v o = 15v turn-on threshold current i f ( on ) h21l1, h22l1 30 ma v cc = 5v, r l = 270 w H21L2, h22l2 15 ma v cc = 5v, r l = 270 w turn-off threshold current i f ( off ) h21l1, h22l1 0.5 ma v cc = 5v, r l = 270 w H21L2, h22l2 0.5 ma v cc = 5v, r l = 270 w hysteresis ratio i f ( off ) / i f ( on ) 0.5 0.9 v cc = 5v, r l = 270 w rise time tr 0.1 m sv cc = 5v i f = 20ma fall time tf 0.05 m sr l = 270 w note 1 special selections are available on request. please consult the factory. 3/10/97 electrical characteristics ( t a = 25c unless otherwise noted ) absolute maximum ratings (25 c unless otherwise specified) storage temperature -40c to +85c operating temperature -25c to +85c lead soldering temperature 260c (5 secs maximum) infrared emitting diode power dissipation 75 mw forward current ( continuous ) 50 ma forward current ( peak ) 1 a (pulse width 100 m s, duty ratio = 0.01) reverse voltage 6v photo detector power dissipation 250 mw output current 50ma allowed range v 35 0 to 35v allowed range v 45 0 to 40v
db91085-aas/a2 3/10/97 50 -25 0 25 50 75 100 125 ambient temperature t a ( c ) 0 300 collector power dissipation p c (mw) collector power dissipation vs. ambient temperature 0 1.0 2.0 3.0 v cc = 5v ambient temperature t a ( c ) -25 0 25 50 75 100 -25 0 25 50 75 100 ambient temperature t a ( c ) low level output voltage v ol ( v ) low level output voltage vs. ambient temperature 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 1 low level output voltage v ol ( v ) low level output voltage vs. low level output current low level output current i ol ( ma ) 0.1 0.01 0.02 0.2 0.5 supply current vs. ambient temperature supply current i cc (ma) v cc = 5v i f = 30ma t a = 25c 0.1 0.2 0.5 1 2 5 10 0 0.1 0.2 0.3 0.4 rise time, fall time tr, tf ( m s) rise time, fall time vs. load resistance load resistance r l ( k w) 0.5 ambient temperature t a ( c ) 60 30 20 10 0 40 50 -25 0 25 50 75 100 125 forward current vs. ambient temperature forward current i f (ma) 100 150 200 250 1 10 50 100 0.05 v cc = 5v i f = 30ma t a = 25c 0.6 i cch i ccl v cc = 5v i f = 30ma i ol = 30ma 5ma 16ma tf tr


▲Up To Search▲   

 
Price & Availability of H21L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X