Part Number Hot Search : 
SM250 2SB1261 SEMD9 12501 AD844SQ 22101 TL101 1514S
Product Description
Full Text Search
 

To Download FAN7190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 - high-current, high & low side, gate-drive ic FAN7190_f085 rev. 1.0.0 may 2010 FAN7190_f085 high-current, high & low-side, gate-drive ic features ? floating channels for bootstrap operation to +600v ? typically 4.5a/4.5a sourcing/sinking current driving capability ? common-mode dv/dt noise canceling circuit ? built-in under-voltage lockout for both channels ? matched propagation delay for both channels ? 3.3v and 5v input logic compatible ? output in-phase with input applications ? diesel and gasoline injectors/valves ? mosfet-and igbt high side driver applications description the FAN7190_f085 is a monolithic high- and low-side gate-drive ic, which can drive high speed mosfets and igbts that operate up to +600v. it has a buffered output stage with all nmos transistors designed for high pulse current driving capability and minimum cross-conduction. fairchild?s high-voltage process and common-mode noise canceling techniques provide stable operation of the high-side driver under high dv/dt noise circumstances. an advanced level shift circuit offers high-side gate driver operation up to v s =-9.8v (typical) for v bs =15v. the uvlo circuit prevents malfunction when v dd and v bs are lower than the specified threshold voltage. the high current and low output voltage drop feature make this device suitable for magnetic- and piezo type injectors and general mosfet/igbt based high side driver applications . ordering information for fairchild?s definition of ?g reen? eco status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html . 8-sop part number package operating temperature range eco status packing method FAN7190m 8-sop -40 ? c ~ 125 ? crohs tube FAN7190mx tape & reel
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 2 FAN7190_f085 - high-current, high & low side, gate-drive ic typical application circuit figure 1. application circuit for half-bridge internal block diagram figure 2. functional block diagram d boot q1 r boot c boot 15v q2 c1 r4 r3 r2 r1 com hin 4lo 3 2 1 5 6 7 8 lin v s v b ho v dd output FAN7190_f085 load FAN7190_f085 rev.01 up to 600v controller hin lin v dd com FAN7190_f085 rev. 01 uvlo driver pulse generator hin v b ho v s r r s q 6 7 8 1 noise canceller driver lo 3 4 5 lin 2 delay FAN7190_f085 200k 200k uvlo v ss /com level shift
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 3 FAN7190_f085 - high-current, high & low side, gate-drive ic pin configurations figure 3. pin assignments (top view) pin definitions 8-pin name description 1 hin logic input for high-side gate driver output 2 lin logic input for low-side gate driver output 3 com low-side driver return 4 lo low-side driver output 5v dd low-side and logic part supply voltage 6v s high-voltage floating supply return 7 ho high-side driver output 8v b high-side floating supply FAN7190m_f085 v s v b ho FAN7190 _ f085 rev . 01 FAN7190_f085 v dd com hin 4 lo 3 2 1 5 6 7 8 lin FAN7190mx_f085
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 4 FAN7190_f085 - high-current, high & low side, gate-drive ic absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. -40 ? c <=t a <= 125 ? c, unless otherwise specified. notes: 1. mounted on 76.2 x 114.3 x 1.6mm pcb (fr-4 glass epoxy material). 2. refer to the following standards: jesd51-2: integral circuits thermal test method environmental condit ions - natural convection jesd51-3: low effective thermal conductivity test board for leaded surface mount packages 3. do not exceed p d under any circumstances. recommended operat ing conditions the recommended operating conditions table defines the conditions for actual dev ice operation. recommended operating conditions are specified to ensure optimal perfor mance to the datasheet specifications. fairchild does not recommend exceeding them or designing to absolute maximum ratings. symbol characteristics min. max. unit v s high-side floating supply offset voltage v b -25 v b +0.3 v v b high-side floating supply voltage -0.3 625.0 v v ho high-side floating output voltage ho v s -0.3 v b +0.3 v v dd low-side and logic fixed supply voltage -0.3 25.0 v v lo low-side output voltage lo -0.3 v dd +0.3 v v in logic input voltage (hin and lin) -0.3 v dd +0.3 v dv s /dt allowable offset voltage slew rate 50 v/ns p d (1)(2)(3) power dissipation 8-sop 0.625 w ? ja thermal resistance, junction-to-ambient 8-sop 200 ? c/w t j junction temperature +150 ? c t stg storage temperature +150 ? c symbol parameter min. max. unit v b high-side floating supply voltage v s +10 v s +22 v v s high-side floating supply offset voltage 6-v dd 600 v v ho high-side output voltage v s v b v v dd low-side and logic supply voltage 10 22 v v lo low-side output voltage com v dd v v in logic input voltage (hin and lin) com v dd v t a operating ambient temperature -40 +125 ? c
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 5 FAN7190_f085 - high-current, high & low side, gate-drive ic electrical characteristics v bias (v dd , v bs )=15.0v, v s =com, -40 ? c <=t a <= 125 ? c, unless otherwise specified. the v il , v ih , and i in parameters are referenced to com and are applicable to th e respective input signals hin and lin. the v o and i o parameters are referenced to com and v s is applicable to the respective output signals ho and lo. note: 4. this parameter guaranteed by design. dynamic electrical characteristics v bias (v dd , v bs )=15.0v, v s =com=0v, c l =1000pf and -40 ? c <=t a <= 125 ? c unless otherwise specified. symbol characteristics test condition min. typ. max. unit power supply section (v dd and v bs ) v dduv+ v bsuv+ v dd and v bs supply under-voltage positive-going threshold 7.8 8.8 9.8 v v dduv- v bsuv- v dd and v bs supply under-voltage negative-going threshold 7.2 8.3 9.1 v dduvh v bsuvh v dd and v bs supply under-voltage lockout hysteresis voltage 0.5 i lk offset supply leakage current v b =v s =600v 50 a i qbs quiescent v bs supply current v in =0v or 5v 45 110 i qdd quiescent v dd supply current v in =0v or 5v 75 150 i pbs operating v bs supply current f in =20khz, rms value 530 700 a i pdd operating v dd supply current f in =20khz, rms value 530 750 logic input section (hin, lin) v ih logic "1" input voltage 2.5 v v il logic "0" input voltage 1.2 i in+ logic "1" input bias current v in =5v 25 50 a i in- logic "0" input bias current v in =0v 1.0 2.0 r in input pull-down resistance 100 200 k ? gate driver output section (ho, lo) v oh high-level output voltage, v bias -v o no load 1.5 v v ol low-level output voltage, v o no load 35 mv i o+ output high, short-circuit pulsed current (4) v o =0v, v in =5v with pw<10s 3.5 4.5 a i o- output low, short-circuit pulsed current (4) v o =15v, v in =0v with pw<10s 3.5 4.5 r outh output driver impedance (4) v o =3.0v, i o, source =250ma 12 ? r outl output driver impedance (4) v o =2.0v, i o, sink =250ma 8 ? v s allowable negative v s pin voltage for hin signal propagation to ho -9.8 -7.0 v symbol characteristics test condition min. typ. max. unit t on turn-on propagation delay v s =0v 140 200 ns t off turn-off propagation delay v s =0v 140 200 mt delay matching, hs & ls turn-on/off 0 50 t r turn-on rise time 25 50 t f turn-off fall time 20 45
FAN7190_f085 - high-current, high & low side, gate-drive ic ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 6 typical characteristics figure 4. turn-on propagation delay vs. temperature figure 5. turn-off propagation delay vs. temperature figure 6. turn-on rise time vs. temperature figure 7. turn-off fall time vs. temperature figure 8. turn-on delay matching vs. temperature figure 9. turn-off delay matching vs. temperature -50 -25 0 25 50 75 100 125 0 50 100 150 200 250 300 typ. turn-on delay time(ns) temperature( o c) max. -50 -25 0 25 50 75 100 125 0 50 100 150 200 250 300 typ. turn-off delay time(ns) temperature( o c) max. -50 -25 0 25 50 75 100 125 0 20 40 60 80 turn-on rise time(ns) temperature( o c) max. typ. -50 -25 0 25 50 75 100 125 0 20 40 60 80 typ. turn-off fall time(ns) temperature( o c) max. -50 -25 0 25 50 75 100 125 0 20 40 60 80 typ. delay matching of turn-on (ns) temperature( o c) max. -50 -25 0 25 50 75 100 125 0 20 40 60 80 typ. delay matching of turn-off (ns) temperature( o c) max.
FAN7190_f085 - high-current, high & low side, gate-drive ic ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 7 typical characteristics (continued) figure 10. quiescent v dd supply current vs. temperature figure 11. quiescent v bs supply current vs. temperature figure 12. operating v dd supply current vs. temperature figure 13. operating v bs supply current vs. temperature. figure 14. v dd uvlo+ vs. temperature figure 15. v dd uvlo- vs. temperature -50 -25 0 25 50 75 100 125 0 40 80 120 160 200 typ. quiescent v dd supply current o ua p temperature ( o c) max. -50 -25 0 25 50 75 100 125 0 30 60 90 120 150 typ. quiescent v bs supply cureent (ua) temperature ( o c) max. -50 -25 0 25 50 75 100 125 0 200 400 600 800 1000 typ. operating v dd supply current o ua p temperature ( o c) max. -50 -25 0 25 50 75 100 125 0 200 400 600 800 1000 typ. operating v bs supply current o ua p temperature ( o c) max. -50 -25 0 25 50 75 100 125 7 8 9 10 11 typ min v dd positive going uvlo threshold (v) temperature ( o c) max -50 -25 0 25 50 75 100 125 6 7 8 9 10 v dd negative going uvlo threshold (v) temperature ( o c) min typ max
FAN7190_f085 - high-current, high & low side, gate-drive ic ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 8 typical characteristics (continued) figure 16. v bs uvlo+ vs. temperature figure 17. v bs uvlo- vs. temperature figure 18. high-level output voltage vs. temperature figure 19. low-level output voltage vs. temperature figure 20. logic high input voltage vs. temperature figure 21. low input voltage vs. temperature -50 -25 0 25 50 75 100 125 7 8 9 10 11 typ min v bs positive going uvlo threshold (v) temperature ( o c) max -50 -25 0 25 50 75 100 125 6 7 8 9 10 v bs negative going uvlo threshold (v) temperature ( o c) min typ max -50 -25 0 25 50 75 100 125 0.0 0.4 0.8 1.2 1.6 2.0 max. high level output voltage (v) temperature( o c) typ -50 -25 0 25 50 75 100 125 0 10 20 30 40 max. low level output voltage (mv) temperature( o c) typ -50 -25 0 25 50 75 100 125 0.5 1.0 1.5 2.0 2.5 3.0 typ logic 1, high input voltage (v) temperature( o c) max. -50 -25 0 25 50 75 100 125 0.5 1.0 1.5 2.0 2.5 3.0 typ logic 0, low input voltage (v) temperature( o c) min
FAN7190_f085 - high-current, high & low side, gate-drive ic ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 9 typical characteristics (continued) figure 22. logic input high bias current vs. temperature figure 23. allowable negative v s voltage vs. temperature . -50 -25 0 25 50 75 100 125 0 10 20 30 40 50 60 typ. high input bias current ( ? a) temperature( o c) max. -50 -25 0 25 50 75 100 125 -12 -11 -10 -9 -8 -7 -6 min typ. allowable negative vs voltage (v) temp( o c)
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 10 FAN7190_f085 - high-current, high & low side, gate-drive ic switching time definitions figure 24. switching time te st circuit (referenced 8-sop) figure 25. input/output timing diagram figure 26. switching time waveform definitions figure 27. delay matchi ng waveform definitions 1nf v b hin com ho v s lo 1 3 lin v dd 5 7 8 4 2 100nf 15v 10f 1nf FAN7190 hin lin 6 100nf 10f 15v hin lin ho lo FAN7190 rev.01 50% 90% 50% t on 10% t r t off t f 10% 90% FAN7190 hin lin ho lo hin lin lo 50% 50% 10% 90% ho mt ho lo mt FAN7190 90% 10%
? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 11 FAN7190_f085 - high-current, high & low side, gate-drive ic physical dimensions . figure 24. 8-lead small outline package (sop) package drawings are provided as a service to customers considering fairchil d components. drawings may change in any manner without notice. please note the revision and/or date on the draw ing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild? s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online pack aging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . 8 0 see detail a notes: unless otherwise specified a) this package conforms to jedec ms-012, variation aa, issue c, b) all dimensions are in millimeters. c) dimensions do not include mold flash or burrs. d) landpattern standard: soic127p600x175-8m. e) drawing filename: m08arev13 land pattern recommendation seating plane 0.10 c c gage plane x 45 detail a scale: 2:1 pin one indicator 4 8 1 c m ba 0.25 b 5 a 5.60 0.65 1.75 1.27 6.20 5.80 3.81 4.00 3.80 5.00 4.80 (0.33) 1.27 0.51 0.33 0.25 0.10 1.75 max 0.25 0.19 0.36 0.50 0.25 r0.10 r0.10 0.90 0.406 (1.04) option a - bevel edge option b - no bevel edge
trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. accupower ? auto-spm ? build it now ? coreplus ? corepower ? crossvolt ? ctl? current transfer logic? ecospark ? efficientmax? ezswitch?* ?* deuxpeed? ? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fas t ? fastv core ? fetbench ? flashwriter ? * fps ? f-pfs ? frfet ? global power resource sm green fps ? green fps ? e-series ? g max ? gto ? intellimax ? is oplana r ? megabuck? microcoupler ? microfet ? micropak ? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm ? ? qfet ? qs ? quiet s er ies ? rapidconf igure ? ? saving our world, 1mw/w /kw at a time? signalwise? smartmax? smart start ? spm ? stealth? superfet ? supersot ? -3 supersot ? -6 supersot ? -8 supremos? syncfet? sync-lock? ? * the power franchise ? tinyboost ? tinybuck ? tinycalc ? tinylogic ? tinyopto ? tinypower ? tinypwm ? tinywire ? trifault detect ? truecurrent ? * ? serdes ? uhc ? ultra frfet ? unifet ? vcx ? visualmax ? xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes w ithout further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s w orldwide terms and conditions, specifically the warranty therein, wh ich c overs th ese produ cts. life support p olicy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiv eness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard p erformance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselves and our cus tomers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fairchild or from a uthorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or from authorized fairchi ld distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fairchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately address any warranty issues t hat may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is committed to combat this glo bal problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i43 FAN7190_f085 - high-current, high & low side, gate-drive ic ? 2010 fairchild semiconductor corporation www.fairchildsemi.com FAN7190_f085 rev. 1.0.0 12


▲Up To Search▲   

 
Price & Availability of FAN7190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X