Part Number Hot Search : 
FW907 45AYT6C FQP8N80C MIHW1018 RN2110 EC3648 CSM5T1 M0333
Product Description
Full Text Search
 

To Download CS5253B-8-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 may, 2002 rev. 3 1 publication order number: cs5253b8/d cs5253b-8 3.0 a ldo 5-pin 2.5 v fixed linear regulator for remote sense applications this new very low dropout linear regulator reduces total power dissipation in the application. to achieve very low dropout, the internal pass transistor is powered separately from the control circuitry. furthermore, with the control and power inputs tied together, this device can be used in single supply configuration and still offer a better dropout voltage than conventional pnpnpn based ldo regulators. in this mode the dropout is determined by the minimum control voltage. the cs5253b8 is offered in a fiveterminal d 2 pak package, which allows for the implementation of a remotesense pin permitting very accurate regulation of output voltage directly at the load, where it counts, rather than at the regulator. this remote sensing feature virtually eliminates output voltage variations due to load changes and resistive voltage drops. typical load regulation measured at the sense pin is less than 1.0 mv for an output voltage of 2.5 v with a load step of 10 ma to 3.0 a. the cs5253b8 has a very fast transient loop response. internal protection circuitry provides for abustproofo operation, similar to threeterminal regulators. this circuitry, which includes overcurrent, short circuit, and overtemperature protection will self protect the regulator under all fault conditions. the cs5253b8 is ideal for generating a 2.5 v supply to power graphics controllers used on vga cards. its remote sense and low value capacitance requirements make this a low cost high performance solution. the cs5253b8 is optimized from the cs52531 to allow a lower value of output capacitor to be used at the expense of a slower transient response. features ? v out fixed @ 2.5 v 1.5% ? v power dropout < 0.40 v @ 3.0 a ? v control dropout < 1.05 v @ 3.0 a ? 1.5% trimmed reference ? fast transient response ? remote voltage sensing ? thermal shutdown ? current limit ? short circuit protection ? dropin replacement for ez1582 ? backwards compatible with 3pin regulators ? very low dropout reduces total power consumption marking diagram a = assembly location wl, l = wafer lot yy, y = year ww, w = work week tab = v out pin 1. v sense 2. gnd 3. v out 4. v control 5. v power d 2 pak 5pin dp suffix case 936f 1 5 cs 5253b8 awlyww 1 device package shipping ordering information cs5253b8gdp5 d 2 pak* 50 units/rail cs5253b8gdpr5 d 2 pak* 750 tape & reel *5pin. http://onsemi.com
cs5253b8 http://onsemi.com 2 figure 1. application diagram cs5253b8 10 m f 10 v v control v power v out v sense gnd 100 m f 5.0 v +5.0 v +3.3 v 2.5 v @ 3.0 a 33 m f 5.0 v c load (optional) gnd gnd r dis r dis maximum ratings* rating value unit v power input voltage 6.0 v v control input voltage 13 v operating junction temperature range, t j 0 to 150 c storage temperature range 65 to +150 c esd damage threshold 2.0 kv lead temperature soldering: reflow: (smd styles only) (note 1) 230 peak c 1. 60 second maximum above 183 c. *the maximum package power dissipation must be observed. electrical characteristics (0 c t a 70 c; 0 c t j 150 c; v sense = v out and gnd = 0 v; unless otherwise specified.) characteristic test conditions min typ max unit cs5253b8 output voltage v control = 3.9 v to 12 v, v power = 3.13 v to 5.5 v, i out = 10 ma to 3.0 a 2.463 (1.5%) 2.5 2.538 (+1.5%) v line regulation v control = 3.9 v to 12 v, v power = 3.13 v to 5.5 v, i out = 10 ma 0.02 0.2 % load regulation v control = 3.9 v, v power = 3.13 v, i out = 10 ma to 3.0 a, with remote sense 0.04 0.3 % minimum load current (note 2) v control = 5.0 v, v power = 3.3 v, d v out = +1.0% 0 0 ma control pin current (note 3) v control = 3.9 v, v power = 3.13 v, i out = 100 ma v control = 3.9 v, v power = 3.13 v, i out = 3.0 a 6.0 35 10 120 ma ma ground pin current v control = 3.9 v, v power = 3.13 v, i out = 10 ma 7 10 ma current limit v control = 3.9 v, v power = 3.13 v, d v out = 4.0% 3.1 4.0 a short circuit current v control = 3.9 v, v power = 3.13 v, v out = 0 v 2.0 3.5 a 2. the minimum load current is the minimum current required to maintain regulation. 3. the v control pin current is the drive current required for the output transistor. this current will track output current with roughly a 1:1 00 ratio. the minimum value is equal to the quiescent current of the device.
cs5253b8 http://onsemi.com 3 electrical characteristics (continued) (0 c t a 70 c; 0 c t j 150 c; v sense = v out and gnd = 0 v; unless otherwise specified.) characteristic unit max typ min test conditions cs5253b8 ripple rejection (note 4) v control = v power = 3.9 v, v ripple = 1.0 v pp @ 120 hz, i out = 3.0 a 60 80 db thermal regulation 30 ms pulse, t a = 25 c 0.002 %/w v control dropout voltage (minimum v control v out ) (note 5) v power = 3.13 v, i out = 100 ma v power = 3.13 v, i out = 1.0 a v power = 3.13 v, i out = 3.0 a 0.90 1.00 1.05 1.15 1.15 1.30 v v v v power dropout voltage (minimum v power v out ) (note 5) v control = 3.9 v, i out = 100 ma v control = 3.9 v, i out = 1.0 a v control = 3.9 v, i out = 3.0 a 0.05 0.15 0.40 0.15 0.25 0.60 v v v rms output noise freq = 10 hz to 10 khz, t a = 25 c 0.003 %v out temperature stability 0.5 % thermal shutdown (note 6) 150 180 210 c thermal shutdown hysteresis 25 c v control supply only output current v control = 13 v, v power not connected, gnd = v out = v sense = 0 v 50 ma v power supply only output current v power = 6.0 v, v control not connected, gnd = v out = v sense = 0 v 0.1 1.0 ma 4. this parameter is guaranteed by design and is not 100% production tested. 5. dropout is defined as either the minimum control voltage (v control ) or minimum power voltage (v power ) to output voltage differential required to maintain 1.5% regulation at a particular load current. 6. this parameter is guaranteed by design, but not parametrically tested in production. however, a 100% thermal shutdown functio nal test is performed on each part. package pin description package pin # d 2 pak pin symbol function 1 v sense this kelvin sense pin allows for remote sensing of the output voltage at the load for improved regulation. it is internally connected to the positive input of the voltage sensing error amplifier. 2 gnd this pin is connected to system ground. 3 v out this pin is connected to the emitter of the power pass transistor and provides a regulated voltage capable of sourcing 3.0 a of current. 4 v control this is the supply voltage for the regulator control circuitry. for the device to regulate, this voltage should be between 0.9 v and 1.3 v (depending on the output current) greater than the output voltage. the control pin current will be about 1.0% of the output current. 5 v power this is the power input voltage. this pin is physically connected to the collector of the power pass transistor. for the device to regulate, this voltage should be between 0.1 v and 0.6 v greater than the output voltage depending on the out- put current. the output load current of 3.0 a is supplied through this pin.
cs5253b8 http://onsemi.com 4 figure 2. block diagram + + bias and tsd v ref ea ia v out v sense gnd v power v control typical performance characteristics figure 3. output voltage vs junction temperature figure 4. output current vs v power v out 01 23 4 6 5 v power v out (v) output current (a) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 measured at d v out = 1.5% reference voltage (v) 2.501 2.500 2.499 2.498 2.497 2.496 2.495 2.494 0 20 40 60 80 120 100 junction temperature ( c)
cs5253b8 http://onsemi.com 5 figure 5. transient response comparison between cs52531 and cs5253b8 figure 6. short circuit output current vs junction temperature 020 60 40 140 junction temperature ( c) short circuit output current limit (a) 3.9 3.8 3.7 3.6 3.5 3.4 3.3 80 120 100 v control = 5.0 v v power = 3.3 v v control = 5.0 v v power = 3.3 v v out = 2.5 v c control = 10 m f c adj = 0.1 m f v out cs52531 c out = 330 m f v out cs5253b8 c out = 33 m f i load 10 ma to 3.0 a 15 a/ m s 80 a/ m s figure 7. load regulation vs output current output current (a) 0 0.5 1.0 1.5 2.0 3.0 0 load regulation (%) 0.02 0.04 0.06 0.08 0.10 0.12 2.5 t j = 20 c t j = 120 c t j = 0 c 020 60 40 140 junction temperature ( c) i out (ma) 12 10 8 6 4 2 0 80 120 100 v control = 13 v v out = 0 v v power not connected figure 8. v control only output current vs junction temperature figure 9. v power dropout voltage vs output current v power dropout voltage (v) 500 450 400 350 300 250 200 150 100 50 0 0 0.5 1.0 1.5 2.0 3.0 2.5 output current (a) t j = 120 c t j = 20 c t j = 0 c figure 10. v power only output current vs junction temperature 020 60 40 140 junction temperature ( c) i out ( m a) 30 25 20 15 10 5 0 80 120 100 v power = 6.0 v v out = 0 v v control not connected
cs5253b8 http://onsemi.com 6 figure 11. ripple rejection vs frequency 10 1 10 2 10 3 10 4 10 6 10 5 frequency (hz) ripple rejection (db) 90 80 70 60 50 40 30 20 10 v in v out = 2.0 v i out = 3.0 a v ripple = 1.0 v pp c out = 22 m f c adj = 0.1 m f figure 12. current limit vs v out current limit (a) 5.0 4.5 4.0 3.5 0 0.5 1.0 1.5 2.0 3.0 2.5 v out (v) v power = 3.3 v v control = 5.0 v v out = 2.5 v t a = 25 c figure 13. v control dropout voltage vs output current output current (a) 0 0.5 1.0 1.5 2.0 3.0 800 v control dropout voltage (mv) 900 1000 1100 2.5 t j = 20 c t j = 120 c t j = 0 c output current (a) v power = 2.05 v figure 14. v control supply current vs junction temperature 020 60 40 140 junction temperature ( c) 80 120 100 i control (ma) 40 35 30 25 20 15 10 5 0 v control = 3.9 v v power = 3.13 v i out = 3.0 a i out = 1.0 a i out = 100 ma figure 15. stability vs esr esr ( w ) 6 5 3 1 0 0102030 50 40 capacitance ( m f) 60 70 80 90 100 4 2 v power = 3.3 v v control = 5.0 v i load = 0 to 3.0 a unstable stable region v out = 2.5 v v out shorted to v sense t j = 0 c to 150 c
cs5253b8 http://onsemi.com 7 applications notes theory of operation the cs5253b8 linear regulator is fixed at 2.5 v at currents up to 3.0 a. the regulator is protected against short circuits, and includes a thermal shutdown circuit with hysteresis. the output, which is current limited, consists of a pnpnpn transistor pair and requires an output capacitor for stability. v power function the cs5253b8 utilizes a two supply approach to maximize efficiency. the collector of the power device is brought out to the v power pin to minimize internal power dissipation under high current loads. v control provides for the control circuitry and the drive for the output npn transistor. v control should be at least 1.0 v greater than the output voltage. special care has been taken to ensure that there are no supply sequencing problems. the output voltage will not turn on until both supplies are operating. if the control voltage comes up first, the output current will be limited to about three milliamperes until the power input voltage comes up. if the power input voltage comes up first, the output will not turn on at all until the control voltage comes up. the output can never come up unregulated. the cs5253b8 can also be used as a single supply device with the control and power inputs tied together. in this mode, the dropout will be determined by the minimum control voltage. output voltage sensing the cs5253b8 five terminal linear regulator includes a dedicated v sense function. this allows for true kelvin sensing of the output voltage. this feature can virtually eliminate errors in the output voltage due to load regulation. regulation will be optimized at the point where the sense pin is tied to the output. design guidelines remote sense remote sense operation can be easily obtained with the cs5253b8 but some care must be paid to the layout and positioning of the filter capacitors around the part. the ground side of the input capacitors on the +5.0 v and +3.3 v lines and the local v out toground output capacitor on the ic must be tied close to the ground pin of the regulator. this will establish the stability of the part. the ic ground may then be connected to ground remotely at the load, giving the ground portion remote sense operation. the v sense line can then be tied remotely at the positive load connection, giving the feedback remote sense operation. the remote sense lines should be kelvin connected so as to eliminate the effect of load current voltage drop. an optional bypass capacitor may be used at the load to reduce the effect of load variations and spikes. current limit the internal current limit circuit limits the output current under excessive load conditions. short circuit protection the device includes short circuit protection circuitry that clamps the output current at approximately 500ma less than its current limit value. this provides for a current foldback function, which reduces power dissipation under a direct shorted load. thermal shutdown the thermal shutdown circuitry is guaranteed by design to activate above a die junction temperature of approximately 150 c and to shut down the regulator output. this circuitry has 25 c of typical hysteresis, thereby allowing the regulator to recover from a thermal fault automatically. figure 16. remote sense cs5253b8 v control v power v out v sense gnd 100 m f +5.0 v +3.3 v +load optional gnd r dis r dis + 10 m f + 33 m f + + local connections remote connections load
cs5253b8 http://onsemi.com 8 calculating power dissipation and heat sink requirements high power regulators such as the cs5253b8 usually operate at high junction temperatures. therefore, it is important to calculate the power dissipation and junction temperatures accurately to ensure that an adequate heat sink is used. since the package tab is connected to v out on the cs5253b8, electrical isolation may be required for some applications. also, as with all high power packages, thermal compound in necessary to ensure proper heat flow. for added safety, this high current ldo includes an internal thermal shutdown circuit the thermal characteristics of an ic depend on the following four factors: junction temperature, ambient temperature, die power dissipation, and the thermal resistance from the die junction to ambient air. the maximum junction temperature can be determined by: t j(max)  t a(max)  pd (max)  r  ja the maximum ambient temperature and the power dissipation are determined by the design while the maximum junction temperature and the thermal resistance depend on the manufacturer and the package type. the maximum power dissipation for a regulator is: pd (max)  ( v in(max)  v out(min) ) i out(max)  v in(max)  i in(max) a heat sink effectively increases the surface area of the package to improve the flow of heat away from the ic and into the surrounding air. each material in the heat flow path between the ic and the outside environment has a thermal resistance which is measured in degrees per watt. like series electrical resistances, these thermal resistances are summed to determine the total thermal resistance between the die junction and the surrounding air, r q ja . this total thermal resistance is comprised of three components. these resistive terms are measured from junction to case (r q jc ), case to heat sink (r q cs ), and heat sink to ambient air (r q sa ). the equation is: r  ja  r  jc  r  cs  r  sa the value for r q jc is 2.5 c/watt for the cs5253b8 in the d2pak package. for a high current regulator such as the cs5253b8 the majority of heat is generated in the power transistor section. the value for r q sa depends on the heat sink type, while the r q cs depends on factors such as package type, heat sink interface (is an insulator and thermal grease used?), and the contact area between the heat sink and the package. once these calculations are complete, the maximum permissible value of r q ja can be calculated and the proper heat sink selected. for further discussion on heat sink selection, see our application note athermal management,o document number and8036/d, available through the literature distribution center or via our website at http://www.onsemi.com.
cs5253b8 http://onsemi.com 9 package dimensions d 2 pak 5pin dp suffix case 936f01 issue o t dim min max min max millimeters inches a 0.326 0.336 8.28 8.53 b 0.396 0.406 10.05 10.31 c 0.170 0.180 4.31 4.57 d 0.026 0.035 0.66 0.91 e 0.045 0.055 1.14 1.40 f 0.090 0.110 2.29 2.79 g 0.067 bsc 1.70 bsc h 0.098 0.108 2.49 2.74 j 0.018 0.025 0.46 0.64 k 0.204 0.214 5.18 5.44 m 0.055 0.066 1.40 1.68 n 0.000 0.004 0.00 0.10 notes: 1. dimensions and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. tab contour optional within dimensions b and m. 4. dimensions a and b do not include mold flash or gate protrusions. mold flash and gate protrusions not to exceed 0.025 (0.635) max. b n a k m e c seating plane f h j d 5 pl g t m 0.13 (0.005) m b 12345 package thermal data parameter d 2 pak, 5pin unit r q jc typical 2.5 c/w r q ja typical 1050* c/w *depending on thermal properties of substrate. r q ja = r q jc + r q ca .
cs5253b8 http://onsemi.com 10 notes
cs5253b8 http://onsemi.com 11 notes
cs5253b8 http://onsemi.com 12 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. cs5253b8/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of CS5253B-8-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X