Part Number Hot Search : 
FRM140R FA107 BYT43A FSS12 NZT751 93LC66CE T74LS13 MA250
Product Description
Full Text Search
 

To Download C4834 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unit : mm copyright & copy;2000 shindengen electric mfg.co.ltd ratings shindengen outline dimensions case : ito-220 fs series switching power transistor 8a npn 2sC4834 (tp8v40fs) ??absolute maximum ratings item symbol conditions ratings unit storage temperature tstg -55?`150 ?? junction temperature tj 150 ?? collector to base voltage v cbo 500 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 7 v collector current dc i c 8 a collector current peak i cp 16 base current dc i b 3 a base current peak i bp 6 total transistor dissipation p t tc = 25?? 45 w dielectric strength vdis terminals to case, ac 1 minute 2 kv mounting torque tor (recommended torque : 0.3nm) 0.5 nm ??electrical characteristics (tc=25??) item symbol conditions ratings unit collector to emitter sustaining voltage v ceo (sus) i c = 0.1a min 400 v collector cutoff current i cbo at rated voltage max 0.1 ma i ceo max 0.1 emitter cutoff current i ebo at rated voltage max 0.1 ma dc current gain h fe v ce = 2v, i c = 4a 10?`25 h fel v ce = 2v, i c = 1ma min 10 collector to emitter saturation voltage v ce (sat) i c = 4a max 1.0 v base to emitter saturation voltage v be (sat) i b = 0.8a max 1.5 v thermal resistance ??jc junction to case max 2.78 ??/w transition frequency f t v ce = 10v, i c = 0.8a typ 13 mhz turn on time ton i c = 4a max 0.3 storage time ts i b1 = 0.8a, i b2 = 1.6a max 1.3 ?s fall time tf r l = 37.5??, v bb2 = 4v max 0.1
1 10 100 2sC4834 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 2v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 16 collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2sC4834 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 0.5a 1a 2a 4a 8a 16a tc = 25 c saturation voltage 0.5a 1a 2a 4a 8a 16a 6 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
100 1000 0 1 2 3 4 5 6 7 8 2sC4834 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 150v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ns]
100 1000 0 50 100 150 2sC4834 i c = 4a i b1 = 0.8a i b2 = 1.6a v bb2 = 4v r l = 37.5 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ns]
forward bias soa 0.1 1 10 10 100 2sC4834 100 m s tc = 25 c single pulse 200 m s 1ms 10ms 15 400 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2sC4834 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 2 4 6 8 10 12 14 16 0 100 200 300 400 500 2sC4834 i b1 = 0.2i c i b2 = 1.6a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]
transient thermal impedance 0.01 0.1 1 10 2sC4834 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]


▲Up To Search▲   

 
Price & Availability of C4834

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X