Part Number Hot Search : 
FR203 M56781FP PLA140LE 1021T FSM11PL 1052237 THC956 MBRB1035
Product Description
Full Text Search
 

To Download BYW80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2003 july, 2003 - rev. 1 1 publication order number: BYW80/d BYW80-200 switchmode  power rectifiers . . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features: ? ultrafast 35 nanosecond recovery time ? 175 c operating junction temperature ? popular to-220 package ? epoxy meets ul94, v o @ 1/8 ? low forward voltage ? low leakage current ? high temperature glass passivated junction mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: , BYW80-200 maximum ratings please see the table on the following page device package shipping ordering information BYW80- 200 case 221b to - 220ac plastic 3 4 1 ultrafast rectifiers 8.0 amperes 200 v marking diagram BYW80- 20 0 BYW80- 200 = device code 1 3 4 to - 220 50 units/rail http://onsemi.com
BYW80 - 200 http://onsemi.com 2 maximum ratings rating symbol values unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 volts average rectified forward current total device, (rated v r ), t c = 150 c i f(av) 8.0 amps peak repetitive forward current (rated v r , square wave, 20 khz), t c = 150 c i fm 16 amps nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 amps operating junction temperature and storage temperature range t j , t stg - 65 to +175 c thermal characteristics maximum thermal resistance, junction to case r q jc 3.0 c/w electrical characteristics maximum instantaneous forward voltage (note 1.) (i f = 7.0 amps, t c = 100 c) (i f = 22 amps, t c = 25 c) v f 0.85 1.25 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t j = 100 c) (rated dc voltage, t j = 25 c) i r 1 0.01 ma maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/ m s) (i f = 0.5 amp, i r = 1.0 amp, i rec = 0.25 amp) t rr 35 25 ns 1. pulse test: pulse width = 300 m s, duty cycle 2.0%.
BYW80 - 200 http://onsemi.com 3 figure 1. typical forward voltage v f, instantaneous voltage (volts) 0.2 0.5 0.3 0.7 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 1.2 v r , reverse voltage (volts) 060 40 100 120 1000 0.1 0.01 10 100 t j = 175 c i r 20 80 200 figure 2. typical reverse current* t a , ambient temperature ( c) 0 12 2.0 6.0 4.0 14 i f(av) 0 20 40 60 80 200 t c , case temperature ( c) 140 150 0 2.0 1.0 3.0 5.0 4.0 i 180 figure 3. current derating, case figure 4. current derating, ambient 0 1.0 6.0 10 0 1.0 2.0 i f(av) , average forward current (amps) figure 5. power dissipation 0.4 0.7 10 70 0.9 1.1 100 c t j = 175 c 25 c 160 180 140 1.0 , reverse current ( a) 100 c 25 c 170 160 * the curves shown are typical for the highest voltage device in the grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . p , average forward current (amps) t j = 175 c i , average forward current (amps) f(av) 3.0 4.0 10 5.0 2.0 rated v r applied dc square wave  square wave 0.6 0.8 1.0 100 120 140 160 180 8.0 10 dc , average power dissipation (watts) f(av) 5.0 6.0 7.0 8.0 9.0 3.0 4.0 9.0 8.0 7.0 7.0 6.0 8.0 10 9.0 square wave dc square wave dc r  ja = 16 c/w r  ja = 60 c/w (no heat sink)
BYW80 - 200 http://onsemi.com 4 0.01 0.02 0.05 0.1 0.2 0.5 1.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 t, time (ms) figure 6. thermal response d = 0.5 0.05 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z  jc(t) = r(t) r  jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z q jc(t) r(t), transient thermal resistance (normalized) 1000 10 30 10 100 v r , reverse voltage (volts) figure 7. typical capacitance c, capacitance (pf) 0.1 0.01 100 300 1.0 t j = 25 c r  jc = 1.5  c/w max
BYW80 - 200 http://onsemi.com 5 package dimensions to - 220 two - lead case 221b - 04 issue d b r j d g l h q t u a k c s 4 13 dim min max min max millimeters inches a 0.595 0.620 15.11 15.75 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.82 d 0.025 0.035 0.64 0.89 f 0.142 0.147 3.61 3.73 g 0.190 0.210 4.83 5.33 h 0.110 0.130 2.79 3.30 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.14 1.52 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.14 1.39 t 0.235 0.255 5.97 6.48 u 0.000 0.050 0.000 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. f
BYW80 - 200 http://onsemi.com 6 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 2 - 9 - 1 kamimeguro, meguro - ku, tokyo, japan 153 - 0051 phone : 81 - 3 - 5773- 3850 on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. BYW80/d sensefet is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 - 675- 2175 or 800 - 344- 3860 toll free usa/canada fax : 303 - 675- 2176 or 800 - 344- 3867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 800 - 282- 9855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of BYW80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X