Part Number Hot Search : 
F1G5C STP6A60 XYB10 E100A DTC113Z B1517 1EZ120D5 BFN16
Product Description
Full Text Search
 

To Download BDW93 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BDW93, BDW93a, BDW93b, BDW93c npn silicon power darlingtons  
  1 september 1993 - revised september 2002 specifications are subject to change without notice. designed for complementary use with bdw94, bdw94a, bdw94b and bdw94c 80 w at 25c case temperature 12 a continuous collector current minimum h fe of 750 at 3 v, 5 a absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. derate linearly to 150c case temperature at the rate of 0.64 w/c. 2. derate linearly to 150c free air temperature at the rate of 16 mw/c. rating symbol value unit collector-base voltage (i e = 0) BDW93 BDW93a BDW93b BDW93c v cbo 45 60 80 100 v collector-emitter voltage (i b = 0) BDW93 BDW93a BDW93b BDW93c v ceo 45 60 80 100 v emitter-base voltage v ebo 5v continuous collector current i c 12 a continuous base current i b 0.3 a continuous device dissipation at (or below) 25c case temperature (see note 1) p tot 80 w continuous device dissipation at (or below) 25c free air temperature (see note 2) p tot 2w operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c operating free-air temperature range t a -65 to +150 c b c e to-220 package (top view) pin 2 is in electrical contact with the mounting base. mdtraca 1 2 3
BDW93, BDW93a, BDW93b, BDW93c npn silicon power darlingtons 2  
  september 1993 - revised september 2002 specifications are subject to change without notice. notes: 3. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 4. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. electrical characteristics at 25c case temperature (unless otherwise noted) parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = 100 ma i b = 0 (see note 3) BDW93 BDW93a BDW93b BDW93c 45 60 80 100 v i ceo collector-emitter cut-off current v cb = 40 v v cb = 60 v v cb = 80 v v cb = 80 v i b =0 i b =0 i b =0 i b =0 BDW93 BDW93a BDW93b BDW93c 1 1 1 1 ma i cbo collector cut-off current v cb = 45 v v cb = 60 v v cb = 80 v v cb = 100 v v cb = 45 v v cb = 60 v v cb = 80 v v cb = 100 v i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 t c = 150c t c = 150c t c = 150c t c = 150c BDW93 BDW93a BDW93b BDW93c BDW93 BDW93a BDW93b BDW93c 0.1 0.1 0.1 0.1 5 5 5 5 ma i ebo emitter cut-off current v eb = 5 v i c =0 2 ma h fe forward current transfer ratio v ce = 3 v v ce = 3 v v ce = 3 v i c = 3 a i c = 10 a i c = 5 a (see notes 3 and 4) 1000 100 750 20000 v ce(sat) collector-emitter saturation voltage i b = 20 ma i b = 100 ma i c = 5 a i c = 10 a (see notes 3 and 4) 2 3 v v be(sat) base-emitter saturation voltage i b = 20 ma i b = 100 ma i c = 5 a i c = 10 a (see notes 3 and 4) 2.5 4 v v ec parallel diode forward voltage i e = 5 a i e = 10 a i b = 0 i b = 0 2 4 v thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1.56 c/w r ja junction to free air thermal resistance 62.5 c/w
BDW93, BDW93a, BDW93b, BDW93c npn silicon power darlingtons 3  
  september 1993 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. typical dc current gain vs collector current i c - collector current - a 05 20 10 10 h fe - typical dc current gain 50000 100 1000 10000 tcs130ae t c = -40c t c = 25c t c = 100c v ce = 3 v t p = 300 s, duty cycle < 2% collector-emitter saturation voltage vs collector current i c - collector current - a 05 20 10 10 v ce(sat) - collector-emitter saturation voltage - v 0 05 10 15 20 25 30 tcs130ag t c = -40c t c = 25c t c = 100c t p = 300 s, duty cycle < 2% i b = i c / 100 base-emitter saturation voltage vs collector current i c - collector current - a 05 20 10 10 v be(sat) - base-emitter saturation voltage - v 05 10 15 20 25 30 tcs130ai t c = -40c t c = 25c t c = 100c i b = i c / 100 t p = 300 s, duty cycle < 2%
BDW93, BDW93a, BDW93b, BDW93c npn silicon power darlingtons 4  
  september 1993 - revised september 2002 specifications are subject to change without notice. thermal information figure 4. maximum power dissipation vs case temperature t c - case temperature - c 0 25 50 75 100 125 150 p tot - maximum power dissipation - w 0 20 40 60 80 100 tis130aa


▲Up To Search▲   

 
Price & Availability of BDW93

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X