Part Number Hot Search : 
82536110 PCA82 P2811B S1312 PRB354 26100 BTA316 LH160
Product Description
Full Text Search
 

To Download BDH110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  accessories bussmann ? 42 for non-fusible disconnect switches 175a C 200a bussmann ? fusible non-fused enclosed fused enclosed non-fused 1 mounting depth is the distance from the outside of the door to the disconnect switch mounting plate. shaft can be cut to desired length. 2 availability to be announced. for a complete assembly, please select one of each: 1 switch 1 handle 1 shaft 1 terminal lug kit bdnf200a + bds240 + BDH110 + bdtl25 cds340t 175 C 200 amp switches, 600v pistol handles for use with shafts .31 x .31" ( 8 x 8 mm ) shafts for use with pistol handles .31 x .31" ( 8 x 8 mm ) nema iec color length marking defeatable padlockable weight catalog type type mm (lbs) number shaft length mounting depth 1 in inches weight catalog inches/ mm bdnf175a C bdnf200a (lbs) number shaft length mounting depth 1 in inches weight catalog inches/ mm bdnf175a C bdnf200a (lbs) number 13.4/340 12.6 C 16.6 0.36 cds340t 2 pole 175 250 bdnf175a2 200 250 bdnf200a2 3 pole 175 250 30 30 40 75 100 bdnf175a 200 250 60 60 75 150 200 bdnf200a 4 pole 175 250 30 30 40 75 100 bdnf175a4 200 250 60 60 75 150 200 bdnf200a4 bdnf175a bdh108 bds__ bdh109 5.5/140 4.7 C 8.7 0.15 bds140 9.5/240 8.7 C 12.6 0.26 bds240 13.4/340 12.6 C 16.6 0.36 bds340 19.5/500 18.9 C 22.9 0.54 bds500 ul iec maximum horsepower rating general ac21 three phase catalog purpose amp number amp rating rating 200v 208v 240v 480v 600v 1,3r,12 ip65 black 2.6/65 o/i & off/on yes yes 0.29 bdh108 1,3r,12 ip65 red/yellow 2.6/65 o/i & off/on yes yes 0.29 bdh109 1,3r,12 ip65 black 3.1/80 o/i & off/on yes yes 0.30 BDH110 1,3r,12 ip65 red/yellow 3.1/80 o/i & off/on yes yes 0.30 bdh111 1,3r,4,4x,12 ip66 black 3.1/80 o/i & off/on yes yes 0.30 cdhxb88 1,3r,4,4x,12 ip66 red/yellow 3.1/80 o/i & off/on yes yes 0.30 cdhxy88 twisted shafts rotates handle 45 .31 x .31" ( 8 x 8 mm )
accessories bussmann ? 43 for 175a C 200a non-fusible disconnect switches fusible non-fused enclosed fused enclosed non-fused weight ac thermal ac rated catalog description for use on: (lbs) amp rating voltage number handle support bracket includes one set of 3 shrouds bdnf175a 0.40 bdts2 for use on line or load side bdnf200a weight catalog description for use on: (lbs) number 1 n.o. + 1 n.c. 0.09 10 600 bdaux12 2 n.o. + 2 n.c. 0.18 10 600 bdaux13 4 n.o. + 4 n.c. bdnf175a 0.35 10 600 bdaux16 2 n.o. bdnf200a 0.09 10 600 bdaux14 4 n.o. 0.18 10 600 bdaux15 8 n.o. 0.35 10 600 bdaux17 1 ul file e57057 bdtl25 bdaux12, 13 bdzx131 bdts2 bdzx129 bdtl175 for use on: wire kit weight wire terminal catalog size (lbs.) type lugs per kit number terminal lug kits auxiliary contacts 1 terminal poles terminal shrouds allows handle to be directly bdnf175a mounted to switch bdnf200a 0.33 bdzx131 behind the door detachable neutral bdnf175a mounts on side of bdnf200a 0.84 200 600 bdzx129 switch or din rail bdnf175a & #6 C 300 kcmil 0.93 cu/al 6 bdtl25 bdnf200a #6 C 300 kcmil 0.47 cu/al 3 bdtl253p *(6) #14 C 6 0.55 cu/al 3 bdtl175 *a load side distribution lug eliminates the need to purchase, install and wire a separate distribution block. *contact confguration when mounted on switch, not shelf state. weight ac thermal ac rated catalog description* for use on: (lbs) amp rating voltage number weight catalog description for use on: (lbs) number
accessories bussmann ? 44 for 175a C 200a non-fusible disconnect switches fusible non-fused enclosed fused enclosed non-fused cam attachment for kirk key, castell, lowe & fletcher and ronis interlock. 5, 6 & 8 mm for adapting to the interlock system shafts 0.29 cdetl-zw16 the interlock is not included. electrical interlock 1 closed circuit principle for interlocking the switch movement. when the coil circuit is dead, a-types cannot be operated cdetl-zt80a/ to on-position and l-types cannot bdnf175a C be operated to on- or off-position. bdnf200a 2.42 cdetl-zt80l/ coil voltages 110vac, 220vac, 24vdc, 48vdc, 60 vdc, 110vdc, 220vdc, p = 15w u = 0.7 C 1.1 un (u = coil voltage, un = nominal voltage) mounting bracket bdnf175a C 0.35 cdetl-zt140 bdnf200a 1 cdetl-zt140 mounting bracket required. cdetl-zw16 cdetl-zt 80a cdetl-zt140 bdzw95 cdzt123 shaft adapter shaft extension coupler locking accessories description for use on: weight catalog (lbs.) number description for use on: weight catalog (lbs.) number joins two shafts together for applications where 12 mm shafts 0.26 bdzw95 extended length is required description for use on: weight catalog (lbs.) number - c oil voltage adapts one end of an 8 mm shaft to a 12 mm shaft. use 8 mm shafts 0.20 cdzt123 with shaft extension coupler.
accessories bussmann ? 45 for 175a C 200a non-fusible disconnect switches fusible non-fused enclosed fused enclosed non-fused sw. a sw. b pos. i pos. i sw. a x o sw. b o x conversion mechanisms ? switches are not included transfer bdzw20 transfer mechanism manually transfers between two power sources using two switches and a center off position. a 3-position handle is included: (type 1, 3r, 12) or (type 1, 3r, 4, 4x, 12) shafts included. equipment required for a complete installation: ? one conversion mechanism ? two disconnect switches bypass bdzw21 bypass mechanism operates three switches: two switches in series and one changeover switch to allow power bypass. a 3-position handle is included: (type 1,3r & 12) or (type 1, 3r, 4, 4x, 12) shafts included. equipment required for a complete installation: ? one conversion mechanism ? three disconnect switches 6 or 8 pole bdzw18 6 (8) pole mechanism allows two switches con- trolled by one handle to open or close simulta- neously. shafts included. equipment required for a complete installation: ? one conversion mechanism ? two disconnect switches ? one handle pos. i pos.o pos.ii sw. a x o o sw. b o o x x = closed o = open pos. i pos.o pos.ii sw. a o o x sw. b o o x sw. c x o o x = closed o = opean mechanical interlock bdzw19 mechanical interlock mechanism prevents both switches from being in the on position at the same time. equipment required for a complete installation: ? one conversion mechanism ? two disconnect switches ? two handles ? two shafts x = closed o = open pos. o pos.i sw. a o x sw. b o x x = closed o = open bdzw20 bdzw21 bdzw19 description for use on: weight catalog (lbs) number bdzw18 6 or 8 pole 1.61 bdzw18 transfer 6.17 bdzw20 transfer bdnf175a 6.17 bdzw20x bypass bdnf200a 7.27 bdzw21 bypass 7.27 bdzw21x mechanical interlock 4.41 bdzw19 1 1 1 1 1 = three poles i o ii load load load sw . a s w. b s w. a s w. b s w. a s w. b i o n


▲Up To Search▲   

 
Price & Availability of BDH110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X