Part Number Hot Search : 
NTE1919 011IST5X 25002 AT1142 P2430 5929A TW0259A AN12942B
Product Description
Full Text Search
 

To Download AS3520010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet part number: as35 20010 el ectrical specifications: me chanical specifications: resistance @ 25c 20.0 ? 25 % max steady state current up to 65c 10.0 a max recommended energy rating (joules) 500.00 j actual failure point of instantaneous energy (joules) 1000.00 j resistance @ 100% of max current 0.150 ? resistance @ 50% of max current 0.380 ? body temperature @ 100% current rating 210 c dissipation constant 78.20 mw/c thermal time constant 55 seconds material type g rohs compliant yes msl (moisture sensitivity level) # 2 revision date: 4/10/09 ametherm, inc. 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com d 36.0 mm max t 9.0 mm max s 19.0mm nom straight leads coating run down 6.0 mm max l 22.0 mm nom a (lead width) 2.2 mm nom b 5.5 mm nom c (lead thickness) 0.8 mm nom b l d s a t c


▲Up To Search▲   

 
Price & Availability of AS3520010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X