Part Number Hot Search : 
SP574B GPM130C SM3386 75K72100 SXXXF LT1208 6L01I 25L80
Product Description
Full Text Search
 

To Download 74LCX14M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 september 2001 n 5v tolerant inputs n high speed : t pd = 5.0ns (max.) at v cc =3v n power down protection on inputs and outputs n symmetrical output impedance: |i oh |=i ol = 24ma (min) at v cc =3v n pci bus levels guaranteed at 24 ma n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 2.0v to 3.6v (1.5v data retention) n pin and function compatible with 74 series 14 n latch-up performance exceeds 500ma (jesd 17) n esd performance: hbm > 2000v (mil std 883 method 3015); mm > 200v description the 74lcx14 is a low voltage cmos hex schmitt inverter fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. it is ideal for low power and high speed 3.3v applications. it can be interfaced to 5v signal environment for inputs it has same speed performance at 3.3v than 5v ac/act family, combined with a lower power consumption. pin configuration and function are the same as those of the 74lcx04 but the 74lcx14 has hysteresis between the positive and negative input threshold typically of 0.8v. this together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74lcx14 low voltage cmos hex schmitt inverter with 5v tolerant inputs pin connection and iec logic symbols order codes package tube t & r sop 74LCX14M 74LCX14Mtr tssop 74lcx14ttr tssop sop
74lcx14 2/8 input and output equivalent circuit pin description truth table absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied 1) i o absolute maximum rating must be observed 2) v o < gnd pin no symbol name and function 1, 3, 5, 9 ,11, 13 1a to 6a data inputs 2, 4, 6, 8, 10, 12 1y to 6y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage ay lh hl symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage (v cc = 0v) -0.5 to +7.0 v v o dc output voltage (high or low state) (note 1) -0.5 to v cc + 0.5 v i ik dc input diode current -50 ma i ok dc output diode current (note 2) -50 ma i o dc output current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per supply pin 100 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c
74lcx14 3/8 recommended operating conditions 1) truth table guaranteed: 1.5v to 3.6v dc specifications dynamic switching characteristics 1) number of outputs defined as ono. measured with on-1o outputs switching from high to low or low to high. the remaining output is measured in the low state. symbol parameter value unit v cc supply voltage (note 1) 2.0 to 3.6 v v i input voltage 0 to 5.5 v v o output voltage (v cc = 0v) 0 to 5.5 v v o output voltage (high or low state) 0 to v cc v i oh ,i ol high or low level output current (v cc = 3.0 to 3.6v) 24 ma i oh ,i ol high or low level output current (v cc = 2.7v) 12 ma t op operating temperature -55 to 125 c symbol parameter test condition value unit v cc (v) -40 to 85 c -55 to 125 c min. max. min. max. v t+ positive input threshold 3.0 1.2 2.2 1.2 2.2 v v t- negative input threshold 3.0 0.6 1.5 0.6 1.5 v v h hysteresis voltage 3.0 0.4 1.2 0.4 1.2 v v oh high level output voltage 2.7 to 3.6 i o =-100 m av cc -0.2 v cc -0.2 v 2.7 i o =-12 ma 2.2 2.2 3.0 i o =-18 ma 2.4 2.4 i o =-24 ma 2.2 2.2 v ol low level output voltage 2.7 to 3.6 i o =100 m a 0.2 0.2 v 2.7 i o =12 ma 0.4 0.4 3.0 i o =16 ma 0.4 0.4 i o =24 ma 0.55 0.55 i i input leakage current 2.7 to 3.6 v i = 0 to 5.5v 5 5 m a i off power off leakage current 0 v i or v o = 5.5v 10 10 m a i cc quiescent supply current 2.7 to 3.6 v i =v cc or gnd 10 10 m a v i or v o = 3.6 to 5.5v 10 10 d i cc i cc incr. per input 2.7 to 3.6 v ih =v cc - 0.6v 500 500 m a symbol parameter test condition value unit v cc (v) t a =25 c min. typ. max. v olp dynamic low level quiet output (note 1) 3.3 c l = 50pf v il =0v,v ih = 3.3v 0.8 v v olv -0.8
74lcx14 4/8 ac electrical characteristics 1) skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch- ing in the same direction, either high or low (t oslh =|t plhm -t plhn |, t oshl =|t phlm -t phln |) 2) parameter guaranteed by design capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /6 (per gate) test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l = 500 w or equivalent r t =z out of pulse generator (typically 50 w ) symbol parameter test conditi on value unit v cc (v) c l (pf) r l ( w ) t s = t r (ns) -40 to 85 c -55 to 125 c min. max. min. max. t plh t phl propagation delay time 2.7 50 500 2.5 6.5 6.5 ns 3.0 to 3.6 1.5 5.0 1.5 5.0 t oslh t oshl output to output skew time (note1, 2) 3.0 to 3.6 50 500 2.5 1.0 1.0 ns symbol parameter test condition value unit v cc (v) t a =25 c min. typ. max. c in input capacitance 3.3 v in = 0 to v cc 6pf c pd power dissipation capacitance (note 1) 3.3 f in = 10mhz v in = 0 or v cc 48 pf
74lcx14 5/8 waveform : propagation delay (f=1mhz; 50% duty cycle)
74lcx14 6/8 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
74lcx14 7/8 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
74lcx14 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2000 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com


▲Up To Search▲   

 
Price & Availability of 74LCX14M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X