Part Number Hot Search : 
M95020 FR100 20005 AP1186 B90N6T DD200KB S40HC1R5 A2000
Product Description
Full Text Search
 

To Download 39-00-0181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/01/2010 please check www.molex.com for latest part information part number: 0039000181 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit? crimp terminal, female, phosphor bronze, gold (au), 18-24 awg, reel documents: test summary (pdf) product specification ps-5556-002 (pdf) drawing (pdf) product specification ps-5556-003 (pdf) product specification ps-5556-001 (pdf) rohs certificate of compliance (pdf) general product family crimp terminals series 5556 crimp quality equipment yes overview minifit_jr product name mini-fit? physical durability (mating cycles max) 30 gender female material - metal phosphor bronze material - plating mating gold material - plating termination nickel packaging type reel plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 30 plating min: termination (m) 0.76 termination interface: style crimp or compression wire insulation diameter 1.30-3.10mm (.051-.122") wire size awg 18, 20, 22, 24 wire size mm2 n/a electrical current - maximum per contact 9a voltage - maximum 600v material info old part number 5556-pbgsp reference - drawing numbers packaging specification pk-5556-001 product specification ps-5556-001, ps-5556-002, ps-5556-003 sales drawing sd-5556-gsp* test summary ts-5556-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5556 series mates with 5558 male crimp terminals. mini-fit jr.? header, dual row, 5566 , 5569 use with 5557 mini-fit jr.? receptacle housing, 30067 tpa, 42474 bmi panel mount, 44516 bmi slide and lock panel mount application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator for mini-fit jr.?, mini-fit hcs? crimp terminals, 0639015600
18-24 awg and smaller insulation t2 terminator die 0639102600 fineadjust? applicator 0639002600 fineadjust? applicator, small insulation 0639002900 t2 terminator tooling die 0639102900 extraction tool 0011030044 hand crimp tool for mini-fit? jr. male and female crimp terminals, 16-24 awg 0638190900 japan description product # applicator for m211a bench press, 18-24 awg, for 5556 and 5558 crimp terminal 0570223000 side-feed applicator for full-auto machine 0570223200 this document was generated on 06/01/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 39-00-0181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X