Part Number Hot Search : 
40ST1 SL1122A SMZ255B RT5P230C THAT1420 40ST1 HFS21 ABD2T
Product Description
Full Text Search
 

To Download 26-60-4080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0026604080 status: active overview: kk description: 3.96mm (.156") pitch kk? solid header, vertical, friction lock, 8 circuits, tin (sn) plating documents: 3d model product specification ps-08-50 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41791 application wire-to-board overview kk product name kk? physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin natural durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.140 in pc tail length (mm) 3.56 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to mating part yes polarized to pcb no shrouded partial stackable yes temperature range - operating 0c to +75c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41791 series mates with 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , l ink:41815
electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number 41791-0008 reference - drawing numbers packaging specification pk-41791-001 product specification ps-08-50 sales drawing sda-41791 this document was generated on 05/26/2010 please check www.molex.com for latest part information

41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 2 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-0002/0018 group a-41791-0019/0035 group a-41791-0036/0052 group a-41791-0059/0074 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 pin no: 2161-94(102) pin no: 2161-94(501) pin no: 2161-94(102) pin no: 2161-94(102) plating: 102 C tin plating: 501 C gold plating: 102 C tin plating: 102 C tin pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g overall gold loc g n/a gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 options tin loc t overall tin loc t n/a tin loc t overall tin loc t overall voided ckts none voided ckts none voided ckts 2 voided ckts 3 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-4020 a-41791-0002 26-61-4020 a-41791-0019 26-62-4020 a-41791-0036 3 26-60-4030 a-41791-0003 26-61-4030 a-41791-0020 26-62-4030 a-41791-0037 26-62-4036 a-41791-0059 4 26-60-4040 a-41791-0004 26-61-4040 a-41791-0021 26-62-4040 a-41791-0038 26-62-4046 a-41791-0060 5 26-60-4050 a-41791-0005 26-61-4050 a-41791-0022 26-62-4050 a-41791-0039 26-62-4056 a-41791-0061 6 26-60-4060 a-41791-0006 26-61-4060 a-41791-0023 26-62-4060 a-41791-0040 26-62-4066 a-41791-0062 7 26-60-4070 a-41791-0007 26-61-4070 a-41791-0024 26-62-4070 a-41791-0041 26-62-4076 a-41791-0063 8 26-60-4080 a-41791-0008 26-61-4080 a-41791-0025 26-62-4080 a-41791-0042 26-62-4086 a-41791-0064 9 26-60-4090 a-41791-0009 26-61-4090 a-41791-0026 26-62-4090 a-41791-0043 26-62-4096 a-41791-0065 10 26-60-4100 a-41791-0010 26-61-4100 a-41791-0027 26-62-4100 a-41791-0044 26-62-4106 a-41791-0066 11 26-60-4110 a-41791-0011 26-61-4110 a-41791-0028 26-62-4110 a-41791-0045 26-62-4116 a-41791-0067 12 26-60-4120 a-41791-0012 26-61-4120 a-41791-0029 26-62-4120 a-41791-0046 26-62-4126 a-41791-0068 13 26-60-4130 a-41791-0013 26-61-4130 a-41791-0030 26-62-4130 a-41791-0047 26-62-4136 a-41791-0069 14 26-60-4140 a-41791-0014 26-61-4140 a-41791-0031 26-62-4140 a-41791-0048 26-62-4146 a-41791-0070 15 26-60-4150 a-41791-0015 26-61-4150 a-41791-0032 26-62-4150 a-41791-0049 26-62-4156 a-41791-0071 16 26-60-4160 a-41791-0016 26-61-4160 a-41791-0033 26-62-4160 a-41791-0050 26-62-4166 a-41791-0072 17 26-60-4170 a-41791-0017 26-61-4170 a-41791-0034 26-62-4170 a-41791-0051 26-62-4176 a-41791-0073 18 26-60-4180 a-41791-0018 26-61-4180 a-41791-0035 26-62-4180 a-41791-0052 26-62-4186 a-41791-0074
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 3 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-0086/0100 group a-41791-0309/0308 group a-41791-0464/0480 group a-41791-0481/0491 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0012 pin no: 2161-94(102) pin no: 2161-94(501) pin no: 2161-1(102) pin no: 2161-26(154) plating: 102 C tin plating: 501 C gold plating: 102 C tin plating: 154 C tin pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 19.05 / .750 pin length l 22.23 / .875 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g overall gold loc g n/a gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 4.32 / .170 pc tail p 7.49 / .295 options tin loc t overall tin loc t n/a tin loc t overall tin loc t overall voided ckts 2, 4 voided ckts 2 voided ckts none voided ckts none pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-002 ckts material no engineer number material no engineer number material no engineer number material no engineer number 2 26-60-4023 a-41791-0464 41791-0481 a-41791-0481 3 26-63-4031 a-41791-0310 26-60-4033 a-41791-0465 41791-0482 a-41791-0482 4 26-62-4041 a-41791-0086 a-41791-0311 26-60-4043 a-41791-0466 41791-0483 a-41791-0483 5 26-62-4051 a-41791-0087 26-63-4051 a-41791-0312 26-60-4053 a-41791-0467 41791-0484 a-41791-0484 6 26-62-4061 a-41791-0088 26-63-4061 a-41791-0313 26-60-4063 a-41791-0468 41791-0485 a-41791-0485 7 a-41791-0089 26-63-4071 a-41791-0314 26-60-4073 a-41791-0469 41791-0486 a-41791-0486 8 a-41791-0090 a-41791-0315 26-60-4083 a-41791-0470 41791-0487 a-41791-0487 9 a-41791-0091 a-41791-0316 26-60-4093 a-41791-0471 41791-0488 a-41791-0488 10 26-62-4101 a-41791-0092 a-41791-0317 26-60-4103 a-41791-0472 41791-0489 a-41791-0489 11 a-41791-0093 a-41791-0318 26-60-4113 a-41791-0473 41791-0490 a-41791-0490 12 a-41791-0094 a-41791-0319 26-60-4123 a-41791-0474 41791-0491 a-41791-0491 13 a-41791-0095 a-41791-0320 26-60-4133 a-41791-0475 14 a-41791-0096 a-41791-0321 26-60-4143 a-41791-0476 15 a-41791-0097 a-41791-0322 26-60-4153 a-41791-0477 16 a-41791-0098 a-41791-0323 26-60-4163 a-41791-0478 17 a-41791-0099 a-41791-0324 26-60-4173 a-41791-0479 18 a-41791-0100 a-41791-0325 26-60-4183 a-41791-0480
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 4 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-0583/0597 group a-41791-0598/0609 group a-41791-0638/0653 group a-41791-0773/0785 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0006/0018 pin no: 2161-94(102) pin no: 2161-94(102) pin no: 2161-94(501) pin no: 2161-94(102) plating: 102 C tin plating: 102 C tin plating: 501 C gold plating: 102-tin pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29/.720 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43/.450 gold loc g n/a gold loc g n/a gold loc g overall gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56/.140 options tin loc t overall tin loc t overall tin loc t n/a tin loc t overall voided ckts 4 voided ckts 7 voided ckts 3 voided ckts 3, 6 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts material no engineer number material no engineer number material no engineer number item number 2 3 26-63-4032 a-41791-0638 4 27-62-4049 a-41791-0583 41791-0639 a-41791-0639 5 27-62-4059 a-41791-0584 26-63-4052 a-41791-0640 6 27-62-4069 a-41791-0585 26-63-4062 a-41791-0641 7 27-62-4079 a-41791-0586 41791-0598 a-41791-0598 41791-0642 a-41791-0642 41791-0774 8 27-62-4089 a-41791-0587 41791-0599 a-41791-0599 26-63-4082 a-41791-0643 9 27-62-4099 a-41791-0588 41791-0600 a-41791-0600 41791-0644 a-41791-0644 10 27-62-4109 a-41791-0589 41791-0601 a-41791-0601 41791-0645 a-41791-0645 11 27-62-4119 a-41791-0590 41791-0602 a-41791-0602 41791-0646 a-41791-0646 12 27-62-4129 a-41791-0591 41791-0603 a-41791-0603 41791-0647 a-41791-0647 13 27-62-4139 a-41791-0592 41791-0604 a-41791-0604 41791-0648 a-41791-0648 14 27-62-4149 a-41791-0593 41791-0605 a-41791-0605 41791-0649 a-41791-0649 15 27-62-4159 a-41791-0594 41791-0606 a-41791-0606 41791-0650 a-41791-0650 16 27-62-4169 a-41791-0595 41791-0607 a-41791-0607 41791-0651 a-41791-0651 17 27-62-4179 a-41791-0596 41791-0608 a-41791-0608 41791-0652 a-41791-0652 18 27-62-4189 a-41791-0597 41791-0609 a-41791-0609 41791-0653 a-41791-0653
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 5 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-0815/0831 group a-41791-0832/0848 group a-41791-0849/0865 group a-41791-0883/0891 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0002/0018 header no: 41790-0010/0018 pin no: 2161-36(102) pin no: 43294-0209 pin no: 43294-0210 pin no: 2161-94(102) plating: 102 C tin plating: 208 C 15 gold plating: 228 C 30 gold plating: 102 C tin pin length l 30.48 / 1.200 pin length l 18.29/. 720 pin length l 18.29/. 720 pin length l 18.29 / .720 mating m 11.43 / .450 mating m 11.43/. 450 mating m 11.43/. 450 mating m 11.43 / .450 gold loc g n/a gold loc g 6.86/. 270 gold loc g 6.86/. 270 gold loc g n/a pc tail p 15.75/ .620 pc tail p 3.56/. 140 pc tail p 3.56/. 140 pc tail p 3.56 / .140 options tin loc t overall tin loc t 4.06/. 160 tin loc t 4.06/. 160 tin loc t overall voided ckts none voided ckts none voided ckts none voided ckts 10 pack per pk-41791-003 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts item number material no engineer number material no engineer number item number 2 41791-0815 41791-0832 a-41791-0832 41791-0849 a-41791-0849 3 41791-0816 41791-0833 a-41791-0833 41791-0850 a-41791-0850 4 41791-0817 41791-0834 a-41791-0834 41791-0851 a-41791-0851 5 41791-0818 41791-0835 a-41791-0835 41791-0852 a-41791-0852 6 41791-0819 41791-0836 a-41791-0836 41791-0853 a-41791-0853 7 41791-0820 41791-0837 a-41791-0837 41791-0854 a-41791-0854 8 41791-0821 41791-0838 a-41791-0838 41791-0855 a-41791-0855 9 41791-0822 41791-0839 a-41791-0839 41791-0856 a-41791-0856 10 41791-0823 41791-0840 a-41791-0840 41791-0857 a-41791-0857 41791-0883 11 41791-0824 41791-0841 a-41791-0841 41791-0858 a-41791-0858 41791-0884 12 41791-0825 41791-0842 a-41791-0842 41791-0859 a-41791-0859 41791-0885 13 41791-0826 41791-0843 a-41791-0843 41791-0860 a-41791-0860 41791-0886 14 41791-0827 41791-0844 a-41791-0844 41791-0861 a-41791-0861 41791-0887 15 41791-0828 41791-0845 a-41791-0845 41791-0862 a-41791-0862 41791-0888 16 41791-0829 41791-0846 a-41791-0846 41791-0863 a-41791-0863 41791-0889 17 41791-0830 41791-0847 a-41791-0847 41791-0864 a-41791-0864 41791-0890 18 41791-0831 41791-0848 a-41791-0848 41791-0865 a-41791-0865 41791-0891
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 6 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-0892/0908 group a-41791-0922/0933 group 41791-0934/0948 group 41791-0966/0976 header no: 41790-0002/0018 header no: 41790-0007/0018 header no: 41790-0004/0018 header no: 41790-0007/0018 pin no: 43294-0299 pin no: 2161-94(102) pin no: 43294-0209 pin no: 2161-94(102) plating: 208 C 15 gold plating: 102 C tin plating: 208 C 15 gold plating: 102 C tin pin length l 20.83 / .820 pin length l 18.29 / .720 pin length l 18.29/. 720 pin length l 18.29/. 720 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43/. 450 gold loc g 6.83/. 270 gold loc g n/a gold loc g 6.86/ .270 gold loc g n/a pc tail p 6.10/ .240 pc tail p 3.56 / .140 pc tail p 3.56/. 140 pc tail p 3.56/. 140 options tin loc t 6.35/ .250 tin loc t overall tin loc t 4.06/. 160 tin loc t overall voided ckts none voided ckts 5, 7 voided ckts 4 voided ckts 3, 7, 8 pack per pk-41791-002 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts item number item number item number item number 2 41791-0892 3 41791-0893 4 41791-0894 41791-0934 5 41791-0895 41791-0935 6 41791-0896 41791-0936 7 41791-0897 41791-0922 41791-0937 8 41791-0898 41791-0923 41791-0938 41791-0966 9 41791-0899 41791-0924 41791-0939 41791-0967 10 41791-0900 41791-0925 41791-0940 41791-0968 11 41791-0901 41791-0926 41791-0941 41791-0969 12 41791-0902 41791-0927 41791-0942 41791-0970 13 41791-0903 41791-0928 41791-0943 41791-0971 14 41791-0904 41791-0929 41791-0944 41791-0972 15 41791-0905 41791-0930 41791-0945 41791-0973 16 41791-0906 41791-0931 41791-0946 41791-0974 17 41791-0907 41791-0932 41791-0947 41791-0975 18 41791-0908 41791-0933 41791-0948 41791-0976
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 7 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group 41791-0977/0993 group 41791-0994/1002 group a-41791-1036 / 1048 group a-41791-1049/1062 header no: 41790-0002/0018 header no: 41790-0010/0018 header no: 41790-0006 / 0018 header no: 41790-0005/0018 pin no: 43294-0345 pin no: 43294-0209 pin no: 2161-94(102) pin no: 2161-94(102) plating: 228 C 30 gold plating: 208 C 15 gold plating: 102 C tin plating: 102 C tin pin length l 22.10/. 870 pin length l 18.29/. 720 pin length l 18.29 / .720 pin length l 18.29 / .720 mating m 11.43/. 450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g 10.02/. 400 gold loc g 6.86/ .270 gold loc g n/a gold loc g n/a pc tail p 7.37/. 290 pc tail p 3.56/. 140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 options tin loc t 5.08/. 200 tin loc t 4.06/. 160 tin loc t overall tin loc t overall voided ckts none voided ckts 3, 4, 5, 8, 9, 10 voided ckts 4, 6 voided ckts 2, 5 pack per pk-41791-002 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts item number item number material no engineer number item number 2 41791-0977 3 41791-0978 4 41791-0979 5 41791-0980 6 41791-0981 a-41791-1036 7 41791-0982 41791-1037 a-41791-1037 41791-1051 8 41791-0983 a-41791-1038 9 41791-0984 a-41791-1039 10 41791-0985 41791-0994 a-41791-1040 11 41791-0986 41791-0995 a-41791-1041 12 41791-0987 41791-0996 a-41791-1042 13 41791-0988 41791-0997 a-41791-1043 14 41791-0989 41791-0998 a-41791-1044 15 41791-0990 41791-0999 a-41791-1045 16 41791-0991 41791-1000 a-41791-1046 17 41791-0992 41791-1001 a-41791-1047 18 41791-0993 41791-1002 a-41791-1048
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 8 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-1063/1071 group a-41791-1074/1088 group a-41791-1089/1105 group a-41791-1107 header no: 41790-0010/0018 header no: 41790-0004/0018 header no: 41790-0002/0018 header no: 41790-0006/0018 pin no: 2161-94(102) pin no: 2161-94(501) pin no: 43294-0212 pin no: 2161-94(154) plating: 102 C tin plating: 501 C gold plating: 222 C tin plating: 154 C tin pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29 / .720 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43 / .450 gold loc g n/a gold loc g overall gold loc g n/a gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 options tin loc t overall tin loc t n/a tin loc t overall tin loc t overall voided ckts 5, 10 voided ckts 2, 3, 4 voided ckts none voided ckts 6 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 ckts item number item number item number item number 2 41791-1089 3 41791-1090 4 41791-1091 5 41791-1075 6 41791-1093 7 41791-1107 8 41791-1095 9 41791-1096 10 41791-1097 11 41791-1064 41791-1098 12 41791-1099 13 14 15 16 41791-1103 17 18 41791-1105
41791 rev: ecr/ecn information sheet no. ec no.: ucp2010-1453 p16 date: 2/2/2010 title: kk 156 header assembly friction lock vertical solid body w/o pegs - 9 - document number: created / revised by: checked by: approved by: sda - 41791 mkipper ssousek fsmith template filename: product_spec [size_a](v.1). doc group a-41791-1120 group a-41791-1134 group a-41791-1150 group header no: 41790-0006 header no: 41790-0004 header no: 41790-0005 header no: pin no: 2161-94(154) pin no: 2161-94(154) pin no: 43294-0210 pin no: plating: 154 C tin plating: 154 C tin plating: 228 C 30 gold plating: pin length l 18.29 / .720 pin length l 18.29 / .720 pin length l 18.29/. 720 pin length l mating m 11.43 / .450 mating m 11.43 / .450 mating m 11.43/. 450 mating m gold loc g n/a gold loc g n/a gold loc g 6.85/. 270 gold loc g pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56/. 140 pc tail p options tin loc t overall tin loc t overall tin loc t 4.06/. 160 tin loc t voided ckts 2, 5 voided ckts 2, 3 voided ckts 2, 4 voided ckts pack per pk-41791-001 pack per pk-41791-001 pack per pk-41791-001 pack per ckts item number item number item number item number 2 3 4 41791-1134 5 41791-1150 6 41791-1120 7 8 9 10 11 12 13 14 15 16 17 18


▲Up To Search▲   

 
Price & Availability of 26-60-4080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X