this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0022012207 status: active overview: kk description: 2.54mm (.100") pitch kk? crimp terminal housing, friction ramp, 20 circuits, use with 2759|6459|41572 documents: 3d model product specification ps-10-07 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 2695 overview kk product name kk? physical circuits (maximum) 20 color - resin natural (white) flammability 94v-0 gender female glow-wire compliant no lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm stackable no temperature range - operating 0c to +75c material info old part number 2695-20r reference - drawing numbers product specification ps-10-07 sales drawing sd-2695 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 2695 series mates with 2.54mm (.100") pitch kk? pcb headers 42375 , 42377 , 42376 , 4030 , 6373 , 6410 use with kk? crimp terminal 2759 , 6459 , 41572 this document was generated on 05/18/2010 please check www.molex.com for latest part information
|