Part Number Hot Search : 
TR100 ACTF4016 STUK051 B2912BS1 MX7530KD 2KBP01 MBRB1035 CPDFR12V
Product Description
Full Text Search
 

To Download 15-24-9164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/11/2010 please check www.molex.com for latest part information part number: 0015249164 status: active description: 4.20mm (.165") pitch mini-fit bmi? header, dual row, right angle, with snap-in plastic peg pcb lock, 16 circuits, pa polyamide nylon 6/6, ul 94v-0, with tin (sn) plating documents: 3d model product specification ps-5556-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 42404 application board-to-board, wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-45750-001 for additional current de-rating information. product name mini-fit bmi? physical breakaway no circuits (loaded) 16 circuits (maximum) 16 color - resin natural (white) durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant no guide to mating part yes lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation right angle pc tail length (in) 0.130 in pc tail length (mm) 3.30 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm plating min: mating (in) 100 plating min: mating (m) 2.50 plating min: termination (in) 100 plating min: termination (m) 2.50 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42404 series mates with 39-01-2165 mini-fit jr.? receptacle, 15-24-7161 mini-fit bmi?vertical receptacle header
shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number a-42404-16b1 reference - drawing numbers packaging specification pk-42404-002 product specification ps-5556-002 sales drawing sda-42404-**** test summary ts-5556-002 this document was generated on 05/11/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 15-24-9164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X