Part Number Hot Search : 
14D781K 0423G SC110 74182 S8035 5KP20 2SD2553 TDA1560
Product Description
Full Text Search
 

To Download SLA5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  46 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) r ds(on) -t c characteristics (typical) characteristic curves (t a =25 c) symbol unit v dss 100 C 100 v v gss 20 20 v i d 4 3a i d(pulse) 8 (pw 1ms) 6 (pw 1ms) a e as *16 mj 5 (ta=25 c, with all circuits operating, without heatsink) w 35 (tc=25 c, with all circuits operating, with infinite heatsink) w j C a 25 (junction-air, ta=25 c, with all circuits operating) c/w j C c 3.57 (junction-case, tc=25 c, with all circuits operating ) c/w v iso 1000 (between fin and lead pin, ac) vrms tch 150 c tstg C 40 to +150 c * : v dd =20v, l=1mh, i d =5a, unclamped, see fig. e on page 15. SLA5010 2 4 3 8 6 5 7 9 11 12 10 1 pch nch p t ratings n channel p channel 020 8 7 3 0 v ds (v) i d (a) 10 6 5 4 2 1 v gs =5v 7v 6v 10v 0 0 12 8 0.2 0.4 0.6 0.8 i d (a) r ds (on) ( ? ) 34567 (v gs =10v) C 40 0 050100 150 0.2 0.8 1.0 1.2 r ds (on) ( ? ) t c ( c) 0.6 0.4 i d =4a v gs =10v 0 C 5 C 20 v ds (v) i d (a) C 10 C 15 C 6 0 C 1 C 3 C 5 C 4 C 2 C 6v C 7v C 10v v gs = C 5v 0 0 C 2 1.0 1.5 i d (a) r ds (on) ( ? ) C 3 C 4 C 6 0.5 C 5 C 1 (v gs = C 10v) 02 4 6 10 i d (a) v gs (v) 8 8 7 3 0 6 5 4 2 1 (v ds =10v) 25 c 125 c t c = C 40 c i d (a) v gs (v) 0 C 2 C 10 C 4 C 6 C 8 C 6 0 C 1 C 3 C 5 C 4 C 2 (v ds = C 10v) 25 c 125 c t c = C 40 c C 40 0 0 50 100 150 1.5 2.0 r ds (on) ( ? ) t c ( c) 1.0 0.5 i d = C 3a v gs = C 10v n-channel + p-channel 3-phase motor drive absolute maximum ratings  equivalent circuit diagram external dimensions a ??? sla (12-pin)
47 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch re (yfs) -i d characteristics (typical) safe operating area (soa) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) p t -t a characteristics characteristic curves SLA5010 (t a =25 c) n channel p channel symbol specification unit conditions specification unit conditions min typ max min typ max v (br)dss 100 v i d =250 a, v gs =0v 100 v i d = 250 a, v gs =0v i gss 500 na v gs = 20v 500 na v gs = 20v i dss 250 av ds =100v, v gs =0v 250 av ds = 100v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =250 a 2.0 4.0 v v ds = 10v, i d = 250 a re (yfs) 1.1 1.7 s v ds =10v, i d =4a 0.7 1.1 s v ds = 10v, i d = 3a r ds(on) 0.50 0.60 ? v gs =10v, i d =4a 1.1 1.3 ? v gs = 10v, i d = 3a ciss 180 pf v ds =25v, f=1.0mhz, 180 pf v ds = 25v, f=1.0mhz, coss 82 pf v gs =0v 85 pf v gs =0v t on 40 ns i d =4a, v dd 50v, v gs =10v, 90 ns i d = 3a, v dd 50v, v gs = 10v, t off 40 ns see fig. 3 on page 16. 80 ns see fig. 4 on page 16. v sd 1.2 2.0 v i sd =4a, v gs =0v 4.0 5.5 v i sd = 3a t rr 250 ns i sd = 100ma 250 ns i sd = 100ma 0.2 0.05 0.5 1 1 5 i d (a) re (yfs) (s) 58 0.5 0.1 (v ds =10v) 25 c 125 c t c = 40 c 0 1020 304050 10 50 100 600 v ds (v) capacitance (pf) 5 v gs =0v f=1mhz ciss coss crss 0 0 1.0 1.5 2 7 8 i dr (a) v sd (v) 0.5 1 3 4 6 5 5v 1 0 v v gs =0v 0.5 0.1 1 5 10 50 100 1 5 10 i d (a) v ds (v) 0.5 (t c= 25 c) i d (pulse) max 1ms 10 ms (1shot) r d s (o n ) lim ited 1 0 0 s 25 30 35 40 20 15 10 5 0 0 50 100 150 t a ( c) p t (w) with silicone grease natural cooling all circuits operating w ith infinite h eatsink without heatsink 0.2 0.5 1 1 5 i d (a) re (yfs) (s) 6 0.5 0.1 0.05 (v ds = 10v) 25 c 125 c t c = 4 0 c 0 10 20 30 40 50 50 100 700 v ds (v) capacitance (pf) 500 5 10 v gs =0v f=1mhz ciss coss crss 0 3 i dr (a) v sd (v) 1 5 0 3 1 2 4 6 4 2 5v 1 0 v v g s = 0 v 0.5 0.1 1 5 10 50 100 1 5 10 i d (a) v ds (v) 0.5 (t c =25 c) i d (pulse) max 1ms 10 ms (1shot) r d s (o n) lim ite d 100 s electrical characteristics


▲Up To Search▲   

 
Price & Availability of SLA5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X