Part Number Hot Search : 
11100 LVD75B80 F0035 MC68HC9 C1909 15CTQPBF 74F540PC AWG2005
Product Description
Full Text Search
 

To Download SCS481N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SCS481N voltage 30 v, 0.2 a schottky barrier diode 17-nov-2009 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. b l f h c j d g k a e rohs compliant product a suffix of -c specifies halogen & lead-free features ? low current rectification ? high reliability marking:3u maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified. type number symbol value unit peak reverse voltage v rm 30 v dc reverse v r 30 v peak forward surge current i fsm 1 a mean rectifying current i o 0.2 a junction & storage temperature t j ,t stg 125, -40~125 c maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified. parameter symbol min max unit test condition - 0.28 v i f =1ma - 0.33 v i f =10ma - 0.43 v i f =100ma forward voltage v f - 0.5 v i f =200ma reverse current i r - 30 a v r =10v ratings and characteristic curves sot-353 millimeter millimeter ref. min. max. ref. min. max. a 2.00 2.20 g 0.100 ref. b 2.15 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.15 d 0.90 1.10 k 8 e 1.20 1.40 l 0.650 typ. f 0.15 0.35 2 n/a 1 a c 5 c 4 3 a


▲Up To Search▲   

 
Price & Availability of SCS481N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X