Part Number Hot Search : 
03100 ICS271PG Z5232 SII9034 5RF26 03100 TC51V SMS340
Product Description
Full Text Search
 

To Download RI-46A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  118 coto technology (usa) tel: (401) 943-2686 / fax (401) 942-0920  (europe) tel: +31-45-5439343 / fax +31-45-5427216 ri-46 series dry reed switch ri-46 series micro dry-reed switch hermetically sealed in a gas-filled glass enve- lope. single-pole, single-throw (spst) type, having normally open contacts, and containing two magnetically actuated reeds. the switch is of the double-ended type and may be actuated by an electromag- net, a permanent magnet or a combination of both. the device is intended for use in relays, sensors, pulse counters or similar devices. ri-46 series features  can switch main voltage  can handle up to 40 w load  contact layers: gold, sputtered ruthenium  superior glass-to-metal seal and blade alignment  excellent life expectancy and reliability general data for all models ri-46 at-customization / preformed leads besides the standard models, customized products can also be supplied offering the following options:  operate and release ranges to customer specification  cropped and/or preformed leads coils all characteristics are measured using the philips standard coil. for definitions of the philips standard coil, refer to ? application notes ? in the reed switch technical & application information section of this catalog. life expectancy and reliability the life expectancy data given below are valid for a coil energized at 1.5 times the published maximum operate value for each type in the ri-46 series. no-load conditions (operating frequency: 100 hz) life expectancy: min. 10 8 operations with a failure rate of less than 10 -9 with a confidence level of 90%. end of life criteria: contact resistance > 1 ? after 2 ms release time > 2 ms (latching or contact sticking). loaded conditions (resistive load: 20 v; 500 ma; operating frequency: 125 hz) RI-46Aa life expectancy: min. 10 7 operations with a failure rate of less than 10 -8 with a confidence level of 90%. end of life criteria: contact resistance > 2 ? after 2.5 ms release time > 2.5 ms (latching or contact sticking). RI-46A; ri-46b; ri-46c life expectancy: min. 2.5 x 10 7 operations with a failure rate of less than 10 -8 with a confidence level of 90%. end of life criteria: contact resistance > 2 ? after 2.5 ms release time > 2.5 ms (latching or contact sticking). switching different loads involves different life expect- ancy and reliability data. further information is avail- able on request. dimensions in inches (mm)
119 for most recent data, consult the coto technology website: www.cotorelay.com  e-mail: sales@cotorelay.com ri-46 series dry reed switch mechanical data contact arrangement is normally open; lead finish is tinned; net mass is approximately 280 mg; and can be mounted in any position. shock the switches are tested in accordance with ?iec 68-2- 27?, test ea (peak acceleration 500 g, half sinewave; duration 11 ms). such a shock will not cause an open switch (no magnetic field present) to close, nor a switch kept closed by an 80 at coil to open. vibration the switches are tested in accordance with ?iec 68-2- 6?, test fc (acceleration 10 g; below cross-over fre- quency 57 to 62 hz; amplitude 0.75 mm; frequency range 10 to 2000 hz, duration 90 minutes). such a vibration will not cause an open switch (no magnetic field present) to close, nor a switch kept closed by an 80 at coil to open. mechanical strength the robustness of the terminations is tested in accor- dance with ?iec 68-2-21?, test ua 1 (load 40 n). operating and storage temperature operating ambient temperature; min: -55c; max: +125c. storage temperature; min: -55c; max: +125c. note: temperature excursions up to 150c may be permissible. for more information contact your nearest coto technology sales office. soldering the switch can withstand soldering heat in accordance with ?iec 68-2-20?, test tb, method 1b: solder bath at 350 10c for 3.5 0.5 s. solderability is tested in accordance with ?iec 68-2-20?, test ta, method 3: solder globule temperature 235c; ageing 1b: 4 hours steam. welding the leads can be welded. mounting the leads should not be bent closer than 1 mm to the glass-to-metal seals. stress on the seals should be avoided. care must be taken to prevent stray magnetic fields from influencing the operating and measuring conditions. note 1: switching higher currents is possible depending on signature of the load.


▲Up To Search▲   

 
Price & Availability of RI-46A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X