Part Number Hot Search : 
2SC4986 824L8Y5 LTC2970 UCY7403N VVJ80 C2024 NCT214 85230
Product Description
Full Text Search
 

To Download MPI-925A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.boser.com.tw industrial power supply ac-dc MPI-925A 250w ac-dc at power supply *input voltage: 90~265vac *input frequency: 47~63hz *inrush current: does not exceed 30a at 115vac input or 60a ac input, at cold start 25 o c *load range: when all outputs are at 60% rated load condition, the +5v output is set between 4.90~5.10v and all other outputs are within the specified voltage accuracy range *ripple and noise: peak to peak ripple and noise for each output is < 1% of each output voltage at rated load 115~230vac *line regulation: < +/-1% at rated load with +/-10% change in input voltage *load regulation: the output voltage load regulation is less than the values on the table when each output loading changes +/-40% from 60% rated load while all other outputs at 60% rated load *hold up time: 14ms typ. from the last ac line charging pulse to the point when +5v drops down to +4.75v *output power: total dc continuous power is within 200w at 40 o c ambient temperature. if the input voltage is < 100vac, total dc continuous power should not exceed 180w *power good signal: goes high 100~500ms after all dc output is ready *power failure: goes low 1ms before any dc output falls *efficiency: > 65% at nominal line and rated load *altitude: 10,000 feet *protection: built-in crowbar circuit automatically shuts down outputs to avoid damaging external circuits. trip point of o.v.p. circuit is between 5.7~7.0v *temperature: 0~+70 o c (operating); -40~+75 o c (storage) *humidity: 5~95%; non-condensing at 40 o c (operating) *connectors: ac input/output: meets iec 320/cee 22 standard tab terminals: female 0.250" x 0.032" cpu board: alex 8500-06 or equivalent device 3.5" disk drive: amp 1-480424-0/171822-4 or equivalent device *dimensions: 14.0 x 15.0 x 8.62 cm with +/-0.8mm and +/- 0.4mm tolerance between mounting holes *mtbf: 156,598 hrs. features features *safety: ul 1950 / csa 22.2 no.234 / vde en60950 *emi: fcc class b / en55022b *ems: level 3 of iec-801, 802, 803, 804 safety standards safety standards 4-tapping#6-32 dc output wires 14.0 11.0 2.0 14.4 0.42 0.42 15.0 3.72 2.4 8.62 11.5 0.5 4.8 1.6 6.4 2.7 13.80 0.5 output +5v +12v -12v -5v pin red yellow brown blue gnd p.g. black white output voltage +5v +12v -12v -5v min. load 1a 0a 0a 0a rated load 25a 10a 1a 1a max. load 30a 12a 2a 2a tolerance +/-0.1v +/-0.72v +/-0.6v +/-0.25v


▲Up To Search▲   

 
Price & Availability of MPI-925A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X