Part Number Hot Search : 
SMAJ160 TMP89F 2520S AD1847JP 00600 SA200 MMBD717 LC864424
Product Description
Full Text Search
 

To Download MMBT5551NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n5551 mmbt5551 npn general purpose amplifier this device is designed for general purpose high voltage amplifiers and gas discharge display drivers. absolute maximum ratings* ta = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. notes : 1) these ratings are based on a maximum junction temperature of 150 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. symbol parameter value units v ceo collector-emitter voltage 160 v v cbo collector-base voltage 180 v v ebo emitter-base voltage 6.0 v i c collector current - continuous 600 ma t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics ta = 25c unless otherwise noted symbol characteristic max units 2n5551 *mmbt5551 p d total device dissipation derate above 25 c 625 5.0 350 2.8 mw mw / c r jc thermal resistance, junction to case 83.3 c/w r j a thermal resistance, junction to ambient 200 357 c/w c b e to-92 c b e sot-23 mark: 3s * device mounted on fr-4 pcb 1.6" x 1.6" x 0.06." ? 2001 fairchild semiconductor international 2n5551 / mmbt5551 2n5551/mmbt5551, rev a
3 2n5551 / mmbt5551 electrical characteristics ta = 25c unless otherwise noted off characteristics on characteristics symbol parameter test conditions min max units small signal characteristics v ( br ) ceo collector-emitter sustaining voltage* i c = 1.0 ma, i b = 0 160 v v ( br ) cbo collector-base breakdown voltage i c = 100 a, i e = 0 180 v v ( br ) ebo emitter-base breakdown voltage i e = 10 a, i c = 0 6.0 v i cbo collector cutoff current v cb = 120 v, i e = 0, v cb = 120 v, i e = 0, t a = 100 c 50 50 na a i ebo emitter cutoff current v eb = 4.0 v, i c = 0 50 na h fe dc current gain i c = 1.0 ma, v ce = 5.0 v i c = 10 ma, v ce = 5.0 v i c = 50 ma, v ce = 5.0 v 80 80 30 250 v ce( sat ) collector-emitter saturation voltage i c = 10 ma, i b = 1.0 ma i c = 50 ma, i b = 5.0 ma 0.15 0.20 v v v be( sat ) base-emitter saturation voltage i c = 10 ma, i b = 1.0 ma i c = 50 ma, i b = 5.0 ma 1.0 1.0 v v f t current gain - bandwidth product i c = 10 ma, v ce = 10 v, f = 100 mhz 100 300 mhz c obo output capacitance v cb = 10 v, i e = 0, f = 1.0 mhz 6.0 pf c ibo input capacitance v be = 0.5 v, i c = 0, f = 1.0 mhz 20 pf h fe small-signal current gain i c = 1.0 ma, v ce = 10 v, f = 1.0 khz 50 250 nf noise figure i c = 250 a, v ce = 5.0 v, r s =1.0 k ? , f=10 hz to 15.7 khz 8.0 db * pulse test: pulse width 300 s, duty cycle 2.0% spice model npn (is=2.511f xti=3 eg=1.11 vaf=100 bf=242.6 ne=1.249 ise=2.511f ikf=.3458 xtb=1.5 br=3.197 nc=2 isc=0 ikr=0 rc=1 cjc=4.883p mjc=.3047 vjc=.75 fc=.5 cje=18.79p mje=.3416 vje=.75 tr=1.202n tf=560p itf=50m vtf=5 xtf=8 rb=10) npn general purpose amplifier (continued)
typical characteristics collector-emitter breakdown voltage with resistance between emitter-base 0.1 1 10 100 1000 160 180 200 220 240 260 resistance (k ) bv - breakdown voltage (v) ? cer i = 1.0 ma c collector-cutoff current vs. ambie nt temperature 25 50 75 100 125 1 10 50 t - ambie nt temp erature ( c) i - colle ctor current (na) a cbo v = 10 0v cb typi cal pulse d current ga in vs collec tor current 0 .1 0 .2 0 .5 1 2 5 10 20 50 1 00 0 50 100 150 200 250 i - collector current (ma) h - typical pulsed current gain c fe 125 c 25 c - 40 c v = 5v ce collector-emitt er saturation voltage vs collect or curre nt 110100200 0 0. 1 0. 2 0. 3 0. 4 0. 5 i - collector current (ma) v - collector emitter voltage (v) c cesat 25 c - 40 c 125 c = 10 base-emitter saturation voltage vs collect or curre nt 110100200 0 0. 2 0. 4 0. 6 0. 8 1 i - collector current (ma) v - base emitter voltage (v) c besat = 10 25 c - 40 c 125 c bas e e mitter o n voltage vs collector current 0. 1 1 1 0 10 0 20 0 0 0. 2 0. 4 0. 6 0. 8 1 i - collector current (ma) v - base emitter on voltage (v) c beon v = 5v ce 25 c - 40 c 125 c 2n5551 / mmbt5551 npn general purpose amplifier (continued)
3 2n5551 / mmbt5551 npn general purpose amplifier (continued) typical characteristics (continued) power dissipation vs ambient temperature 0 25 50 75 100 125 150 0 100 200 300 400 500 600 700 temperature ( c) p - power dissipation (mw) d o to-92 sot-23 input and output capacitance vs reverse voltage 0.1 1 10 100 0 5 10 15 20 25 30 v - collector voltage (v) capacitance (pf) c f = 1.0 mhz ce c cb ib small signal current gain vs collector current 11050 0 4 8 12 16 i - collector current (ma) h - small signal current gain c fe freg = 20 mhz v = 10v ce
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher smart start? supersot?-3 supersot?-6 supersot?-8 fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pacman? pop? rev. g ? acex? bottomless? coolfet? crossvolt ? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast syncfet? tinylogic? uhc? vcx? ? ?


▲Up To Search▲   

 
Price & Availability of MMBT5551NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X