Part Number Hot Search : 
RN1901FS PT100 ECXXXXX OHN3013U TLP2418 SI3585DV EPS13 C7108A
Product Description
Full Text Search
 

To Download KT11SM34LFS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bC9 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com t actile switches b 1 orientation and mounting style sm t op gull wing jm top j bend **** sam right angle sa1m right angle with front solder pad sa2m right angle with front solder pad and pick & place tab sa3m right angle with pick & place tab kt series right angle sealed tact switch for smt actuator b0* soft, flush b1* soft, 0,64 mm b2* soft, 2,24 mm p2** hard, 2,36 mm p3** hard, 1,12 mm p4** hard, 3,96 mm s1*** ?,1 mm for caps s2*** ?,14 mm with anti--otation k t 1 3 3 contact plating 4 silver 5 gold contact plating lfs rohs compliant and compatible. silver plated lfg rohs compliant and compatible. gold plated how t o order our easy build-a-switch concept allows you to mix and match options to create the switch you need. to order, select desir ed option fr om each category and place it in the appr opriate box. however , please note that all the combinations of these options ar e not feasible. for any part number different from those listed above, please consult your local representative. features/benefits ? high shear force with extended bracket ? easy to pick & place with top plate tab ? rubber or hard plastic actuator ? press fit or snap fit caps ? ip 57 ? rohs compliant and compatible t ypical applications ? t elecommunications ? computer products ? instrumentation ? power supply specification contact arrangement: spst, n.o. terminals: gullwing type for smt electrical contact rating: 1.0 va max. @ 32 v ac or dc max. electrical & mechanical life: 100,000 make-and-break cycles at full load. dielectric strength: 250 vrms min. @ sea level. contact resistance: below 50 m typ. initial @ 2-4 v dc, 100 ma. insulation resistance: 10 9 min. environmental operating temperature: -40?c to 90?c process solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). degree of protection: ip57; protection against harmful dust deposits, full-scale voltage protection. packaging switches supplied in anti-static tape and reels per eia 481-2. tape and cover strip are conductive for use near statically sensitive components. note : specifications listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center . n t b t k 1 1 button type 02 press fit, ? mm 03 snap fit, high temperature, ? mm switch button to order buttons in bulk button color 90 black 80 ivory * b0, b1 & b2 available with a & a1 mounting bracket only. ** p4 available with a1 & a2 mounting bracket only. *** s1 & s2 available with a1 & a2 mounting bracket only. **** jm available with bo, b1, b2, p2, p3, p4 without mounting bracket.
series actuator kt11 kt series right angle sealed tact switch for smt b0 soft, flush* b1 soft, 0,64 mm* b2 soft, 2,24 mm* p2 hard, 2,36 mm p3 hard, 1,12 mm s1 ?0,1 mm for press fit caps*** s2 ?0,14 mm for snap fit caps*** p4 hard, 3,96 mm** 1,12 (.044) ?3,55 (.140) 3,96 (.156) ?,55 (.140) (. 1 73) 4, 3 8 (. 1 36) 3,4 4 2,36 (.093) ?3,55 (.140) 4 3,18 (.125) 4,90 (.193) ?5,08 (.200) 6,15 (.242) 4,98 (.196) ?5,72 (.225) 4,29 sr (.169) 4 3,18 (.125) (. 2 60) 6,60 max . (. 1 25) 3, 1 8 (.0 34 ) 0,86 (. 1 57 ) 4, 0 0 (.2 98 ) 7,57 (. 1 50) ?3 , 81 (. 0 30) 0,76 t yp . 2 4 (. 0 88) 2, 2 4 (?.12 5 ) ?3 , 18 0,64 (.025 ) ?3,18 (?.125) (. 0 88) 2, 2 4 (?.12 5 ) ?3 , 18 0,64 (.025 ) ?3,18 (?.125) (.1 73 ) 4, 38 (.1 36 ) 3, 4 4 bC0 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com t actile switches b
sw it ch f ac e 24 (.2 48 ) 6,30 (.3 06 ) 7,77 (. 0 34) 0,86 typ. (.1 57 ) 4, 0 (. 0 30) 0, 7 6 (.1 25 ) 3,18 (.1 73 ) 4,38 (.1 36 ) 3,44 (.260) 6,60 m a x (.0 67 ) 1,71 (.1 1 4) 2,90 (.0 15 ) 0,38 (.0 44 ) 1,12 (?.14 0 ) ?3 ,5 6 4,57 (.18 0) 2, 0 3 (. 0 80 ) 4 orientation & mounting style kt series right angle sealed tact switch sm top gull wing jm top j bend sam right angle sa2m right angle with front solder pad and pick & place t ab sa1m right angle with front solder pad sa3m right angle with pick & place tab (. 2 60) 6,60 max . (.1 25 ) 3,18 (.0 34 ) 0,86 (.1 57 ) 4,00 (.2 98 ) 7,57 (.1 50 ) ?3 ,8 1 (. 0 30) 0,76 t y p. (.1 73 ) 4,38 (.1 36 ) 3,44 (.0 67 ) 1,71 (.1 1 4) 2,90 2 4 sw it ch f ac e 24 4 (.1 25 ) 3,18 (.2 00 ) 5,08 (.2 48 ) 6,29 (.0 15 ) 0,38 .173 (4,3 8) (.1 36 ) 3,44 (. 0 34) 0,86 typ. (.0 30 ) 0,76 (.1 57 ) 4,0 (.3 06 ) 7,77 .150 (3,8 1) (.1 52 ) 3,86 (.2 80 ) 7,11 (.1 80 ) 4,57 (.0 80 ) 2,03 (.0 67 ) 1,71 (.1 1 4) 2,90 (?.140) ?3 ,5 6 24 (.2 00 ) 5,08 (.2 48 ) 6,29 (.1 25 ) 3,18 (. 0 34) 0,86 t y p. (.0 30 ) 0,76 (.1 57 ) 4,0 (.3 06 ) 7,77 (.0 67 ) 1,71 (.1 1 4) 2,90 sw it ch f ac e 4 (.2 80 ) 7,11 (.0 15 ) 0,38 (. 1 50) 3, 8 1 (.1 72 ) 4,37 (. 1 82) 4, 6 1 (?.140) ?3 ,5 6 bC1 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com t actile switches b
bC2 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ck-components.com t actile switches b contact plating button option code material 4 silver 5 gold kt series right angle sealed tact switch 02 press fit, ?4 mm 03 snap fit, high temperature, ?8 mm n t b t k 1 1 option button code color 90 black 80 ivory button type button color button color ?5,08 (.200) 2,54 (.100) button t o order buttons in bulk mounting bracket pad layout sam & sa3m mounting bracket pad layout sa1m & sa2m mounting bracket .195 (4,95) .345 (8,76) .148 typ. (3,76) .067 (1,70) switch face .030 (0,76) .165 typ. (4,19) .100 (2,54) .230 (5,84) .100 (2,54) .195 (4,95) .230 (5,84) .345 (8,76) .210 (5,33) .110 (2,79) .015 (0,38) .067 (1,70) .030 (0,76) .148 (3,76) .165 (4,19) switch face button t ype


▲Up To Search▲   

 
Price & Availability of KT11SM34LFS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X