Part Number Hot Search : 
B19AD IT310 MCP73841 JANSR2 BZX70C11 SB104 ML7805 SSL12
Product Description
Full Text Search
 

To Download KRA553U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002. 1. 24 1/6 semiconductor technical data kra551u~kra556u epitaxial planar pnp transistor revision no : 2 switching application. interface circuit and driver circuit application. features  with built-in bias resistors.  simplify circuit design.  reduce a quantity of parts and manufacturing process.  high packing density. dim millimeters a b d g usv 2.00 0.20 1.25 0.1 2.1 0.1 0.2+0.10/-0.05 0-0.1 0.9 0.1 0.65 0.15+0.1/-0.05 b1 h c t g 1 3 2 b b1 d a h t 5 4 c c a1 1.3 0.1 a1 + _ + _ + _ + _ + _ 1. q in (base) 2. q , q common (emitter) 3. q in (base) 4. q out (collector) 5. q out (collector) 1 1 1 2 2 2 equivalent circuit maximum rating (ta=25 1 ) bias resistor values r1 r2 common(+) out in mark spec type name 123 54 type no. r1(k u ) r2(k u ) kra551u 4.7 4.7 kra552u 10 10 KRA553U 22 22 kra554u 47 47 kra555u 2.2 47 kra556u 4.7 47 characteristic symbol rating unit output voltage kra551u  556u v o -50 v input voltage kra551u v i -20, 10 v kra552u -30, 10 KRA553U -40, 10 kra554u -40, 10 kra555u -12, 5 kra556u -20, 5 output current kra551u  556u i o -100 ma power dissipation p d * 200 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1 1 q1 23 54 q2 equivalent circuit (top view) type kra551u kra552u KRA553U kra554u kra555u kra556u mark pa pb pc pd pe pf marking * total rating.
2002. 1. 24 2/6 kra551u~kra556u revision no : 2 electrical characteristics (ta=25 1 ) note : * characteristic of transistor only. characteristic symbol test condition min. typ. max. unit output cut-off current kra551u  556u i o(off) v o =-50v, v i =0 - - -500 na dc current gain kra551u g i v o =-5v, i o =-10ma 30 55 - kra552u 50 80 - KRA553U 70 120 - kra554u 80 200 - kra555u 80 200 - kra556u 80 200 - output voltage kra551u  556u v o(on) i o =-10ma, i i =-0.5ma - -0.1 -0.3 v input voltage (on) kra551u v i(on) v o =-0.2v, i o =-5ma - -1.5 -2.0 v kra552u - -1.8 -2.4 KRA553U - -2.1 -3.0 kra554u - -2.8 -5.0 kra555u - -0.8 -1.1 kra556u - -0.9 -1.3 input voltage (off) kra551u  554u v i(off) v o =-5v, i o =-0.1ma -1.0 -1.2 - v kra555u  556u -0.5 -0.65 - transition frequency kra551u  556u f t * v o =-10v, i o =-5ma - 200 - mhz input current kra551u i i v i =-5v - - -1.8 ma kra552u - - -0.88 KRA553U - - -0.36 kra554u - - -0.18 kra555u - - -3.6 kra556u - - -1.8
2002. 1. 24 3/6 kra551u~kra556u revision no : 2 electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit switching time rise time kra551u t r v o =-5v v in =-5v r l =1k u - 0.07 -  s kra552u - 0.06 - KRA553U - 0.2 - kra554u - 0.24 - kra555u - 0.02 - kra556u - 0.07 - storage time kra551u t stg - 1.1 - kra552u - 1.1 - KRA553U - 1.1 - kra554u - 1.1 - kra555u - 1.1 - kra556u - 1.1 - fall time kra551u t f - 0.15 - kra552u - 0.24 - KRA553U - 0.38 - kra554u - 0.63 - kra555u - 0.1 - kra556u - 0.2 -
2002. 1. 24 4/6 kra551u~kra556u revision no : 2 i - v i(on) input on voltage v (v) -0.1 -100 o -0.3 output current i (ma) o i(on) -0.3 -1 -3 -10 -30 -1 -3 -5 -10 -30 -50 -100 -0.5 -0.5 -100 -50 -30 -10 -5 -3 -1 -30 -10 -3 -1 -0.3 i(on) o output current i (ma) -0.3 o -100 -0.1 i - v -0.5 -100 -50 -30 -10 -5 -3 -1 -30 -10 -3 -1 -0.3 i(on) o output current i (ma) -0.3 o -100 -0.1 i - v i - v -0.1 -100 o -0.3 output current i (ma) o i(on) -0.3 -1 -3 -10 -30 -1 -3 -5 -10 -30 -50 -100 -0.5 i - v -0.1 -100 o -0.3 output current i (ma) o i(on) -0.3 -1 -3 -10 -30 -1 -3 -5 -10 -30 -50 -100 -0.5 -0.5 -100 -50 -30 -10 -5 -3 -1 -30 -10 -3 -1 -0.3 i(on) o output current i (ma) -0.3 o -100 -0.1 i - v kra551u v =-0.2v o ta=100 c ta=25 c ta=-25 c 25 -25 100 kra552u KRA553U k ra554u kra555u k ra556u v =-0.2v o ta = 100 c ta=25 c ta=-25 c v =-0.2v o o v =-0.2v v =-0.2v o o v =-0.2v ta=1 0 0 c ta=25 c ta=-25 c input on voltage v (v) i(on) i(on) input on voltage v (v) input on voltage v (v) i(on) i(on) input on voltage v (v) input on voltage v (v) i(on) ta= 100 c ta=25 c ta=-25 c ta=100 c ta=-25 c ta=25 c ta=1 00 c ta=25 c ta=-25 c
2002. 1. 24 5/6 kra551u~kra556u revision no : 2 i - v i(off) input off voltage v (v) i(off) input off voltage v (v) i(off) input off voltage v (v) i(off) input off voltage v (v) i(off) input off voltage v (v) i(off) input off voltage v (v) -0.6 o -30 output current i ( a) o output current i ( a) o output current i ( a) o output current i ( a) o output current i ( a) o output current i ( a) o i(off) i - v o i(off) i - v o i(off) i - v o i(off) i - v o i(off) i - v o i(off) -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -100 -300 -500 -1k -3k -5k -10k kra551u v =-5v o o v =-5v kra552u -10k -5k -3k -1k -500 -300 -100 -50 -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 -30 -0.6 o v =-5v KRA553U -10k -5k -3k -1k -500 -300 -100 -50 -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 -30 -0.6 o v =-5v kra555u -10k -5k -3k -1k -500 -300 -100 -50 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 -30 0 -30 -50 -100 -300 -500 -1k -3k -5k -10k kra556u v =-5v o -30 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -100 -300 -500 -1k -3k -5k -10k kra554u v =-5v o ta=100 c ta =25 c ta=-25 c ta=10 0 c ta= 2 5 c ta=- 2 5 c ta=1 00 c ta= 2 5 c ta=-25 c ta = 10 0 c ta = 25 c ta=-2 5 c ta=100 c ta=25 c ta=-25 c 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 ta=100 c ta= 25 c ta= - 2 5 c
2002. 1. 24 6/6 kra551u~kra556u revision no : 2 g - i o output current i (ma) o output current i (ma) o output current i (ma) o output current i (ma) -0.5 -1 -3 -10 i 5 dc current gain g i dc current gain g i dc current gain g i dc current gain g i dc current gain g i dc current gain g io g - i io g - i io o output current i (ma) o output current i (ma) g - i io g - i io g - i io -30 -100 10 30 50 100 300 v =-5v o o v =-5v 300 100 50 30 10 -100 -30 5 -10 -3 -1 -0.5 o v =-5v 300 100 50 30 10 -100 -30 5 -10 -3 -1 -0.5 o v =-5v 300 100 50 30 10 -100 -30 5 -10 -3 -1 -0.5 -0.5 -1 -3 -10 5 -30 -100 10 30 50 100 300 v =-5v o -0.5 -1 -3 -10 5 -30 -100 10 30 50 100 300 v =-5v o ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c ta=100 c ta=25 c ta=-25 c ta=100 c ta=-25 c ta=25 c kra551u k ra552u KRA553U k ra554u kra555u k ra556u


▲Up To Search▲   

 
Price & Availability of KRA553U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X