Part Number Hot Search : 
LTC40 EL5170 LTC40 1A353 SB3200 SQXO2SM A3940 MJ15012
Product Description
Full Text Search
 

To Download IRFB23N20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes ? through ? are on page 11 www.irf.com 1 4/26/00 IRFB23N20D irfs23n20d irfsl23n20d smps mosfet hexfet ? power mosfet v dss r ds(on) max i d 200v 0.10 w 24a pd- 93904a d 2 pak irfs23n20d to-220ab IRFB23N20D to-262 irfsl23n20d parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 24 i d @ t c = 100c continuous drain current, v gs @ 10v 17 a i dm pulsed drain current ? 96 p d @t a = 25c power dissipation ? 3.8 w p d @t c = 25c power dissipation 170 linear derating factor 1.1 w/c v gs gate-to-source voltage 30 v dv/dt peak diode recovery dv/dt ? 3.3 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torqe, 6-32 or m3 screw ? 10 lbf?in (1.1n?m) absolute maximum ratings l high frequency dc-dc converters benefits applications l low gate-to-drain charge to reduce switching losses l fully characterized capacitance including effective c oss to simplify design, (see app. note an1001) l fully characterized avalanche voltage and current typical smps topologies l telecom 48v input forward converter
irfb/irfs/irfsl23n20d 2 www.irf.com parameter min. typ. max. units conditions g fs forward transconductance 13 CCC CCC s v ds = 50v, i d = 14a q g total gate charge CCC 57 86 i d = 14a q gs gate-to-source charge CCC 14 21 nc v ds = 160v q gd gate-to-drain ("miller") charge CCC 27 40 v gs = 10v, ?? t d(on) turn-on delay time CCC 14 CCC v dd = 100v t r rise time CCC 32 CCC i d = 14a t d(off) turn-off delay time CCC 26 CCC r g = 4.6 w t f fall time CCC 16 CCC v gs = 10v ? c iss input capacitance CCC 1960 CCC v gs = 0v c oss output capacitance CCC 300 CCC v ds = 25v c rss reverse transfer capacitance CCC 65 CCC pf ? = 1.0mhz ? c oss output capacitance CCC 2200 CCC v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance CCC 120 CCC v gs = 0v, v ds = 160v, ? = 1.0mhz c oss eff. effective output capacitance CCC 220 CCC v gs = 0v, v ds = 0v to 160v ? dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy ?? CCC 250 mj i ar avalanche current ? CCC 14 a e ar repetitive avalanche energy ? CCC 17 mj avalanche characteristics s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ?? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 14a, v gs = 0v ? t rr reverse recovery time CCC 200 300 ns t j = 25c, i f = 14a q rr reverse recoverycharge CCC 1300 1940 nc di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) diode characteristics 24 96 a static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 200 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.26 CCC v/c reference to 25c, i d = 1ma ? r ds(on) static drain-to-source on-resistance CCC CCC 0.10 w v gs = 10v, i d = 14a ? v gs(th) gate threshold voltage 3.0 CCC 5.5 v v ds = v gs , i d = 250a CCC CCC 25 a v ds = 200v, v gs = 0v CCC CCC 250 v ds = 160v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 30v gate-to-source reverse leakage CCC CCC -100 na v gs = -30v i gss i dss drain-to-source leakage current thermal resistance parameter typ. max. units r q jc junction-to-case CCC 0.90 r q cs case-to-sink, flat, greased surface ? 0.50 CCC c/w r q ja junction-to-ambient ? CCC 62 r q ja junction-to-ambient ? CCC 40
irfb/irfs/irfsl23n20d www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 24a 0.01 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 12v 10v 8.0v 7.0v 6.0v 5.5v 5.0v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 5.0v 1 10 100 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 12v 10v 8.0v 7.0v 6.0v 5.5v 5.0v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 5.0v 0.1 1 10 100 5.0 6.0 7.0 8.0 9.0 10.0 v = 50v 20s pulse width ds v , gate-to-source volta g e (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j
irfb/irfs/irfsl23n20d 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 0.2 0.5 0.8 1.1 1.4 v ,source-to-drain volta g e (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 1000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 1000 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c, capacitance (pf) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 14a v = 40v ds v = 100v ds v = 160v ds
irfb/irfs/irfsl23n20d www.irf.com 5 fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 5 10 15 20 25 t , case temperature ( c) i , drain current (a) c d
irfb/irfs/irfsl23n20d 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - 10 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 600 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 5.9a 10a 14a
irfb/irfs/irfsl23n20d www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet ? power mosfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? *
irfb/irfs/irfsl23n20d 8 www.irf.com lead assignments 1 - g a t e 2 - d r a in 3 - s o u r c e 4 - d r a in - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) m in 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.3 6 (.014 ) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 o utline conforms to jedec outline to-220ab. 2 c o n tr o llin g d im e n s io n : in c h 4 h e a t s in k & le a d m e a s u r e m e n t s d o n ot include burrs. to-220ab part marking information to-220ab package outline dimensions are shown in millimeters (inches) part number international rectifier lo g o example : this is an irf1010 w ith as se m bly lo t c o de 9b 1m assembly lot co de date code (yyww) yy = year w w = w ee k 9246 irf1010 9b 1m a
irfb/irfs/irfsl23n20d www.irf.com 9 d 2 pak package outline d 2 pak part marking information 10.16 (.400) re f. 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) r e f. - b - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 (.415) 10.29 (.405) - a - 2 1 3 15.49 (.610) 14.73 (.580) 3x 0.93 (.037) 0.69 (.027) 5.08 (.200) 3x 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) m ax. notes: 1 dimensions after solder dip. 2 dimensioning & tolerancing per ansi y14.5m, 1982. 3 controlling dimension : inch. 4 heatsink & lead dimensions do not include burrs. 0.55 (.022) 0.46 (.018) 0.25 (.010) m b a m minimum recommended footprint 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2x lead assignments 1 - ga te 2 - d r ain 3 - s ou rc e 2.54 (.100) 2x part number international rectifier logo date code (yyw w ) yy = year ww = week assembly lot code f530s 9b 1m 9246 a
irfb/irfs/irfsl23n20d 10 www.irf.com to-262 part marking information to-262 package outline
irfb/irfs/irfsl23n20d www.irf.com 11 ? repetitive rating; pulse width limited by max. junction temperature. ? i sd 14a, di/dt 130a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l = 2.6mh r g = 25 w , i as = 14a. ? pulse width 300s; duty cycle 2%. ? c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss ? this is only applied to to-220ab package d 2 pak tape & reel information 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. ? this is applied to d 2 pak, when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir european regional center: 439/445 godstone rd, whyteleafe, surrey cr3 obl, uk tel: ++ 44 (0)20 8645 8000 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 (0) 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 011 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo 171 tel: 81 (0)3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 (0)838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673 tel: 886-(0)2 2377 9936 data and specifications subject to change without notice. 4/00


▲Up To Search▲   

 
Price & Availability of IRFB23N20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X