Part Number Hot Search : 
C4051 5KP58A 24265 1N2428 M38B79 BR1632A CDRH8 2N440
Product Description
Full Text Search
 

To Download IL420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay IL420/ IL4208 document number 83629 rev. 1.4, 26-apr-04 vishay semiconductors www.vishay.com 1 i179035 1 2 3 6 5 4 mt2 mt1 nc a c nc optocoupler, phototriac output, high dv/dt, low input current features ? high input sensitivity i ft = 2.0 ma  600/800 v blocking voltage  300 ma on-state current  high static dv/dt 10 kv/ s  inverse parallel scrs provide commutating dv/dt > 10 kv/ s  very low leakage < 10 a  isolation test voltage 5300 v rms  small 6-pin dip package agency approvals  ul - file no. e52744 system code h or j  csa -93751  babt/ bsi iec60950 iec60965  din en 60747-5-2(vde0884) din en 60747-5-5 pending available with option 1 applications solid-state relays industrial controls office equipment consumer appliances. description the IL420/ IL4208 consists of a gaas irled optically coupled to a photosensitive non-zero crossing triac network. the triac consists of two inverse parallel connected monolithic scrs. these three semicon- ductors are assembled in a six pin dual in-line pack- age. high input sensitivity is achieved by using an emitter follower phototransistor and a cascaded scr pre- driver resulting in an led trigger current of less than 2.0 ma (dc) the IL420/ IL4208 used two discrete scrs resulting in a commutating dv/dt of greater than 10 k/ s. the use of a proprietary dv/dt clam results in a static dv/ dt of greater than 10 kv/ s. this clamp circuit has a mosfet that is enhanced when high dv/dt spikes occur between mt1 and mt2 of the triac. when conducting, the fet clamps the base of the pho- totransistors, disabling the firs stage scr predriver the 600/800 v blocking voltage permits control of off- line voltages up to 240 vac, with a safety factor of more than two, and is sufficient for as much as 380 vac. the IL420/ IL4208 isolates low-voltage logic from 120, 240, and 380 vac lines to control resistive, inductive, or capacitive loads including motors, sole- noids, high current thyristors or triac and relays. order information for additional information on the available options refer to option information. part remarks IL420 600 v v drm , dip-6 IL4208 800 v v drm , dip-6 IL420-x006 600 v v drm , dip-6 400 mil (option 6) IL420-x007 600 v v drm , smd-6 (option 7) IL420-x009 600 v v drm , smd-6 (option 9) IL4208-x007 800 v v drm , smd-6 (option 7) IL4208-x009 800 v v drm , smd-6 (option 9)
www.vishay.com 2 document number 83629 rev. 1.4, 26-apr-04 vishay IL420/ IL4208 vishay semiconductors absolute maximum ratings t amb = 25 c, unless otherwise specified stresses in excess of the absolute maximum ratings can caus e permanent damage to the device. functional operation of the device is not implied at these or any other conditions in excess of thos e given in the operational sections of this document. exposure to absolute maximum rating for extended periods of the time can adversely affect reliability. input output coupler 1) between emitter and detector, climate per din 50014, part 2, nov. 74 2) index per din iec 60112/vde 0303 part 1, group iiia per din vde 6110 parameter test condition symbol value unit reverse voltage v r 6.0 v forward current i f 60 ma surge current i fsm 2.5 a power dissipation p diss 100 mw derate from 25 c 1.33 mw/c parameter test condition part symbol value unit peak off-state voltage IL420 v drm 600 v IL4208 v drm 800 v rms on-state current i tm 300 ma single cycle surge current i tsm 3.0 a power dissipation p diss 500 mw derate from 25 c 6.6 mw/c parameter test condition symbol value unit isolation test voltage 1) t = 1.0 sec. v iso 5300 v rms pollution degree (din vde 0109) 2 creepage distance 7.0 mm clearance 7.0 mm comparative tracking 2) 175 isolation resistance v io = 500 v, t amb = 25 c r io 10 12 ? v io = 500 v, t amb = 100 c r io 10 11 ? storage temperature range t stg - 55 to + 150 c ambient temperature range t amb - 55 to + 100 c soldering temperature max. 10 sec. dip soldering 0.5 mm from case bottom t sld 260 c
vishay IL420/ IL4208 document number 83629 rev. 1.4, 26-apr-04 vishay semiconductors www.vishay.com 3 electrical characteristics t amb = 25 c, unless otherwise specified minimum and maximum values are testing requirements. typical va lues are characteristics of t he device and are the result of eng ineering evaluation. typical values are for information only and are not part of the testing requirements. input output coupler parameter test condition symbol min ty p. max unit forward voltage i f = 10 ma v f 1.16 1.35 v reverse current v r = 6.0 v i r 0.1 10 a input capacitance v f = 0 v, f = 1.0 mhz c in 40 pf thermal resistance, junction to ambient r thja 750 c/w parameter test condition part symbol min ty p. max unit off-state voltage i d(rms) = 70 a IL420 v d(rms) 424 460 v i d(rms) = 70 a IL4208 v d(rms) 565 v repetitive peak off-state voltage i drm = 100 s IL420 v drm 600 v IL4208 v drm 800 v off-state current v d = v drm, , t a = 100 c i bd 10 100 a on-state voltage i t = 300 ma v tm 1.7 30 v on-current pf = 1.0, v t(rms) = 1.7 v i tm 300 ma surge (non-repetitive) on-state current f = 50 hz i tsm 3.0 a holding current i h 65 500 a latching current v t = 2.2 v i l 5.0 ma led trigger current v ak = 5.0 v i ft 1.0 2.0 trigger current temperature gradient ? i ft / ? t j 7.0 14 a/c critical state of rise off-state voltage v d = 0.67 v drm , t j = 25 c dv/dt cr 1000 v/ s v d = 0.67 v drm , t j = 80 c dv/dt cr 5000 v/ s critical rate of rise of voltage at current commutation v d = 0.67 v drm , di/dt crq 15 a/ms , t j = 25 c dv/dt crq 10000 v/ s v d = 0.67 v drm , di/dt crq 15 a/ms , t j = 80 c dv/dt crq 5000 v/ s critical state of rise of on-state current di/dt cr 8.0 a/ s thermal resistance, junction to ambient r thja 150 c/w parameter test condition symbol min ty p. max unit critical rate of rise of coupled input/output voltage i t = 0 a, v rm = v dm = v d(rms) dv/dt 500 v/ s capacitance (input-output) f = 1.0 mhz, v io = 0 v c io 0.8 pf isolation resistance v io = 500, t a = 25 c r io 10 12 ? v io = 500, t a = 100 c r io 10 11 ?
www.vishay.com 4 document number 83629 rev. 1.4, 26-apr-04 vishay IL420/ IL4208 vishay semiconductors switching characteristics typical characteristics (t amb = 25 c unless otherwise specified) parameter test condition symbol min ty p. max unit turn-on time v rm = v dm = v d(rms) t on 35 s pf = 1.0, i t = 300 ma t off 50 s fig. 1 forward voltage vs. forward current fig. 2 peak led current vs. duty factor, tau iIL420_01 100 10 1 .1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 if - forward current - ma vf - forward voltage - v ta = -55c ta = 25c ta = 85c iIL420_02 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 100 1000 10000 t -led pulse duration -s if(pk) - peak led current - ma .005 .05 .02 .01 .1 .2 .5 duty factor t df = /t iIL420_03 100 80 60 40 20 0 -20 -40 -60 0 50 100 150 ta - ambient temperature - c led - led power - mw iIL420_04 i t = f(v t ), parameter: t j
vishay IL420/ IL4208 document number 83629 rev. 1.4, 26-apr-04 vishay semiconductors www.vishay.com 5 fig. 5 current reduction fig. 6 current reduction fig. 7 typical trigger delay time iIL420_05 i trms =f(t a ), r thja =150 k/w device switch soldered in pcb or base plate. iIL420_06 i trms =f(t pin5 ), r thj?pin5 =16.5 k/w thermocouple measurement must be performed potentially separated to a1 and a2. measuring junction as near as possible at the case. iIL420_07 t gd =f (i f i ft 25c), v d =200 v, parameter: t j fig. 8 typical off-state current fig. 9 power dissipation fig. 10 pulse trigger current iIL420_08 i d =f (t j ), v d =600 v, parameter: t j iIL420_09 for 40 to 60 hz line operation, p tot =f(i trms ) iIL420_10 i ftn =f (t pif )i ftn normalized to i ft , referring to t pif )i 1.0 ms, v op =200 v, f=40 to 60 hz typ.
www.vishay.com 6 document number 83629 rev. 1.4, 26-apr-04 vishay IL420/ IL4208 vishay semiconductors package dimensions in inches (mm) i178014 .008 (.20) .012 (.30) .130 (3.30) .150 (3.81) .130 (3.30) .150 (3.81) .033 (0.84) typ. .300 (7.62) typ. .033 (0.84) typ. .100 (2.54) typ .039 (1.00) min. .018 (0.46) .020 (0.51) .048 (1.22) .052 (1.32) .248 (6.30) .256 (6.50) .335 (8.50) .343 (8.70) pin one id 6 5 4 1 2 3 18 3?9 .300?.347 (7.62?8.81) 4 typ . iso method a min. .315 (8.00) .020 (.51) .040 (1.02) .300 (7.62) ref. .375 (9.53) .395 (10.03) .012 (.30) typ. .0040 (.102) .0098 (.249) 15 max. option 9 .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .307 (7.8) .291 (7.4) .407 (10.36) .391 (9.96) option 6 .315 (8.0) min. .300 (7.62) typ . .180 (4.6) .160 (4.1) .331 (8.4) min. .406 (10.3) max. .028 (0.7) min. option 7 18450
vishay IL420/ IL4208 document number 83629 rev. 1.4, 26-apr-04 vishay semiconductors www.vishay.com 7 ozone depleting substa nces policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of IL420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X