Part Number Hot Search : 
SN56000 NTE860 MP1004G EGFZ30M DEVIC N4148 F1010Z 95080
Product Description
Full Text Search
 

To Download F10SC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    

 

 
 

    

 

!"#  $!% & 
&
' ()(
*  +
$,
"
-' !'  $../$!/"0 !12 . %%
*
'  '
/ 
 ( 
  
34
'   !"# $%&  
                      !  ! !  "#$  %$  &!   '  ! ! ( %$ 
 )! *  * 
#$ *   ) + , ! )! *  * 
+ - . $/0  %1#$ # * )!     2!- ! !!  & $34   - )0 " 0    !  .   10 %5%  %$  + , ! 2!- ! !!  2
$34   - )0 6"!  ) %   , ) 0 (  %$    ) + , ! )! +-! + 
+ - . %$  0     !  0 (  55$ 7 8 !  !. *  !     0  %   ,*
  !9 &  !9  $/56: $/ 6:  ;!   . ! !                     2!- ! *  * 2  2 0 +  !0     !  
/$/ * )! !!   *  * 
0 +  !0     !  
/5/  '       ( %
340 *  %$*0     !   /%<$ 2 .!      ( (    
//5  17
forward voltage 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 sF10SC4 tc=150 c [max] tc=25 c [max] pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a] 50
100 1000 10000 sF10SC4 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 reverse voltage v r [v] junction capacitance cj [pf] f=1mhz tc=25 c typ per diode junction capacitance
reverse current 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 30 35 40 sF10SC4 tc=150 c [max] tc=150 c [typ] pulse measurement per diode tc=125 c [typ] tc=100 c [typ] tc=75 c [typ] reverse voltage v r [v] reverse current i r [ma]
0 5 10 15 20 0 5 10 15 20 25 30 35 40 sF10SC4 0.3 reverse power dissipation tj = 150 c sin 0.2 0.5 d=0.05 dc 0.1 0.8 0 t p v r t d=t p /t reverse voltage v r [v] reverse power dissipation p r [w]
0 t p i o t d=t p /t 0 2 4 6 8 10 0246810121416 sF10SC4 0.3 forward power dissipation tj = 150 c sin 0.2 0.1 d=0.8 dc 0.5 0.05 average rectified forward current i o [a] forward power dissipation p f [w]
0 2 4 6 8 10 12 14 16 0 20 40 60 80 100 120 140 160 sF10SC4 0.3 derating curve v r = 20v sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 t p i o t d=t p /t 0 v r case temperature tc [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 200 1 10 100 sF10SC4 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied
t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp 0 20 40 60 80 100 120 0 50 100 150 sbd repetitive surge reverse power derating curve junction temperature tj [ c] p rrsm derating [%]
0.1 1 10 1 10 100 sbd repetitive surge reverse power capability pulse width t p [ m s] p rrsm (t p ) / p rrsm (t p =10 m s) ratio t p i rp 0 v r 0.5i rp v rp i r p rrsm = i rp v rp


▲Up To Search▲   

 
Price & Availability of F10SC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X