dl4933 thru dl4937 1 amp glass passivated, fast recovery rectifier 50 to 600 volts melf suggested solder pad layout features low leakage current metalurgically bonded construction surface mount applications glass passivated junction inches mm dim min max min max note a .190 .205 4.80 5.20 b --- .022 --- .55 nominal c .095 .105 2.40 2.67 ? maximum ratings operating temperature: -55 c to +150 c storage temperature: -55 c to +150 c maximum thermal resistance; 30 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage dl4933 --- 50v 35v 50v dl4934 --- 100v 70v 100v dl4935 --- 200v 140v 200v dl4936 --- 400v 280v 400v dl4937 --- 600v 420v 600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t a =55 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage v f 1.3v i fm = 1.0a; t j = 25 c maximum dc reverse current at rated dc blocking voltage i r 5.0 m a 100 m a t j = 25 c t j = 125 c maximum reverse recovery time t rr 200ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 m sec, duty cycle 1% a b c cathode mark .220? .035? .115? omp onents 20736 marilla street chatsworth !"# $ % !"# m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 4 dimensions lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) case material:molded plastic. notes: 1. high temperature solder exemption applied, see eu directive annex notes 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
dl4933 thru dl4937 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 175 50 75 100 125 0 .2 .4 .6 single phase, half wave 60hz resistive or inductive load amps c 150 .8 1.0 1.2 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 4
dl4933 thru dl4937 figure 4 typical reverse characteristics instantaneous reverse leakage current - microampere s versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t j =25 c 40 60 100 140 t j =100 c 1 100 4 0 10 5 20 30 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 40 50 60 m c c revision: a 2011/01/01 figure 6 reverse recovery time characteristic and test circu it diagram tm micro commercial components www. mccsemi .com 3 of 4
m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 3 device packing part number-tp tape&reel: 5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|