Part Number Hot Search : 
2SC4291 IL715 AB5050 SP333CT MRF316 HT9313B COMPONEN BUW132H
Product Description
Full Text Search
 

To Download DDY-SJE-S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  23/04/2007 v5.0 1 features: > high brightness surface mount led using thin film technology. > 120 viewing angle. > small package outline (lxwxh) of 3.2 x 2.8 x 1.8mm. > qualified according to jedec moisture sensitivity level 2. > compatible to both ir reflow soldering and ttw soldering. > environmental friendly; rohs compliance. domiled tm synonymous with function and performance, the domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: domiled tm colored resin : ddx-xje ? 2005 domiled is a trademark of dominant semiconductors. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > communication: indicator and backlight in mobilephone. > display: full color display video notice board. > industry: white goods (eg: oven, microwave, etc.). dominant tm semiconductors innovating illumination
23/04/2007 v5.0 2 ddr-sje-q2r-1 ? ddr-sje-q2 ? ddr-sje-r1 ? ddr-sje-r2 ddy-cje-st2-1 ? ddy-cje-s1 ? ddy-cje-s2 ? ddy-cje-t1 ? ddy-cje-t2 DDY-SJE-S2t-1 ? DDY-SJE-S2 ? ddy-sje-t1 ? ddy-sje-t2 ddt-sje-st2-1 ? ddy-sje-s1 ? DDY-SJE-S2 ? ddy-sje-t1 ? ddy-sje-t2 ddb-sje-pq2-1 ? ddb-sje-p1 ? ddb-sje-p2 ? ddb-sje-q1 ? ddb-sje-q2 aligap red, 625nm aligap yellow, 587nm ingan true green, 525nm ingan blue, 470nm 120 120 120 120 90.0 - 180.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 224.0 - 450.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 colored resin : ddx-xje dominant tm semiconductors innovating illumination part ordering number chip technology / color viewing angle? luminous intensity @ if = 20ma iv (mcd) note 1. all part number above comes in a quantity of 2000 units per reel. 2. other luminious intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. 5. an optional vf bining is also available upon request. bining scheme is as per following table.
23/04/2007 v5.0 3 colored resin : ddx-xje dominant tm semiconductors innovating illumination vf bining (optional) vf @ if = 20ma standard 01 02 03 1.55 ... 2.45 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 forward voltage, vf is measured with an accuracy of 0.1v. group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping wavelength distribution (nm) color ddr; red ddy; yellow ddt; true green ddb; blue full full w x y z full w x y z full w x y 620 - 630 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 464 - 476 464 - 468 468 - 472 472 - 476 forward voltage (v) alingap please consult sales and marketing for special part number to incorporate vf binning. 3.35 ... 4.25 3.35 ... 3.65 3.65 ... 3.95 3.95 ... 4.45 forward voltage (v) ingan
unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) alingap: 30; ingan: 20 alingap: 1000; ingan: 200 5 2000 125 -40 +100 -40 +100 alingap: 75; ingan: 85 ma ma v v ?c ?c ?c mw colored resin : ddx-xje dominant tm semiconductors innovating illumination 23/04/2007 v5.0 4
relative luminous intensity vs forward current forward current, ma 0 10 20 30 40 50 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage (alingap) forward voltage, v forward current, ma 1 1.4 1.8 2.2 0 5 10 15 20 25 30 35 forward current vs forward voltage forward voltage, v forward current, ma 1 1.5 2 2.5 3 3.5 4 4.5 0 5 10 15 20 25 30 35 forward current vs temperature ambient temperature 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 relative intensity vs wavelength wavelength, nm 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 dominant wavelength vs forward current forward current, ma 0 20 40 60 80 100 -12 -8 -4 0 4 23/04/2007 v5.0 5 colored resin : ddx-xje dominant tm semiconductors innovating illumination relative intensity; normalized at 20ma ingan forward current vs forward voltage alingap forward current, ma ingan alingap relative intensity dominant wavelength shift, nm blue true green yellow red true green blue dominant wavelength shift vs forward current alingap ingan
0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 radiation pattern colored resin : ddx-xje dominant tm semiconductors innovating illumination 23/04/2007 v5.0 6
colored resin : ddx-xje dominant tm semiconductors innovating illumination 23/04/2007 v5.0 7 domiled tm ? colored resin : ddx-xje package outlines
23/04/2007 v5.0 8 colored resin : ddx-xje dominant tm semiconductors innovating illumination recommended solder pad
23/04/2007 v5.0 9 taping and orientation ? reels come in quantity of 2000 units. ? reel diameter is 180 mm. colored resin : ddx-xje dominant tm semiconductors innovating illumination
23/04/2007 v5.0 10 packaging specifcation colored resin : ddx-xje dominant tm semiconductors innovating illumination
23/04/2007 v5.0 11 packaging specifcation moisture sensitivity level barcode label moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel average 1pc domiled / multi domiled 1 completed bag (2000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 55 reels max small large for domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 30,000 max 110,000 max dominant semiconductors lot no : lotno part no : partno qty : qty s/n : xxx d/c: xxxx group : group weight (gram) 0.034 190 10 rohs compliant pb free colored resin : ddx-xje dominant tm semiconductors innovating illumination dominant tm semiconductors
23/04/2007 v5.0 12 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle colored resin : ddx-xje dominant tm semiconductors innovating illumination
23/04/2007 v5.0 13 colored resin : ddx-xje dominant tm semiconductors innovating illumination revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors . page - subjects new format - add new partno: ddy-cje-st2-1 date of modifcation 23 apr 2007
colored resin : ddx-xje dominant tm semiconductors innovating illumination please contact us for more information: head quarter dominant semiconductors sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant china sales office dominant semiconductors (shenzhen) co. ltd. 24bc newbaohui building, no. 1007 west nanhai blvd., nanshan, shenzhen, china p.c. 518054 tel: +86 (755) 86031785 / +86 (755) 86031786 fax: +86 (755) 86031789 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. 902 sunil technopia, 440 sangdaewon-dong, jungwon-gu, sungnam-si, kyunggi-do, korea 462726 tel: 82-31-777-3978 fax: 82-31-777-3976 e-mail: sales_korea@dominant-semi.com dominant tm semiconductors innovating illumination about us dominant semiconductors is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as in - dustrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant semiconductors can be found on the internet at http://www.dominant-semi.com.


▲Up To Search▲   

 
Price & Availability of DDY-SJE-S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X