Part Number Hot Search : 
K4H511 MAX161 LVC245A ADAU1977 APT20M SKY77 MZ4625 810A505
Product Description
Full Text Search
 

To Download BU908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BU908 d escription with to-3pn package high voltage high speed switching applications for color tv horizontal deflection circuits. pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 700 v v ebo emitter-base voltage open collector 7 v i c collector current 8 a p t total power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -65~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 1.0 /w fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors BU908 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma; i b =0; 700 v v (br)ebo emitter-base breakdown voltage i e =10ma; i c =0; 7 v v cesat collector-emitter saturation voltage i c =3.2a;i b =0.8a 2.0 v v besat base-emitter saturation voltage i c =3.2a;i b =0.8a 1.3 v i cbo collector cut-off current v cb =1500v;i e =0 1.0 ma i ebo emitter cut-off current v eb =5v;i c =0 0.1 ma h fe dc current gain i c =1.5a ; v ce =5v 8 f t transition frequency i e =0 ; v cb =10v;f=1mhz 7 mhz
savantic semiconductor product specification 3 silicon npn power transistors BU908 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of BU908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X