Part Number Hot Search : 
SR2100 EVALZ NTE451 A471J 4743A E2502H42 A6275ELW 75B12
Product Description
Full Text Search
 

To Download 87636-2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0876362002 status: active description: 1.27mm (.050") pitch ddr dimm socket, vertical, beige latch, single key, with beveled metal pins, 2.5v left voltage key, 3.23mm (.127") tail length, 0.38m (15") gold (au) plating, 184 circuits, leadfree documents: 3d model product specification ps-87736-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory module sockets series 87636 component type memory module jedec outline mo-206 product name ddr dimm physical circuits (loaded) 184 color - resin black, natural durability (mating cycles max) 25 entry angle vertical (top entry) keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.127 in pc tail length (mm) 3.23 mm pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 100 plating min: termination (m) 2.5 temperature range - operating -10c to +85c termination interface: style through hole electrical current - maximum per contact 1a voltage - maximum 50v voltage key 2.5v, left solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info reference - drawing numbers product specification ps-87736-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87636 series mates with jedec mo-206 modules
sales drawing sd-87636-001 this document was generated on 04/13/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 87636-2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X