Part Number Hot Search : 
NTRRP SJ108 38C43BM DD312 IRG4BC30 HFA1145 RC4152N 5KP17
Product Description
Full Text Search
 

To Download 74LVC1G57FZ4-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 1 of 13 www.diodes.com july 2011 ? diodes incorporated new product description the 74lvc1g57 is a single 3-input positive configurable multiple function gate with a standard push-pull output. the output state is determined by eight patterns of 3-bit input. the user can chose the logi c functions and, or, nand, nor, xnor, inverter or non-in verting buffer. all inputs can be connected to ground or vcc as required. the device is designed for operation with a power supply range of 1.65v to 5.5v. the inputs are tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for partial power down applications using ioff. the ioff circuitry disables the output prev enting damaging current backflow when the device is powered down. the user is reminded that the device can simulate several types of logic gates but may respond differently due to the schmitt action at the inputs. pin assignments 2 4 5 6 3 1 ( top view) dfn1410 gnd vcc y ( top view) dfn1010 gnd vcc y 1 2 34 5 6 y 4 3 2 1 sot26 (top view) gnd y sot363 (top view) gnd 4 3 2 1 6 vcc 5 6 vcc 5 in1 in0 in2 in1 in1 in1 in0 in0 in0 in 2 in 2 in2 features ? wide supply voltage range from 1.65v to 5.5v ? 24ma output drive at 3.3v ? cmos low power consumption ? ioff supports partial-power-down mode operation ? inputs accept up to 5.5v ? esd protection exceeds jesd 22 o 200-v machine model (a115-a) o 2000-v human body model (a114-a) ? latch-up exceeds 100ma per jesd 78, class ii ? range of package options ? sot26, sot363, df1410, and dfn1010: available in ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? voltage level shifting ? general purpose logic ? power down signal isolation ? wide array of products such as: o pcs, networking, notebooks, netbooks, pdas o computer peripherals, hard drives, cd/dvd rom o tv, dvd, dvr, set top box o cell phones, personal navigation / gps o mp3 players ,cameras, video recorders notes: 1. eu directive 2002/95/ec (rohs). all applicab le rohs exemptions applied. please visit our website at http://www.diodes.com /products/lead_free.html .
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 2 of 13 www.diodes.com july 2011 ? diodes incorporated new product pin descriptions pin name description in1 data input gnd ground in0 data input y data output v cc supply voltage in2 data input logic diagram function table inputs output in2 in1 in0 y l l l h l l h l l h l h l h h l h l l l h l h l h h l h h h h h
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 3 of 13 www.diodes.com july 2011 ? diodes incorporated new product logic configurations function selection table logic function configuration 2-input and 1 2-input and with both inputs inverted 4 2-input nand with inverted input 2, 3 2-input or with inverted input 2, 3 2-input nor 4 2-input nor with both inputs inverted 1 2-input xnor 5 1-input inverter 6
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 4 of 13 www.diodes.com july 2011 ? diodes incorporated new product absolute maximum ratings (note 2) symbol description rating unit esd hbm human body model esd protection 2 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 6.5 v v i input voltage range -0.5 to 6.5 v v o voltage applied to output in high impedance or i off state -0.5 to 6.5 v v o voltage applied to output in high or low state -0.3 to v cc +0.5 v i ik input clamp current v i <0 -50 ma i ok output clamp current -50 ma i o continuous output current 50 ma continuous current through vdd or gnd 100 ma t j operating junction temperature -40 to 150 c t stg storage temperature -65 to 150 c notes: 2. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress valu es and device operation should be within recommend values. recommended operating conditions (note 3) symbol parameter min max unit v cc operating voltage operating 1.65 5.5 v data retention only 1.5 v v i input voltage 0 5.5 v v o output voltage 0 v cc v i oh high-level output current v cc = 1.65v -4 ma v cc = 2.3v -8 v cc = 3v -16 -24 v cc = 4.5v -32 i ol low-level output current v cc = 1.65v 4 ma v cc = 2.3v 8 v cc = 3v 16 24 v cc = 4.5v 32 t/ v input transition rise or fall rate v cc = 1.8v 0.15v, 2.5 v 0.2v 20 ns/v v cc = 3.3v 0.3v 10 v cc = 5v 0.5v 5 t a operating free-air temperature -40 125 oc notes: 3. unused inputs should be held at v cc or ground.
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 5 of 13 www.diodes.com july 2011 ? diodes incorporated new product electrical characteristics t a = -40 c to 85 c (all typical values are at v cc = 3.3v, t a = 25c) symbol parameter test conditions v cc min typ. max unit v t+ positive-going input threshold voltage 1.65v 0.70 1.20 2.3v 1.11 1.60 3v 1.50 2.00 4.5v 2.16 2.74 5.5v 2.61 3.33 v t- negative-going input threshold voltage 1.65v 0.30 0.72 2.3v 0.58 1.00 3v 0.80 1.30 4.5v 1.21 1.95 5.5v 1.45 2.35 v t hysteresis (v t+ - v t-) 1.65v 0.30 0.62 2.3v 0.40 0.80 3v 0.35 1.00 4.5v 0.55 1.10 5.5v 0.60 1.20 v oh high level output voltage i oh = -100 a 1.65v to 5.5v v cc ? 0.1 v i oh = -4ma 1.65v 1.2 i oh = -8ma 2.3v 1.9 i oh = -16ma 3v 2.4 i oh = -24ma 2.3 i oh = -32ma 4.5v 3.8 v ol high-level input voltage i ol = 100 a 1.65v to 5.5v 0.1 v i ol = 4ma 1.65v 0.45 i ol = 8ma 2.3v 0.3 i ol = 16ma 3v 0.4 i ol = 24ma 0.55 i ol = 32ma 4.5v 0.55 i i input current v i = 5.5v or gnd 0 to 5.5v 5 a i off power down leakage current v i or v o = 5.5v 0 10 a i cc supply current v i = 5.5v of gnd i o =0 1.65v to 5.5v 10 a i cc additional supply current one input at v cc ?0.6 v other inputs at v cc or gnd 3v to 5.5v 500 a
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 6 of 13 www.diodes.com july 2011 ? diodes incorporated new product electrical charact eristics t a = -40 c to 125 c (all typical values are at v cc = 3.3v, t a = 25c) symbol parameter test conditions v cc min typ. max unit v t+ positive-going input threshold voltage 1.65v 0.70 1.20 2.3v 1.11 1.60 3v 1.50 2.00 4.5v 2.16 2.74 5.5v 2.61 3.33 v t- negative-going input threshold voltage 1.65v 0.30 0.75 2.3v 0.58 1.03 3v 0.80 1.33 4.5v 1.21 1.95 5.5v 1.45 2.35 v t hysteresis (v t+ - v t-) 1.65v 0.30 0.62 2.3v 0.37 0.80 3v 0.32 1.00 4.5v 0.50 1.20 5.5v 0.55 1.40 v oh high level output voltage i oh = -100 a 1.65v to 5.5v v cc ? 0.1 v i oh = -4ma 1.65v 0.95 i oh = -8ma 2.3v 1.7 i oh = -16ma 3v 1.9 i oh = -24ma 2.0 i oh = -32ma 4.5v 3.4 v ol high-level input voltage i ol = 100 a 1.65v to 5.5v 0.1 v i ol = 4ma 1.65 v 0.7 i ol = 8ma 2.3v 0.45 i ol = 16ma 3v 0.6 i ol = 24ma 0.8 i ol = 32ma 4.5v 0.8 i i input current v i = 5.5 v or gnd 0 to 5.5v 100 a i off power down leakage current v i or v o = 5.5v 0 200 a i cc supply current v i = 5.5v of gnd i o =0 1.65v to 5.5v 200 a i cc additional supply current one input at v cc ?0.6 v other inputs at v cc or gnd 3v to 5.5v 5000 a
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 7 of 13 www.diodes.com july 2011 ? diodes incorporated new product package characteristics ( all typical values are at vcc = 3.3v, t a = 25c) symbol parameter test conditions v cc min typ. max unit c i input capacitance v i = v cc ? or gnd 3.3 3.5 pf ja thermal resistance junction-to-ambient sot26 (note 4) 204 o c/w sot363 371 dfn1410 430 dfn1010 510 jc thermal resistance junction-to-case sot26 (note 4) 52 o c/w sot363 143 dfn1410 190 dfn1010 250 notes: 4. test condition for sot26, so t363, dfn1410 and dfn1010 : devi ce mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout. switching characteristics t a = -40 c to 85 c , c l = 30 or 50pf as noted (see figure 1) parameter from (input) to (output) v cc = 1.8v 0.15v v cc = 2.5v 0.2v v cc = 3.3v 0.3v v cc = 5v 0.5v unit min max min max min max min max t pd any y 1.0 14.4 0.7 8.3 0.7 6.3 0.7 5.1 ns t a = -40 c to 125 c , c l = 30 or 50pf as noted (see figure 1) parameter from (input) to (output) v cc = 1.8v 0.15v v cc = 2.5v 0.2v v cc = 3.3v 0.3v v cc = 5v 0.5v unit min max min max min max min max t pd any y 1.0 18.0 0.7 10.4 0.7 7.9 0.7 6.4 ns operating characteristics t a = 25 oc parameter test conditions vcc = 1.8v vcc = 2.5v vcc = 3.3v vcc = 5v unit typ. typ. typ. typ. c pd power dissipation capacitance f = 10 mhz 22 22 23 24 pf
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 8 of 13 www.diodes.com july 2011 ? diodes incorporated new product parameter measurement information v cc inputs v m c l r l v i t r /t f 1.8v0.15v v cc ? 2ns v cc /2 30pf 1k  2.5v0.2v v cc ? 2ns v cc /2 30pf 500  3.3v0.3v 3v ? 2.5ns 1.5v 50pf 500  5v0.5v v cc ? 2.5ns v cc /2 50pf 500  voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1. load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate ? 10 mhz c. inputs are measured separatel y one transition per measurement d. t plh and t phl are the same as t pd
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 9 of 13 www.diodes.com july 2011 ? diodes incorporated new product ordering information device package code packaging (note 7) 7? tape and reel quantity part number suffix 74lvc1g57w6-7 w6 sot26 3000/tape & reel -7 74lvc1g57dw-7 dw sot363 3000/tape & reel -7 74lvc1g57fw4-7 fw4 dfn1010 5000/tape & reel -7 74LVC1G57FZ4-7 fz4 dfn1410 5000/tape & reel -7 notes: 5. pad layout as shown on diodes inc. suggested pad layout document ap02001, which c an be found on our website at http://www.diodes .com/datasheets/ap02001.pdf. 6. the taping orientation is located on our website at http://www.di odes.com/datas heets/ap02007.pdf
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 10 of 13 www.diodes.com july 2011 ? diodes incorporated new product marking information (1) sot26, sot363 part number package identification code 74lvc1g57w6 sot26 tw 74lvc1g57dw sot363 tw (2) dfn1010, dfn1410 part number package identification code 74lvc1g57fw4 dfn1010 tw 74lvc1g57fz4 dfn1410 tw
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 11 of 13 www.diodes.com july 2011 ? diodes incorporated new product package outline dimensions (all dimensions in mm) (1) package type: sot26 (2) package type: sot363 c l c l 0.10/0.30 1.15/1.35 2.0/2.2 0.65bsc. 1.8/2.2 0/0.1 0.9/1.0 1.10max. 0.1/0.22 "a" detail"a" gauge plane 0.25/0.40 c l c l 1.9 c l 6x-0.60 6x-0.42 4x-0.65 0.40/0.45 land pattern recommendation (unit:mm) 0.25 0 / 8 pin 1
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 12 of 13 www.diodes.com july 2011 ? diodes incorporated new product (3) package type: dfn1010 bottom view side view 0.40max. 0/0.05 0.13typ. 6x- 0.05 c 0.08 c c seating plane a 0.95/1.05 0.95/1.05 0.07typ. 0.08 c 2x- 0.14/0.20(6x) 0.35typ. 2x- b 0.08 c 0.07 c ab pin1 top view land pattern recommendation (unit:mm) 0.35/0.45(6x) 0.15min. 0.05/0.15 pin1 0.35typ. 0.20(6x) 0.45(6x) 0.235 0.15min. 0.15 (4) package type dfn1410 bottom view side view 1.35/1.45 0.95/1.05 0.50typ. 6x-0.25/0.35 0.40max. 0.13typ. (pin #1 id) 0.10 c 0.08 c seating plane a b c 0.10 c ab 0.25 a 2x- 0.25 b 2x- 0.10(4x) 6x- 0/0.05 6x-0.15/0.25 0.075? 0.030 c 0 . 1 x 4 5 x top view (mm) land pattern recommendation 6x-0.35 0.550 6x-0.25 4x-0.50typ.
74lvc1g57 configurable multiple-function gate 74lvc1g57 document number: ds35125 rev. 3 - 2 13 of 13 www.diodes.com july 2011 ? diodes incorporated new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products desc ribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fee s arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life support devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVC1G57FZ4-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X