Part Number Hot Search : 
H5200NL DNA100 MMAD1103 CA3240E A3952SW RU75260Q MA4ST408 MS512
Product Description
Full Text Search
 

To Download 2SD669AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon plastic-encapsulate transistor features electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =10madc, i b =0) v (br)cbo collector-base breakdown voltage (i c =1 m adc, i e =0) v (br)ebo emitter-base breakdown voltage (i e =1 m adc, i c =0) 5 .0 --- v dc i cbo collector cutoff current (v cb = 160 vdc, i e =0) --- 10 uadc i ebo emitter cutoff current (v eb = 4 vdc, i c =0) --- 10 uadc on characteristics h fe-1 dc current gain (i c =1 50m adc, v ce = 5 vdc) h fe-2 dc current gain (i c = 5 00madc, v ce = 5 vdc) 3 0 --- --- v ce(sat) collector-emitter saturation voltage (i c = 500m adc, i b = 50m adc) --- 1 . 0 vdc v be base-emitter saturation voltage (v ce = 5v dc, i c = 150m adc) --- 1 . 5 vdc f transition frequency (v ce =5vdc, i c = 150m adc ) classification of h fe rank b c d range 2sd669 60-120 100-200 160-320 revision: a 2011/01/01  
 omp onents 20736 marilla street chatsworth       
     m c c tm micro commercial components www. mccsemi .com 1 of 2 120 vdc 2sd669 2sd669a --- 160 vdc --- 180 vdc --- 2sd669 2sd669a 60 60 320 200 --- --- t 140(typ) mhz c collector output capacitance (v c b = 10 vdc, i e = 0,f=1mhz) 14(typ) pf ob 2sd669a 60-120 100-200 2sd669(a)-c 2sd669-d 2sd669(a) 2sd669(a)-b   






 

0.291 0.307
7.40 7.80  0.417 0.433 10.60 11.00 
0.602 0.618 15.30 15.70 
 4 1 3.90 4.10 
0.118 0.126 3.00 3.20  0.026 0.034 0.66 0.86  0.046 0.054 1.17 1.37 
0.090typ 2.290typ 
0.098 0.114 2.50 2.90 d b n a c e f g q k m n 0.043 0.059 1.10 1.50 q 0.018 0.024 0.45 0.60 l j pin 1. emitter pin 2. collector pin 3. base 1 2 3 l 0.083 0.091 2.10 2.30 m 0.000 0.012 0.00 0.30      dimensions ? capable of 1 watts of power dissipation. ? collector-current 1.5 a ? collector-base voltage 180 v ? operating and storage junction temperature range: -55 o c to +150 o c lead free finish/rohs compliant (note1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 notes: 1. high temperature solder exemption applied, see eu directive annex notes 7.
m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 2 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of 2SD669AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X