Part Number Hot Search : 
HERS104G HERS104G SI7464 CY7C2 SCS220P 1A470 2SB1255 4PB642
Product Description
Full Text Search
 

To Download 2SA812K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SA812K -50 v, -100 ma pnp epitaxial planar transistor 01-june-2002 rev. a page 1 of 2 rohs compliant product a suffix of ?-c? specifies halogen and lead free features z complementary to 2sc1623k z high dc current gain: h fe = 200 typ. (v ce = -6v, i c = -1ma) z high voltage: v ceo = -50v package dimensions absolute maximum ratings at ta = 25 c parameter symbol ratings unit collector to base voltage v cbo -60 v collector to emitter voltage v ceo -50 v emitter to base voltage v ebo -5 v collector currrent i c -100 ma total power dissipation pc 200 mw junction, storage temperature t j , t stg +150, -55 ~ +150 characteristics at ta = 25 c symbol min. typ. max. unit test conditions bvcbo -60 - - v i c =-100ua bvceo -50 - - v i c =-1ma bvebo -5 - - v i e =-100ua i cbo - - -100 na v cb =-60v i ebo - - -100 na v eb =-5v *v ce(sat) - - 300 mv i c =100ma, i b =10ma v be -0.58 - -0.68 v i c = -1ma, v ce = -6v h fe 90 - 600 v ce =-6v, i c =-1ma f t - 180 - mhz v ce =-6v, i c =-10ma c ob - 4.5 - pf v cb = -10v, f = 1 mhz classification of h fe rank p y g b range 90 - 180 135 - 270 200 - 400 300 - 600 marking m4 m5 m6 m7 collector base emitter dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 k j c h l a b s g v 3 1 2 d top view 1 2 3
elektronische bauelemente 2SA812K -50 v, -100 ma pnp epitaxial planar transistor 01-june-2002 rev. a page 2 of 2 characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SA812K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X