Part Number Hot Search : 
14600 10100 AP431 1GPBF 68027 ISL5500 100SG 62000
Product Description
Full Text Search
 

To Download 0569006612MJ9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  76 no. item performance 1 temperature range (?) ?5 to +105 2 leakage current ( m a) less than 0.01 cv + 2 (after two minutes) c: capacitance ( m f), v: voltage (v) 3 capacitance tolerance (%) ?0 4 tangent of loss angle (tan d ) 5 stability at low temperature endurance 6 (105?) (applied ripple current) 7 max. storage temp. (105?) 8 applicable standards jis c 5102 and jis c5141 test time 1000 hrs leakage current initial specified value or less change in capacitance within 15% of initial value tan d 150% or less of initial specified value test time 5000 hrs ( f5 to f 6.3 2000 hrs, f 8 to f 10 is 3000 hrs) leakage current initial specified value or less change in capacitance within ?0% of initial value tan d 200% or less of initial specified value rated voltage (v) 6.3 10 16 25 35 50 63 100 impedance z?5?/z+20? 2 ratio z?5?/z+20? 3 coefficients of frequency for ripple current frequency (hz) 120 1 k 10 k 100 k capacitance ( m f) 0.47 to 4.7 0.40 0.68 0.78 1 5.6 to 47 0.50 0.76 0.87 1 56 to 270 0.70 0.85 0.90 1 330 to 1000 0.80 0.93 0.98 1 1200 to 15000 0.90 0.95 1 1 rjh miniature aluminum electrolytic capacitors photo outline drawing specifications lead spacing and wire diameter f d 0.05 copper clad steel wire (tinned) vent (except f 5) f d + 0.5 max. f d f f d a 5 2.0 0.5 0.5/0.6 6.3 2.5 1.0 2.0 8 3.5 10 5.0 0.6 12.5 16 7.5 0.8 18 f 0.5 sleeve l + a max. 15 min. 5 min. coefficients of temperature for ripple current temperature (?) +70 or less +85 +105 coefficients 1.96 1.68 1 unit: mm series rjh high-frequency, extra low-impedance type very high reliability, biodegradable.. high-frequency, extra low-impedancetype. guaranteed for 5000 hours at 105? (2000 hours for f 5 to f 6.3) (3000 hours for f 8 to f 10) rated voltage (v) 6.3 10 16 25 35 50 63 100 tan d 0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07 0.02 is added to each 1000 m f increase over 1000 m f (20?, 120 hz) (120 hz) (20?, 120 hz) this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. radial type rjh 32646 elna pages 64-79 11/16/98 11:43 am page 76
77 this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. 0.47 1 2.2 3.3 4.7 5.6 8.2 10 12 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1600 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 rjh miniature aluminum electrolytic capacitors case size by working voltage & capacitance (in mm) wv(v) 6.3 10 16 25 35 50 63 100 cap.(?) (mm) 6.3 x 11.5 5 x 15 10 x 20 / 12.5 x 15 10 x 30 / 12.5 x 20 12.5 x 25 / 16 x 15 12.5 x 35 / 16 x 20 12.5x40/16x25/18x20 16 x 31.5 / 18 x 25 16 x 35.5 / 18 x 31.5 16 x 40 / 18 x 35.5 16 x 31.5 18 x 31.5 10 x 16 8 x 20 10 x 25 18 x 40 18 x 15 12.5 x 30 6.3 x 15 8 x 12 8 x 15 / 10 x 12.5 5 x 11.5 6.3 x 11.5 5 x 15 10 x 20 / 12.5 x 15 16 x 15 12.5 x 25 / 18 x 15 12.5 x 35 / 16 x 20 12.5x40/16x25/18x20 16 x 40 / 18 x 35.5 16 x 40 / 18 x 35.5 16 x 31.5 10 x 16 8 x 20 10 x 25 10 x 30 18 x 40 18 x 25 12.5 x 30 6.3 x 15 8 x 12 8 x 15 / 10 x 12.5 5 x 11.5 16 x 35.5 / 18 x 31.5 6.3 x 11.5 6.3 x 11.5 5 x 15 5 x 15 10 x 20 / 12.5 x 15 10 x 30 / 12.5 x 20 12.5 x 30 / 16 x 20 12.5 x 30 / 16 x 20 16 x 31.5 / 18 x 25 16 x 35.5 / 18 x 31.5 16 x 31.5 / 18 x 25 12.5x35/16x25/18x20 12.5x35/16x25/18x20 12.5x25/16x15/18x15 10x30/12.5x20/16x15 10 x 16 10 x 16 8 x 20 10 x 25 18 x 40 18 x 40 18 x 35.5 16 x 35.5 18 x 35.5 18 x 35.5 16 x 40 18 x 15 12.5 x 40 12.5 x 40 12.5 x 25 6.3 x 15 8 x 12 8 x 12 8 x 15 / 10 x 12.5 8 x 15 / 10 x 12.5 6.3 x 15 8 x 20 10 x 20 / 12.5 x 15 10 x 25 5 x 11.5 5 x 11.5 16 x 40 / 18 x 35.5 6.3 x 11.5 5 x 15 12.5 x 30 / 16 x 20 12.5 x 25 / 18 x 15 12.5 x 35 / 16 x 20 16 x 35.5 / 18 x 31.5 16 x 31.5 / 18 x 25 12.5x35/16x25/18x20 10x30/12.5x20/16x15 10 x 12.5 18 x 40 12.5 x 40 8 x 12 8 x 15 / 10 x 16 6.3 x 15 8 x 20 10 x 20 / 12.5 x 15 10 x 25 5 x 11.5 16 x 40 / 18 x 31.5 6.3 x 11.5 5 x 15 12.5 x 25 / 18 x 15 16 x 31.5 / 18 x 25 12.5x40/16x25/18x20 10x30/12.5x20/16x15 18 x 40 12.5 x 30 8 x 12 8 x 15 / 10 x 12.5 6.3 x 15 8 x 20 10 x 20 / 12.5 x 15 10 x 25 10 x 16 5 x 11.5 5 x 11.5 5 x 11.5 10 x 12.5 10 x 12.5 12.5 x 30 / 16 x 20 12.5 x 35 / 18 x 20 12.5 x 40 / 18 x 20 12.5 x 20 / 16 x 15 16 x 40 / 18 x 35. 16 x 35.5 / 18 x 31.5 6.3 x 11.5 5 x 15 5 x 15 16 x 31.5 / 18 x 25 18 x 40 18 x 15 12.5 x 25 8 x 12 8 x 15 / 10 x 16 8 x 15 / 10 x 16 6.3 x 15 6.3 x 11.5 8 x 12 6.3 x 15 8 x 20 8 x 20 10 x 25 / 12.5 x 15 10 x 30 10 x 20 12.5 x 30 / 16 x 20 12.5 x 25 / 16 x 15 12.5 x 35 / 16 x 25 12.5 x 40 / 18 x 20 10 x 30 / 12.5 x 20 16 x 35.5 / 18 x 31.5 16 x 31.5 / 18 x 25 18 x 40 16 x 40 18 x 15 10 x 25 / 12.5 x 15 10 x 20 5 x 11.5 5 x 11.5 12.5 x 20 5 x 11.5 5 x 11.5 5 x 11.5 5 x 11.5 radial type rjh 32646 elna pages 64-79 11/16/98 11:43 am page 77
78 this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. note: impedance 100 khz allowable ripple current 100 khz at 105? rjh miniature aluminum electrolytic capacitors radial type rjh elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) standard ratings 6.3 v rjh-6v101me3 100 5 x 11.5 0.22 0.65 1.46 175 rjh-6v151me4 150 5 x 15 0.22 0.46 1.04 235 rjh-6v221mf3 220 6.3 x 11.5 0.22 0.31 0.70 290 rjh-6v331mf4 330 6.3 x 15 0.22 0.20 0.45 400 rjh-6v471mg3 470 8 x 12 0.22 0.17 0.38 488 rjh-6v681mg4 680 8 x 15 0.22 0.13 0.29 617 rjh-6v681mh3 680 10 x 12.5 0.22 0.10 0.23 625 rjh-6v821mh4 820 10 x 16 0.22 0.080 0.18 825 rjh-6v102mg5 1000 8 x 20 0.22 0.095 0.21 800 rjh-6v122mh5 1200 10 x 20 0.22 0.062 0.14 1010 rjh-6v122mi4 1200 12.5 x 15 0.22 0.062 0.14 1010 rjh-6v152mh6 1500 10 x 25 0.22 0.052 0.12 1190 rjh-6v222mh7 2200 10 x 30 0.24 0.044 0.099 1440 rjh-6v222mi5 2200 12.5 x 20 0.24 0.042 0.095 1400 rjh-6v272mi6 2700 12.5 x 25 0.24 0.034 0.076 1690 rjh-6v272mj4 2700 16 x 15 0.24 0.046 0.10 1310 rjh-6v332mk4 3300 18 x 15 0.26 0.043 0.097 1460 rjh-6v392mi7 3900 12.5 x 30 0.26 0.030 0.068 1950 rjh-6v472mi8 4700 12.5 x 35 0.28 0.024 0.054 2220 rjh-6v472mj5 4700 16 x 20 0.28 0.034 0.077 1660 rjh-6v562mi9 5600 12.5 x 40 0.30 0.021 0.047 2390 rjh-6v562mj6 5600 16 x 25 0.30 0.028 0.063 2070 rjh-6v562mk5 5600 18 x 20 0.30 0.030 0.068 1850 rjh-6v682mj7 6800 16 x 31.5 0.32 0.025 0.056 2350 rjh-6v682mk6 6800 18 x 25 0.32 0.027 0.061 2120 rjh-6v822mj8 8200 16 x 35.5 0.36 0.022 0.050 2550 rjh-6v103mk7 10000 18 x 31.5 0.38 0.023 0.052 2410 rjh-6v123mj9 12000 16 x 40 0.42 0.018 0.041 2970 rjh-6v123mk8 12000 18 x 35.5 0.42 0.019 0.043 2680 rjh-6v153mk9 15000 18 x 40 0.48 0.017 0.038 3010 10 v rjh-10v820me3 82 5 x 11.5 0.19 0.65 1.46 175 rjh-10v101me4 100 5 x 15 0.19 0.46 1.04 235 rjh-10v181mf3 180 6.3 x 11.5 0.19 0.31 0.70 290 rjh-10v221mf4 220 6.3 x 15 0.19 0.20 0.45 400 rjh-10v331mg3 330 8 x 12 0.19 0.17 0.38 488 rjh-10v471mg4 470 8 x 15 0.19 0.13 0.29 617 rjh-10v471mh3 470 10 x 12.5 0.19 0.10 0.23 625 rjh-10v561mh4 560 10 x 16 0.19 0.080 0.18 825 rjh-10v681mg5 680 8 x 20 0.19 0.095 0.21 800 rjh-10v102mh5 1000 10 x 20 0.19 0.062 0.14 1010 rjh-10v102mi4 1000 12.5 x 15 0.19 0.062 0.14 1010 rjh-10v122mh6 1200 10 x 25 0.19 0.052 0.12 1190 rjh-10v152mh7 1500 10 x 30 0.19 0.044 0.099 1440 rjh-10v182mi5 1800 12.5 x 20 0.19 0.042 0.095 1400 rjh-10v182mj4 1800 16 x 15 0.19 0.046 0.10 1310 rjh-10v222mi6 2200 12.5 x 25 0.21 0.034 0.076 1690 rjh-10v222mk4 2200 18 x 15 0.21 0.043 0.097 1460 rjh-10v272mi7 2700 12.5 x 30 0.21 0.030 0.068 1950 rjh-10v332mi8 3300 12.5 x 35 0.23 0.024 0.054 2220 rjh-10v332mj5 3300 16 x 20 0.23 0.034 0.077 1660 rjh-10v392mi9 3900 12.5 x 40 0.23 0.021 0.047 2390 rjh-10v392mj6 3900 16 x 25 0.23 0.028 0.063 2070 rjh-10v392mk5 3900 18 x 20 0.23 0.030 0.068 1850 rjh-10v472mk6 4700 18 x 25 0.25 0.027 0.061 2120 rjh-10v562mj7 5600 16 x 31.5 0.27 0.025 0.056 2350 rjh-10v682mj8 6800 16 x 35.5 0.29 0.022 0.050 2550 rjh-10v682mk7 6800 18 x 31.5 0.29 0.023 0.052 2410 rjh-10v822mj9 8200 16 x 40 0.33 0.018 0.041 2970 rjh-10v822mk8 8200 18 x 35.5 0.33 0.019 0.043 2680 rjh-10v103mk9 10000 18 x 40 0.35 0.017 0.038 3010 16 v rjh-16v560me3 56 5 x 11.5 0.16 0.65 1.46 175 rjh-16v820me4 82 5 x 15 0.16 0.46 1.04 235 rjh-16v121mf3 120 6.3 x 11.5 0.16 0.31 0.70 290 rjh-16v181mf4 180 6.3 x 15 0.16 0.20 0.45 400 rjh-16v271mg3 270 8 x 12 0.16 0.17 0.38 488 rjh-16v331mg4 330 8 x 15 0.16 0.13 0.29 617 rjh-16v331mh3 330 10 x 12.5 0.16 0.10 0.23 625 rjh-16v391mh4 390 10 x 16 0.16 0.080 0.18 825 rjh-16v471mg5 470 8 x 20 0.16 0.095 0.21 800 rjh-16v681mh5 680 10 x 20 0.16 0.062 0.14 1010 rjh-16v681mi4 680 12.5 x 15 0.16 0.062 0.14 1010 32646 elna pages 64-79 11/16/98 11:43 am page 78
79 this catalog printed in u.s.a. on 1 1 /9 9 . specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. note: impedance 100 khz allowable ripple current 100 khz at 105? rjh miniature aluminum electrolytic capacitors radial type rjh elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) standard ratings rjh-16v821mh6 820 10 x 25 0.16 0.052 0.12 1190 rjh-16v122mh7 1200 10 x 30 0.16 0.044 0.099 1440 rjh-16v122mi5 1200 12.5 x 20 0.16 0.042 0.095 1400 rjh-16v152mi6 1500 12.5 x 25 0.16 0.034 0.076 1690 rjh-16v152mj4 1500 16 x 15 0.16 0.046 0.10 1310 rjh-16v152mk4 1500 18 x 15 0.16 0.043 0.097 1460 rjh-16v222mi7 2200 12.5 x 30 0.18 0.030 0.068 1950 rjh-16v222mj5 2200 16 x 20 0.18 0.034 0.077 1660 rjh-16v272mi8 2700 12.5 x 35 0.18 0.024 0.054 2200 rjh-16v272mj6 2700 16 x 25 0.18 0.028 0.063 2070 rjh-16v272mk5 2700 18 x 20 0.18 0.030 0.068 1850 rjh-16v332mi9 3300 12.5 x 40 0.20 0.021 0.047 2390 rjh-16v392mj7 3900 16 x 31.5 0.20 0.025 0.056 2350 rjh-16v392mk6 3900 18 x 25 0.20 0.027 0.061 2120 rjh-16v472mj8 4700 16 x 35.5 0.22 0.022 0.050 2550 rjh-16v472mk7 4700 18 x 31.5 0.22 0.023 0.052 2410 rjh-16v562mj9 5600 16 x 40 0.24 0.018 0.041 2970 rjh-16v682mk8 6800 18 x 35.5 0.26 0.019 0.043 2680 rjh-16v822mk9 8200 18 x 40 0.30 0.017 0.038 3010 25 v rjh-25v390me3 39 5 x 11.5 0.14 0.65 1.46 175 rjh-25v560me4 56 5 x 15 0.14 0.46 1.04 235 rjh-25v820mf3 82 6.3 x 11.5 0.14 0.31 0.70 290 rjh-25v121mf4 120 6.3 x 15 0.14 0.20 0.45 400 rjh-25v181mg3 180 8 x 12 0.14 0.17 0.38 488 rjh-25v221mg4 220 8 x 15 0.14 0.13 0.29 617 rjh-25v221mh3 220 10 x 12.5 0.14 0.10 0.23 625 rjh-25v271mh4 270 10 x 16 0.14 0.080 0.18 825 rjh-25v331mg5 330 8 x 20 0.14 0.095 0.21 800 rjh-25v471mh5 470 10 x 20 0.14 0.062 0.14 1010 rjh-25v471mi4 470 12.5 x 15 0.14 0.062 0.14 1010 rjh-25v561mh6 560 10 x 25 0.14 0.052 0.12 1190 rjh-25v821mh7 820 10 x 30 0.14 0.044 0.099 1440 rjh-25v821mi5 820 12.5 x 20 0.14 0.042 0.095 1400 rjh-25v821mj4 820 16 x 15 0.14 0.046 0.10 1310 rjh-25v102mi6 1000 12.5 x 25 0.14 0.034 0.076 1690 rjh-25v122mk4 1200 18 x 15 0.14 0.043 0.097 1460 rjh-25v152mi7 1500 12.5 x 30 0.14 0.030 0.068 1950 rjh-25v152mj5 1500 16 x 20 0.14 0.034 0.077 1660 rjh-25v182mi8 1800 12.5 x 35 0.14 0.024 0.054 2200 rjh-25v182mj6 1800 16 x 25 0.14 0.028 0.063 2070 rjh-25v182mk5 1800 18 x 20 0.14 0.030 0.068 1850 rjh-25v222mi9 2200 12.5 x 40 0.1 6 0.021 0.047 2390 rjh-25v272mj7 2700 16 x 31.5 0.16 0.025 0.056 2350 rjh-25v272mk6 2700 18 x 25 0.16 0.027 0.061 2120 rjh-25v332mj8 3300 16 x 35.5 0.18 0.022 0.050 2550 rjh-25v332mk7 3300 18 x 31.5 0.18 0.023 0.052 2410 rjh-25v392mj9 3900 16 x 40 0.18 0.018 0.041 2970 rjh-25v392mk8 3900 18 x 35.5 0.18 0.019 0.043 2680 rjh-25v472mk9 4700 18 x 40 0.20 0.017 0.038 3010 35 v rjh-35v270me3 27 5 x 11.5 0.12 0.65 1.46 175 rjh-35v390me4 39 5 x 15 0.12 0.46 1.04 235 rjh-35v560mf3 56 6.3 x 11.5 0.12 0.31 0.70 290 rjh-35v820mf4 82 6.3 x 15 0.12 0.20 0.45 400 rjh-35v121mg3 120 8 x 12 0.12 0.17 0.38 488 rjh-35v151mh3 150 10 x 12.5 0.12 0.10 0.23 625 rjh-35v181mg4 180 8 x 15 0.12 0.13 0.29 617 rjh-35v181mh4 180 10 x 16 0.12 0.080 0.18 825 rjh-35v221mg5 220 8 x 20 0.12 0.095 0.21 800 rjh-35v331mh5 330 10 x 20 0.12 0.062 0.14 1010 rjh-35v331mi4 330 12.5 x 15 0.12 0.062 0.14 1010 rjh-35v391mh6 390 10 x 25 0.12 0.052 0.12 1190 rjh-35v561mh7 560 10 x 30 0.12 0.044 0.099 1440 rjh-35v561mi5 560 12.5 x 20 0.12 0.042 0.095 1400 rjh-35v561mj4 560 16 x 15 0.12 0.046 0.10 1310 rjh-35v681mi6 680 12.5 x 25 0.12 0.034 0.076 1690 rjh-35v681mk4 680 18 x 15 0.12 0.043 0.097 1460 rjh-35v102mi7 1000 12.5 x 30 0.12 0.030 0.068 1950 rjh-35v102mj5 1000 16 x 20 0.12 0.034 0.077 1660 rjh-35v122mi8 1200 12.5 x 35 0.12 0.024 0.054 2200 rjh-35v122mj6 1200 16 x 25 0.12 0.028 0.063 2070 rjh-35v122mk5 1200 18 x 20 0.12 0.030 0.068 1850 rjh-35v152mi9 1500 12.5 x 40 0.12 0.021 0.047 2390 32646 elna pages 64-79 11/16/98 11:43 am page 79
80 this catalog printed in u.s.a. on 1/98. specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. note: impedance 100 khz allowable ripple current 100 khz at 105? rjh miniature aluminum electrolytic capacitors radial type rjh elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) standard ratings rjh-35v182mj7 1800 16 x 31.5 0.12 0.025 0.056 2350 rjh-35v182mk6 1800 18 x 25 0.12 0.027 0.061 2120 rjh-35v222mj8 2200 16 x 35.5 0.14 0.022 0.050 2550 rjh-35v222mk7 2200 18 x 31.5 0.14 0.023 0.052 2410 rjh-35v272mj9 2700 16 x 40 0.14 0.018 0.041 2970 rjh-35v272mk8 2700 18 x 35.5 0.14 0.019 0.043 2680 rjh-35v332mk9 3300 18 x 40 0.16 0.017 0.038 3010 50 v rjh-50vr47me3 0.47 5 x 11.5 0.10 3.9 7.8 22 rjh-50v010me3 1 5 x 11.5 0.10 3.5 7.0 36 rjh-50v2r2me3 2.2 5 x 11.5 0.10 3.0 6.0 54 rjh-50v3r3me3 3.3 5 x 11.5 0.10 2.6 5.2 63 rjh-50v4r7me3 4.7 5 x 11.5 0.10 2.2 4.4 75 rjh-50v100me3 10 5 x 11.5 0.10 1.4 2.8 110 rjh-50v180me3 18 5 x 11.5 0.10 0.95 1.9 120 rjh-50v270me4 27 5 x 15 0.10 0.66 1.32 135 rjh-50v390mf3 39 6.3 x 11.5 0.10 0.43 0.86 148 rjh-50v560mf4 56 6.3 x 15 0.10 0.33 0.66 153 rjh-50v680mg3 68 8 x 12 0.10 0.20 0.40 360 rjh-50v820mg4 82 8 x 15 0.10 0.18 0.36 460 rjh-50v820mh3 82 10 x 12.5 0.10 0.18 0.36 443 rjh-50v101mh4 100 10 x 16 0.10 0.15 0.30 553 rjh-50v121mg5 120 8 x 20 0.10 0.13 0.26 670 rjh-50v181mh5 180 10 x 20 0.10 0.085 0.17 676 rjh-50v181mi4 180 12.5 x 15 0.10 0.095 0.19 745 rjh-50v221mh6 220 10 x 25 0.10 0.075 0.15 876 rjh-50v331mh7 330 10 x 30 0.10 0.055 0.11 1010 rjh-50v331mi5 330 12.5 x 20 0.10 0.060 0.12 979 rjh-50v331mj4 330 16 x 15 0.10 0.065 0.13 982 rjh-50v471mi6 470 12.5 x 25 0.10 0.044 0.088 1180 rjh-50v471mk4 470 18 x 15 0.10 0.048 0.096 1180 rjh-50v561mi7 560 12.5 x 30 0.10 0.040 0.080 1310 rjh-50v681mi8 680 12.5 x 35 0.10 0.036 0.072 1470 rjh-50v681mj5 680 16 x 20 0.10 0.045 0.090 1210 rjh-50v821mi9 820 12.5 x 40 0.10 0.034 0.068 1590 rjh-50v821mj6 820 16 x 25 0.10 0.038 0.076 1490 rjh-50v821mk5 820 18 x 20 0.10 0.036 0.072 1450 rjh-50v102mj7 1000 16 x 31.5 0.10 0.032 0.064 1890 rjh-50v102mk6 1000 18 x 25 0.10 0.032 0.064 1720 rjh-50v122mj8 1200 16 x 35.5 0.10 0.028 0.056 2140 rjh-50v152mj9 1500 16 x 40 0.10 0.026 0.052 2410 rjh-50v152mk7 1500 18 x 31.5 0.10 0.026 0.052 1970 rjh-50v182mk8 1800 18 x 35.5 0.10 0.025 0.050 2310 rjh-50v222mk9 2200 18 x 40 0.12 0.024 0.048 2530 63 v rjh-63v120me3 12 5 x 11.5 0.08 1.2 3.6 120 rjh-63v180me4 18 5 x 15 0.08 0.85 2.6 135 rjh-63v270mf3 27 6.3 x 11.5 0.08 0.55 1.7 148 rjh-63v390mf4 39 6.3 x 15 0.08 0.38 1.1 153 rjh-63v470mg3 47 8 x 12 0.08 0.32 0.96 360 rjh-63v560mh3 56 10 x 12.5 0.08 0.23 0.69 448 rjh-63v680mg4 68 8 x 15 0.08 0.24 0.72 469 rjh-63v680mh4 68 10 x 16 0.08 0.17 0.51 553 rjh-63v820mg5 82 8 x 20 0.08 0.17 0.51 682 rjh-63v121mh5 120 10 x 20 0.08 0.12 0.36 676 rjh-63v151mh6 150 10 x 25 0.08 0.10 0.30 876 rjh-63v151mi4 150 12.5 x 15 0.08 0.11 0.33 745 rjh-63v181mh7 180 10 x 30 0.08 0.085 0.26 1020 rjh-63v221mi5 220 12.5 x 20 0.08 0.075 0.23 979 rjh-63v221mj4 220 16 x 15 0.08 0.080 0.24 982 rjh-63v271mi6 270 12.5 x 25 0.08 0.065 0.20 1180 rjh-63v331mk4 330 18 x 15 0.08 0.065 0.20 1200 rjh-63v391mi7 390 12.5 x 30 0.08 0.055 0.17 1310 rjh-63v391mj5 390 16 x 20 0.08 0.057 0.17 1210 rjh-63v471mi8 470 12.5 x 35 0.08 0.048 0.14 1470 rjh-63v471mj6 470 16 x 25 0.08 0.052 0.16 1490 rjh-63v471mk5 470 18 x 20 0.08 0.058 0.17 1460 rjh-63v561mi9 560 12.5 x 40 0.08 0.042 0.13 1590 rjh-63v681mj7 680 16 x 31.5 0.08 0.042 0.13 1890 rjh-63v681mk6 680 18 x 25 0.08 0.050 0.15 1740 rjh-63v821mj8 820 16 x 35.5 0.08 0.036 0.11 2140 rjh-63v821mk7 820 18 x 31.5 0.08 0.042 0.13 1990 rjh-63v102mj9 1000 16 x 40 0.08 0.032 0.096 2410 rjh-63v102mk8 1000 18 x 35.5 0.08 0.035 0.11 2340 35256 elna corrections 80-95 11/16/98 11:55 am page 80
81 this catalog printed in u.s.a. on 5 /9 9 . specification and dimensions in this catalog are subject to change without notice. if necessary, drawings can be provided. elna part no. / wv (v) cap. size tan d impedance ( ) rip cur. ( m f) ( f x l) (mm) 20? ?0? (marms) rjh miniature aluminum electrolytic capacitors standard ratings note: impedance 100 khz allowable ripple current 100 khz at 105? rjh-63v122mk9 1200 18 x 40 0.08 0.032 0.096 2560 100 v rjh-100v5r6me3 5.6 5 x 11.5 0.07 1.9 7.6 57 rjh-100v8r2me4 8.2 5 x 15 0.07 1.3 5.2 74 rjh-100v120mf3 12 6.3 x 11.5 0.07 1.1 4.4 78 rjh-100v180mf4 18 6.3 x 15 0.07 0.62 2.5 85 rjh-100v220mg3 22 8 x 12 0.07 0.53 2.1 275 rjh-100v270mh3 27 10 x 12.5 0.07 0.47 1.9 319 rjh-100v330mg4 33 8 x 15 0.07 0.35 1.4 360 rjh-100v330mh4 33 10 x 16 0.07 0.32 1.3 424 rjh-100v390mg5 39 8 x 20 0.07 0.27 1.1 490 rjh-100v560mh5 56 10 x 20 0.07 0.25 1.0 499 rjh-100v680mh6 68 10 x 25 0.07 0.18 0.72 634 rjh-100v680mi4 68 12.5 x 15 0.07 0.20 0.80 613 rjh-100v101mh7 100 10 x 30 0.07 0.15 0.60 739 rjh-100v101mi5 100 12.5 x 20 0.07 0.13 0.52 805 rjh-100v121mi6 120 12.5 x 25 0.07 0.11 0.44 857 rjh-100v121mj4 120 16 x 15 0.07 0.13 0.52 706 rjh-100v151mk4 150 18 x 15 0.07 0.12 0.48 871 rjh-100v181mi7 180 12.5 x 30 0.07 0.090 0.36 1120 rjh-100v181mj5 180 16 x 20 0.07 0.11 0.44 916 rjh-100v221mi8 220 12.5 x 35 0.07 0.075 0.30 1240 rjh-100v221mj6 220 16 x 25 0.07 0.081 0.32 1290 rjh-100v271mi9 270 12.5 x 40 0.07 0.060 0.24 1330 rjh-100v271mk5 270 18 x 20 0.07 0.085 0.34 1170 rjh-100v331mj7 330 16 x 31.5 0.07 0.059 0.23 1630 rjh-100v331mk6 330 18 x 25 0.07 0.071 0.28 1500 rjh-100v391mj8 390 16 x 35.5 0.07 0.052 0.21 1750 rjh-100v391mk7 390 18 x 31.5 0.07 0.058 0.23 1630 rjh-100v471mj9 470 16 x 40 0.07 0.045 0.18 1920 rjh-100v561mk8 560 18 x 35.5 0.07 0.054 0.22 1920 rjh-100v681mk9 680 18 x 40 0.07 0.041 0.16 2100 radial type rjh 35256 elna corrections 80-95 11/16/98 11:55 am page 81


▲Up To Search▲   

 
Price & Availability of 0569006612MJ9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X