Part Number Hot Search : 
IRFIB VUO35 BA101 P4N60 SFCV7440 AN2020S FDN361 MMBT1815
Product Description
Full Text Search
 

To Download SR10200S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SR10200S voltage 200 v 10 amp schottky barrier rectifiers elektronische bauelemente 09-mar-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? ? ? ? ? ? rohs compliant product a suffix of ?-c? specifies halogen free features ? high current capability ? high reliability ? high surge current capability ? epitaxial construction ? low forward voltage drop mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 1.933 grams (approximately) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 200 v working peak reverse voltage v rsm 200 v maximum dc blocking voltage v dc 200 v maximum average forward rectified current i f 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 180 a maximum instantaneous forward voltage i f =10,t f = 25 c v f 0.92 v i f =10,t f = 125 c 0.8 maximum dc reverse current at rated dc blocking voltage 3 t a = 25 c i r 0.02 ma t a = 125 c 5 typical junction capacitance 1 c j 250 pf typical thermal resistance 2 r ? c / w operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300us pulse width, 2% duty cycle to-220a dimensions in millimeters 2 1 3 a m j k l l g f b n d e c h o ref. millimete r ref. millimete r min. max. min. max. a 14.68 15.50 h 3.57 4.03 b 9.7 10.4 j - 1.30 c 13.06 14.62 k 0.72 0.96 d 4.22 4.98 l 4.84 5.32 e 1.14 1.38 m 2.48 2.98 f2.20 2.98 n ? ? ?
SR10200S voltage 200 v 10 amp schottky barrier rectifiers elektronische bauelemente 09-mar-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SR10200S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X