Part Number Hot Search : 
1N6157US LT1160IS LT1160IS 20MU11 20MU11 P7NC60 C14018 LX8942
Product Description
Full Text Search
 

To Download SPI47N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2002-01-09 page 1 preliminary data SPI47N10 spp47n10,spb47n10 sipmos ? ? ? ? power-transistor product summary v ds 100 v r ds ( on ) 33 m  i d 47 a feature  n-channel  enhancement mode  175c operating temperature  avalanche rated  d v /d t rated p-to263-3-2 p-to220-3-1 p-to262-3-1 marking 47n10 47n10 47n10 type package ordering code spp47n10 p-to220-3-1 q67040-s4183 spb47n10 p-to263-3-2 q67040-s4173 SPI47N10 p-to262-3-1 q67060-s7431 maximum ratings ,at t j = 25 c, unless otherwise specified parameter symbol value unit continuous drain current t c =25c t c =100c i d 47 33 a pulsed drain current t c =25c i d puls 188 avalanche energy, single pulse i d =47 a , v dd =25v, r gs =25  e as 400 mj avalanche energy, periodic limited by t j max e ar 17.5 reverse diode d v /d t i s =47a, v ds =0v, d i /d t =200a/s d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c =25c p tot 175 w operating and storage temperature t j , t st g -55... +175 c iec climatic category; din iec 68-1 55/175/56
2002-01-09 page 2 preliminary data SPI47N10 spp47n10,spb47n10 thermal characteristics parameter symbol values unit min. typ. max. characteristics thermal resistance, junction - case r thjc - - 0.85 k/w thermal resistance, junction - ambient, leaded r thja - - 62 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja - - - - 62 40 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. static characteristics drain-source breakdown voltage v gs =0v, i d =2ma v (br)dss 100 - - v gate threshold voltage, v gs = v ds i d = 2 ma v gs(th) 2.1 3 4 zero gate voltage drain current v ds =100v, v gs =0v, t j =25c v ds =100v, v gs =0v, t j =150c i dss - - 0.1 - 1 100 a gate-source leakage current v gs =20v, v ds =0v i gss - 10 100 na drain-source on-state resistance v gs =10v, i d =33a r ds(on) - 25 33 m  1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical without blown air.
2002-01-09 page 3 preliminary data SPI47N10 spp47n10,spb47n10 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. dynamic characteristics transconductance g fs v ds  2* i d * r ds(on)max , i d =33a 13 26 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 2000 2500 pf output capacitance c oss - 370 465 reverse transfer capacitance c rss - 190 240 turn-on delay time t d(on) v dd =50v, v gs =10v, i d =47a, r g =4.7  - 25 39 ns rise time t r - 23 36 turn-off delay time t d(off) - 63 99 fall time t f - 15 22.5 gate charge characteristics gate to source charge q gs v dd =80v, i d =47a - 19 28.5 nc gate to drain charge q gd - 29 43.5 gate charge total q g v dd =80v, i d =47a, v gs =0 to 10v - 70 105 gate plateau voltage v (p lateau ) v dd =80v, i d =47a - 6.03 - v reverse diode inverse diode continuous forward current i s t c =25c - - 47 a inverse diode direct current, pulsed i sm - - 188 inverse diode forward voltage v sd v gs =0v, i f =94a - 1.1 1.5 v reverse recovery time t rr v r =50v, i f = l s , d i f /d t =100a/s - 100 150 ns reverse recovery charge q rr - 400 600 nc
2002-01-09 page 4 preliminary data SPI47N10 spp47n10,spb47n10 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 c 190 t c 0 20 40 60 80 100 120 140 160 w 190 spp47n10 p tot 2 drain current i d = f ( t c ) parameter: v gs  10 v 0 20 40 60 80 100 120 140 160 c 190 t c 0 5 10 15 20 25 30 35 40 45 a 55 spp47n10 i d 3 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 c 10 -1 10 0 10 1 10 2 10 3 v v ds 0 10 1 10 2 10 3 10 a spp47n10 i d r d s ( o n ) = v d s / i d dc 10 ms 1 ms 100 s 10 s t p = 7.1 s 4 transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w spp47n10 z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50
2002-01-09 page 5 preliminary data SPI47N10 spp47n10,spb47n10 5 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 80 s 0 1 2 3 4 5 6 v 8 v ds 0 10 20 30 40 50 60 70 80 90 100 a 120 spp47n10 i d v gs [v] a a 4.0 b b 4.5 c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.5 h h 8.0 i i 9.0 j j 9.0 k k 10.0 l p tot = 175 w l 20.0 6 typ. drain-source on resistance r ds(on) = f ( i d ) parameter: v gs 0 20 40 60 80 a 110 i d 10 20 30 40 50 60 70 80 m  100 r ds(on) 9v 10v 20v vgs[v] 8v 5v 5.5v 6v 6.5v 7v 7.5v 7 typ. transfer characteristics i d = f ( v gs ); v ds  2 x i d x r ds(on)max parameter: t p = 80 s 0 1 2 3 4 5 6 7 8 v 10 v gs 0 5 10 15 20 25 30 35 40 45 50 a 60 i d 8 typ. forward transconductance g fs = f( i d ); t j =25c parameter: g fs 0 10 20 30 40 a 60 i d 0 5 10 15 20 25 s 35 g fs
2002-01-09 page 6 preliminary data SPI47N10 spp47n10,spb47n10 9 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 33 a, v gs = 10 v -60 -20 20 60 100 140 c 200 t j 0 10 20 30 40 50 60 70 80 90 100 110 m  130 spp47n10 r ds(on) typ 98% 10 gate threshold voltage v gs(th) = f ( t j ) parameter: v gs = v ds , i d = 2 ma -60 -20 20 60 100 140 v 200 t j 0 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 4 4.4 v 5 v gs(th) min typ max 11 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 5 10 15 20 25 30 v 40 v ds 2 10 3 10 4 10 pf c c iss c oss c rss 12 forward character. of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd 0 10 1 10 2 10 3 10 a spp47n10 i f t j = 25 c typ t j = 25 c (98%) t j = 175 c typ t j = 175 c (98%)
2002-01-09 page 7 preliminary data SPI47N10 spp47n10,spb47n10 13 typ. avalanche energy e as = f ( t j ) par.: i d = 47 a , v dd = 25 v, r gs = 25  20 40 60 80 100 120 140 c 180 t j 0 50 100 150 200 250 300 350 400 450 500 550 mj 650 e as 14 typ. gate charge v gs = f ( q gate ) parameter: i d = 47 a pulsed 0 20 40 60 80 nc 110 q gate 0 2 4 6 8 10 12 v 16 spp47n10 v gs 0,8 v ds max ds max v 0,2 15 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 c 200 t j 90 92 94 96 98 100 102 104 106 108 110 112 114 v 120 spp47n10 v (br)dss
2002-01-09 page 8 preliminary data SPI47N10 spp47n10,spb47n10 published by infineon technologies ag , bereichs kommunikation st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 1999 all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies reprensatives worldwide (see address list). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. further information please notice that the part number is bspp47n10, bspb47n10 and bSPI47N10, for simplicity the device is referred to by the term spp47n10, spb47n10 and SPI47N10 throughout this documentation


▲Up To Search▲   

 
Price & Availability of SPI47N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X